Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KA7815AE Arkusz danych(PDF) 10 Page - Fairchild Semiconductor

Numer części KA7815AE
Szczegółowy opis  3-Terminal 1A Positive Voltage Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA7815AE Arkusz danych(HTML) 10 Page - Fairchild Semiconductor

Back Button KA7815AE Datasheet HTML 6Page - Fairchild Semiconductor KA7815AE Datasheet HTML 7Page - Fairchild Semiconductor KA7815AE Datasheet HTML 8Page - Fairchild Semiconductor KA7815AE Datasheet HTML 9Page - Fairchild Semiconductor KA7815AE Datasheet HTML 10Page - Fairchild Semiconductor KA7815AE Datasheet HTML 11Page - Fairchild Semiconductor KA7815AE Datasheet HTML 12Page - Fairchild Semiconductor KA7815AE Datasheet HTML 13Page - Fairchild Semiconductor KA7815AE Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
10
www.fairchildsemi.com
KA78XXE/KA78XXAE Rev. 1.0.
2
Electrical Characteristics (KA7818E) (Continued)
Refer to test circuit, 0°C < TJ < 125°C, IO = 500mA, VI = 27V, CI = 0.33µF, CO = 0.1µF, unless otherwise specified.
Notes:
15. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must
be taken into account separately. Pulse testing with low duty is used.
16. These parameters, although guaranteed, are not 100% tested in production.
Symbol
Parameter
Conditions
KA7818E
Unit
Min.
Typ. Max.
VO
Output Voltage
TJ = +25°C
17.3
18
18.7
V
5.0mA
≤ IO ≤ 1.0A, PO ≤ 15W
VI = 21V to 33V
17.1
18
18.9
Regline
Line Regulation(15)
TJ = +25°CVI = 21V to 33V
15
360
mV
VI = 24V to 30V
5
180
Regload
Load Regulation(15)
TJ = +25°CIO = 5mA to 1.5A
15
360
mV
IO = 250mA to 750mA
5.0
180
IQ
Quiescent Current
TJ = +25°C–
5.2
8.0
mA
∆IQ
Quiescent Current Change
IO = 5mA to 1.0A
0.5
mA
VI = 21V to 33V
1
∆VO/∆T
Output Voltage Drift(16)
IO = 5mA
-1
mV/
°C
VN
Output Noise Voltage
f = 10Hz to 100kHz, TA = +25°C–
110
µV/Vo
RR
Ripple Rejection(16)
f = 120Hz
VI = 22V to 32V
53
69
dB
VDrop
Dropout Voltage
IO = 1A, TJ = +25°C
2
V
rO
Output Resistance(16)
f = 1kHz
22
m
ISC
Short Circuit Current
VI = 35V, TA = +25°C–
250
mA
IPK
Peak Current(16)
TJ = +25°C–
2.2
A


Podobny numer części - KA7815AE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA7815AE FAIRCHILD-KA7815AE Datasheet
254Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
KA7815AE FAIRCHILD-KA7815AE Datasheet
568Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
KA7815AETU FAIRCHILD-KA7815AETU Datasheet
2Mb / 26P
   3-Terminal 1A Positive Voltage Regulator
KA7815AETU FAIRCHILD-KA7815AETU Datasheet
413Kb / 27P
   3-Terminal 1 A Positive Voltage Regulator
logo
ON Semiconductor
KA7815AETU ONSEMI-KA7815AETU Datasheet
534Kb / 29P
   3-Terminal 1 A Positive Voltage Regulator
April 2015 Rev. 1.9
More results

Podobny opis - KA7815AE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com