Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

QXX8E3 Arkusz danych(PDF) 5 Page - Littelfuse

Numer części QXX8E3
Szczegółowy opis  0.8 Amp bi-directional solid state switch series is designed for AC switching
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LITTELFUSE [Littelfuse]
Strona internetowa  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

QXX8E3 Arkusz danych(HTML) 5 Page - Littelfuse

  QXX8E3 Datasheet HTML 1Page - Littelfuse QXX8E3 Datasheet HTML 2Page - Littelfuse QXX8E3 Datasheet HTML 3Page - Littelfuse QXX8E3 Datasheet HTML 4Page - Littelfuse QXX8E3 Datasheet HTML 5Page - Littelfuse QXX8E3 Datasheet HTML 6Page - Littelfuse QXX8E3 Datasheet HTML 7Page - Littelfuse QXX8E3 Datasheet HTML 8Page - Littelfuse QXX8E3 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
19
©2010 Littelfuse, Inc
Revised: March 31, 2010 03:44 PM
Teccor® brand Thyristors
Specifications are subject to change without notice.
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
LxX8Ex & LxXx & QxX8Ex & QxXx Series
0.8 Amp Sensitive & Standard Triacs
1
10
100
1000
10
Surge Current Duration – Full Cycles
1
100
Figure 9: Surge Peak On-State Current vs. Number of Cycles
Notes:
following surge current interval.
2. Overload may not be repeated until junction
temperature has returned to steady-state
rated value.
Soldering Parameters
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
Preheat
Preheat
Ramp-up
Ramp-up
Ramp-down
Ramp-do
Reflow Condition
Pre Heat
- Temperature Min (T
s(min))
150°C
- Temperature Max (T
s(max))
200°C
- Time (min to max) (t
s)
Average ramp up rate (Liquidus Temp)
(T
L) to peak
5°C/second max
T
S(max) to TL - Ramp-up Rate
5°C/second max
Reflow
- Temperature (T
L) (Liquidus)
217°C
- Temperature (t
L)
Peak Temperature (T
P)
260+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
Ramp-down Rate
5°C/second max
Time 25°C to peak Temperature (T
P)
Do not exceed
280°C


Podobny numer części - QXX8E3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
QXX04D3 LITTELFUSE-QXX04D3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX04D3 LITTELFUSE-QXX04D3 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
Qxx04D3 LITTELFUSE-Qxx04D3 Datasheet
715Kb / 10P
   4 Amp Sensitive & Standard Triacs
QXX04D4 LITTELFUSE-QXX04D4 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX04D4 LITTELFUSE-QXX04D4 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
More results

Podobny opis - QXX8E3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
   12 Amp bi-directional solid state switch series is designed for AC switching
Q6006LH456 LITTELFUSE-Q6006LH456 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX25R5 LITTELFUSE-QXX25R5 Datasheet
278Kb / 11P
   25 Amp bi-directional solid state switch series is designed for AC switching
Q6004L4 LITTELFUSE-Q6004L4 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
QXX40KH6 LITTELFUSE-QXX40KH6 Datasheet
216Kb / 7P
   40 Amp bi-directional solid state switch series is designed for AC switching
QXX35P5 LITTELFUSE-QXX35P5 Datasheet
925Kb / 9P
   30 Amp / 35 Amp bi-directional solid state switch series is designed for AC switching
LX08L6 LITTELFUSE-LX08L6 Datasheet
435Kb / 14P
   8 Amp bi-directional solid state switch series is designed for AC switching and phase
Q6016LH456 LITTELFUSE-Q6016LH456 Datasheet
974Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com