Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

QXX8E3 Arkusz danych(PDF) 7 Page - Littelfuse

Numer części QXX8E3
Szczegółowy opis  0.8 Amp bi-directional solid state switch series is designed for AC switching
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LITTELFUSE [Littelfuse]
Strona internetowa  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

QXX8E3 Arkusz danych(HTML) 7 Page - Littelfuse

Back Button QXX8E3 Datasheet HTML 2Page - Littelfuse QXX8E3 Datasheet HTML 3Page - Littelfuse QXX8E3 Datasheet HTML 4Page - Littelfuse QXX8E3 Datasheet HTML 5Page - Littelfuse QXX8E3 Datasheet HTML 6Page - Littelfuse QXX8E3 Datasheet HTML 7Page - Littelfuse QXX8E3 Datasheet HTML 8Page - Littelfuse QXX8E3 Datasheet HTML 9Page - Littelfuse QXX8E3 Datasheet HTML 10Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
21
©2010 Littelfuse, Inc
Revised: March 31, 2010 03:44 PM
Teccor® brand Thyristors
Specifications are subject to change without notice.
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
LxX8Ex & LxXx & QxX8Ex & QxXx Series
0.8 Amp Sensitive & Standard Triacs
Dimensions — Compak (C Package)
0.079
(2.0)
0.040
(1.0)
0.030
(0.76)
0.079
(2.0)
0.079
(2.0)
0.110
(2.8)
Pad Outline
H
K
J
E
F
L
G
A
C
B
M
D
N
P
Gate
MT1
MT2
TC /TLTemperature
Measurement Point
Dimensions are in inches
(and millimeters).
Dimension
Inches
Millimeters
Min
Max
Min
Max
A
0.130
0.156
3.30
B
0.201
0.220
5.10
5.60
C
0.077
0.087
2.20
D
0.181
4.05
4.60
E
0.030
0.063
0.75
1.60
0.075
2.45
0.002
0.008
0.05
0.20
0.077
0.104
2.65
J
0.043
0.053
1.35
K
0.006
0.016
0.15
0.41
L
0.030
0.055
0.76
1.40
0.022
0.028
0.56
0.71
N
0.027
0.033
0.84
P
0.052
0.058
1.32
1.47
Product Selector
Part Number
Voltage
Gate Sensitivity Quadrants
Type
Package
400V
600V
I – II – III
IV
LxX8E3
X
X
3 mA
3 mA
LxX3
X
X
3 mA
3 mA
Compak
LxX8E5
X
X
5 mA
5 mA
LxX5
X
X
5 mA
5 mA
Compak
LxX8E6
X
X
5 mA
10 mA
LxX8E8
X
X
10 mA
20 mA
QxX8E3
X
X
10 mA
QxX3
X
X
10 mA
Compak
QxX8E4
X
X
25 mA
QxX4
X
X
25 mA
Compak
Note: x = voltage
Packing Options
Part Number
Marking
Weight
Packing Mode
Base Quantity
L/QxX8Ey
L/QxX8Ey
0.188 g
Bulk
2000
L/QxX8Ey
0.188 g
2000
L/QxX8EyAP
L/QxX8Ey
0.188 g
Ammo Pack
2000
L/QxXy
0.081 g
Embossed Carrier
2500
Note: x = voltage, y = sensitivity


Podobny numer części - QXX8E3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
QXX04D3 LITTELFUSE-QXX04D3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX04D3 LITTELFUSE-QXX04D3 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
Qxx04D3 LITTELFUSE-Qxx04D3 Datasheet
715Kb / 10P
   4 Amp Sensitive & Standard Triacs
QXX04D4 LITTELFUSE-QXX04D4 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX04D4 LITTELFUSE-QXX04D4 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
More results

Podobny opis - QXX8E3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
   12 Amp bi-directional solid state switch series is designed for AC switching
Q6006LH456 LITTELFUSE-Q6006LH456 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX25R5 LITTELFUSE-QXX25R5 Datasheet
278Kb / 11P
   25 Amp bi-directional solid state switch series is designed for AC switching
Q6004L4 LITTELFUSE-Q6004L4 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
QXX40KH6 LITTELFUSE-QXX40KH6 Datasheet
216Kb / 7P
   40 Amp bi-directional solid state switch series is designed for AC switching
QXX35P5 LITTELFUSE-QXX35P5 Datasheet
925Kb / 9P
   30 Amp / 35 Amp bi-directional solid state switch series is designed for AC switching
LX08L6 LITTELFUSE-LX08L6 Datasheet
435Kb / 14P
   8 Amp bi-directional solid state switch series is designed for AC switching and phase
Q6016LH456 LITTELFUSE-Q6016LH456 Datasheet
974Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com