Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

QXX40K7 Arkusz danych(PDF) 6 Page - Littelfuse

Numer części QXX40K7
Szczegółowy opis  40 Amp bi-directional solid state switch series is designed for AC switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LITTELFUSE [Littelfuse]
Strona internetowa  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

QXX40K7 Arkusz danych(HTML) 6 Page - Littelfuse

  QXX40K7 Datasheet HTML 1Page - Littelfuse QXX40K7 Datasheet HTML 2Page - Littelfuse QXX40K7 Datasheet HTML 3Page - Littelfuse QXX40K7 Datasheet HTML 4Page - Littelfuse QXX40K7 Datasheet HTML 5Page - Littelfuse QXX40K7 Datasheet HTML 6Page - Littelfuse QXX40K7 Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
152
Revised: May 10, 2010 09:33 PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
40 Amp Alternistor (High Commutation) Triacs
Qxx40xx Series
Dimensions — TO-218X (J Package) — Isolated Mounting Tab
Dimension
Inches
Millimeters
Min
Max
Min
Max
A
0.810
0.835
20.57
21.21
B
0.610
0.630
15.49
16.00
C
0.178
0.188
4.52
4.78
D
0.055
0.070
1.40
1.78
E
0.487
0.497
12.37
12.62
F
0.635
0.655
16.13
16.64
G
0.022
0.029
0.56
0.74
H
0.075
0.095
1.91
2.41
J
0.575
0.625
14.61
15.88
K
0.256
0.264
6.50
6.71
L
0.220
0.228
5.58
5.79
M
0.080
0.088
2.03
2.24
N
0.169
0.177
4.29
4.49
P
0.034
0.042
0.86
1.07
R
0.113
0.121
2.87
3.07
S
0.086
0.096
2.18
2.44
T
0.156
0.166
3.96
4.22
U
0.164
0.165
4.10
4.20
V
0.603
0.618
15.31
15.70
W
0.000
0.005
0.00
0.13
X
0.003
0.012
0.07
0.30
Y
0.028
0.032
0.71
0.81
Z
0.085
0.095
2.17
2.42
Dimensions — TO-218AC (K Package) — Isolated Mounting Tab
Dimension
Inches
Millimeters
Min
Max
Min
Max
A
0.810
0.835
20.57
21.21
B
0.610
0.630
15.49
16.00
C
0.178
0.188
4.52
4.78
D
0.055
0.070
1.40
1.78
E
0.487
0.497
12.37
12.62
F
0.635
0.655
16.13
16.64
G
0.022
0.029
0.56
0.74
H
0.075
0.095
1.91
2.41
J
0.575
0.625
14.61
15.88
K
0.211
0.219
5.36
5.56
L
0.422
0.437
10.72
11.10
M
0.058
0.068
1.47
1.73
N
0.045
0.055
1.14
1.40
P
0.095
0.115
2.41
2.92
Q
0.008
0.016
0.20
0.41
R
0.008
0.016
0.20
0.41
U
0.164
0.165
4.10
4.20
W
0.085
0.095
2.17
2.42
G
R
Y
H
D
C
K
B
A
E
F
N
T
M
P
J
L
S
V
U DIA.
W
X
MT1
MT2
Tc
Measurement
Point
Gate
Note: Maximum torque to
be applied to mounting tab
is 8 in-lbs. (0.904 Nm).
Z
C
D
H
G
F
B
A
E
T
C Measurement Point
U (diameter)
P
Gate
J
MT2
MT1
M
N
K
L
R
Q
Note: Maximum torque
to be applied to mounting
tab is 8 in-lbs. (0.904 Nm).
W


Podobny numer części - QXX40K7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
QXX4 LITTELFUSE-QXX4 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
More results

Podobny opis - QXX40K7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
LXX8E3 LITTELFUSE-LXX8E3 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
   12 Amp bi-directional solid state switch series is designed for AC switching
Q6006LH456 LITTELFUSE-Q6006LH456 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX25R5 LITTELFUSE-QXX25R5 Datasheet
278Kb / 11P
   25 Amp bi-directional solid state switch series is designed for AC switching
Q6004L4 LITTELFUSE-Q6004L4 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
QXX35P5 LITTELFUSE-QXX35P5 Datasheet
925Kb / 9P
   30 Amp / 35 Amp bi-directional solid state switch series is designed for AC switching
LX08L6 LITTELFUSE-LX08L6 Datasheet
435Kb / 14P
   8 Amp bi-directional solid state switch series is designed for AC switching and phase
Q6016LH456 LITTELFUSE-Q6016LH456 Datasheet
974Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com