Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA8295 Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części TDA8295
Szczegółowy opis  Digital global standard low IF demodulator for analog TV and FM radio
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8295 Arkusz danych(HTML) 5 Page - NXP Semiconductors

  TDA8295_09 Datasheet HTML 1Page - NXP Semiconductors TDA8295_09 Datasheet HTML 2Page - NXP Semiconductors TDA8295_09 Datasheet HTML 3Page - NXP Semiconductors TDA8295_09 Datasheet HTML 4Page - NXP Semiconductors TDA8295_09 Datasheet HTML 5Page - NXP Semiconductors TDA8295_09 Datasheet HTML 6Page - NXP Semiconductors TDA8295_09 Datasheet HTML 7Page - NXP Semiconductors TDA8295_09 Datasheet HTML 8Page - NXP Semiconductors TDA8295_09 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 83 page
background image
TDA8295_C2_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 27 November 2009
5 of 83
NXP Semiconductors
TDA8295
Digital global standard low IF demodulator for analog TV and FM radio
[1]
100 % ADC current; 100 % video DAC current; 50 % sound DAC current.
[2]
100 % ADC current; 50 % video DAC current; 25 % sound DAC current.
[3]
The pull-in range can be doubled to
±1660 kHz by I2C-bus register like described in Table 16. Then the AFC read-out has 256 steps.
5.
Ordering information
BAF(−3dB)
−3 dB AF bandwidth
AM
20
27
-
kHz
FM
40
50
-
kHz
(S/N)w(AF)
AF weighted
signal-to-noise ratio
via internal mono sound demodulator;
“ITU-R BS.468-4”; FM mode related to
27 kHz deviation before
pre-emphasis; 10 % residual PC; SC1
color bar picture
54
58
-
dB
via internal mono sound demodulator;
“ITU-R BS.468-4”; AM; m = 54 %; 3 %
residual PC; SC1
color bar picture
43
46
-
dB
Table 1.
Quick reference data …continued
Power supplies 3.3 V, 1.2 V; Tamb = 25 °C; PC / SC1 for L and M = 10 dB, all others 13 dB; residual picture carrier for L = 3 %,
all others 10 %; FM/AM modulation = 54 %, 1 kHz modulation frequency; measured in application PCB (see Figure 15) with
16 MHz crystal frequency, loaded with 75
Ω (CVBS) and 1 kΩ (SSIF/audio). Values are meant for ‘easy programming’
settings (recommended) except internal mono audio and IF demodulation. The low IF spectrum is delivered by a professional
downconverter.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 2.
Ordering information
Type number
Package
Name
Description
Version
TDA8295HN/C2
HVQFN40
plastic thermal enhanced very thin quad flat package; no leads;
40 terminals; body 6
× 6 × 0.85 mm
SOT618-1


Podobny numer części - TDA8295_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8295HN NXP-TDA8295HN Datasheet
474Kb / 77P
   Digital global standard low IF demodulator for analog TV and FM radio
Rev. 01-4 February 2008
More results

Podobny opis - TDA8295_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8295 NXP-TDA8295 Datasheet
474Kb / 77P
   Digital global standard low IF demodulator for analog TV and FM radio
Rev. 01-4 February 2008
TDA8296 NXP-TDA8296 Datasheet
2Mb / 87P
   Digital global standard low IF demodulator for analog TV and FM radio
Rev. 1-3 March 2011
SAA7131E NXP-SAA7131E Datasheet
335Kb / 66P
   Global standard low-IF demodulator and PCI audio and video decoder for analog TV
Rev. 03-19 May 2008
TDA9809M PHILIPS-TDA9809M Datasheet
186Kb / 40P
   Single standard multimedia IF-PLL and FM radio demodulator
1998 Jan 08
TDA1596 PHILIPS-TDA1596 Datasheet
346Kb / 20P
   IF amplifier/demodulator for FM radio receivers
April 1991
logo
TEMIC Semiconductors
U828B TEMIC-U828B Datasheet
84Kb / 5P
   FM IF AMPLIFIER AND DEMODULATOR FOR TV SOUND APPLICATION
logo
NXP Semiconductors
TDA1596T PHILIPS-TDA1596T Datasheet
400Kb / 22P
   IF amplifier/demodulator for FM radio receivers
April 1991
TDA1599 PHILIPS-TDA1599 Datasheet
262Kb / 22P
   IF amplifier/demodulator for FM radio receivers
May 1994
TDA1597 PHILIPS-TDA1597 Datasheet
200Kb / 24P
   IF amplifier/demodulator for FM radio receivers
1997 Feb 27
TDA9816M PHILIPS-TDA9816M Datasheet
286Kb / 44P
   Multistandard multimedia IF-PLL and FM radio demodulator
1997 Nov 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com