Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA8295HN Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części TDA8295HN
Szczegółowy opis  Digital global standard low IF demodulator for analog TV and FM radio
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8295HN Arkusz danych(HTML) 2 Page - NXP Semiconductors

  TDA8295HN Datasheet HTML 1Page - NXP Semiconductors TDA8295HN Datasheet HTML 2Page - NXP Semiconductors TDA8295HN Datasheet HTML 3Page - NXP Semiconductors TDA8295HN Datasheet HTML 4Page - NXP Semiconductors TDA8295HN Datasheet HTML 5Page - NXP Semiconductors TDA8295HN Datasheet HTML 6Page - NXP Semiconductors TDA8295HN Datasheet HTML 7Page - NXP Semiconductors TDA8295HN Datasheet HTML 8Page - NXP Semiconductors TDA8295HN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 83 page
background image
TDA8295_C2_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 27 November 2009
2 of 83
NXP Semiconductors
TDA8295
Digital global standard low IF demodulator for analog TV and FM radio
I2C-bus interface and I2C-bus feed-through for tuner programming
Four I2C-bus addresses selectable via two external pins
Gated IF AGC acting on black level by using H/V PLL or peak IF AGC (I2C-bus
selectable)
Internal digital logarithmic IF AGC amplifier with up to 48 dB gain and 68 dB control
range
Peak search tuner IF AGC for optimal adaptive drive of the IF ADC
Switchable IF PLL and IF AGC loop bandwidths
Precise AFC and lock detector
Accurate group delay equalization for all standards
Very robust IF demodulator coping with adverse field conditions
Wide PLL pull-in range up to
±1660 kHz (I2C-bus selectable)
CVBS and SSIF or audio output with simple postfilter (capacitor only)
CVBS gain levelling stage to provide nearly constant signal amplitude during
overmodulation
Video equalizer with eight settings
Nyquist filter in video baseband
Excellent video S/N (typically 62 dB weighted)
High selectivity video low-pass filter for all standards
Low video into sound crosstalk
Sound performance comparable to QSS single reference concepts
AM/FM mono sound demodulator
Switchable de-emphasis
Excellent FM sound
Good AM sound
High FM Deviation mode for China
Preprocessing of FM radio (mono and stereo) with highly selective digital band-pass
filter
No ceramic filter or external components needed for FM radio
FM radio available in mono
Automatic or forced mute for mono sound
Automatic or forced blank for video
Mostly digital FIR filter implementation (NSC notches and video low-pass filters)
Three GPIO pins
Power-On Reset (POR) block for reliable power-up behavior
Low total power dissipation (typically 465 mW)
Standby mode (typically 7 mW)
40-pin HVQFN package
CMOS technology (0.12
μm 1.2 V and 3.3 V)
3.
Applications
PC TV applications
DVD recorders
TV applications


Podobny numer części - TDA8295HN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8295HN NXP-TDA8295HN Datasheet
474Kb / 77P
   Digital global standard low IF demodulator for analog TV and FM radio
Rev. 01-4 February 2008
More results

Podobny opis - TDA8295HN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8295 NXP-TDA8295 Datasheet
474Kb / 77P
   Digital global standard low IF demodulator for analog TV and FM radio
Rev. 01-4 February 2008
TDA8296 NXP-TDA8296 Datasheet
2Mb / 87P
   Digital global standard low IF demodulator for analog TV and FM radio
Rev. 1-3 March 2011
SAA7131E NXP-SAA7131E Datasheet
335Kb / 66P
   Global standard low-IF demodulator and PCI audio and video decoder for analog TV
Rev. 03-19 May 2008
TDA9809M PHILIPS-TDA9809M Datasheet
186Kb / 40P
   Single standard multimedia IF-PLL and FM radio demodulator
1998 Jan 08
TDA1596 PHILIPS-TDA1596 Datasheet
346Kb / 20P
   IF amplifier/demodulator for FM radio receivers
April 1991
logo
TEMIC Semiconductors
U828B TEMIC-U828B Datasheet
84Kb / 5P
   FM IF AMPLIFIER AND DEMODULATOR FOR TV SOUND APPLICATION
logo
NXP Semiconductors
TDA1596T PHILIPS-TDA1596T Datasheet
400Kb / 22P
   IF amplifier/demodulator for FM radio receivers
April 1991
TDA1599 PHILIPS-TDA1599 Datasheet
262Kb / 22P
   IF amplifier/demodulator for FM radio receivers
May 1994
TDA1597 PHILIPS-TDA1597 Datasheet
200Kb / 24P
   IF amplifier/demodulator for FM radio receivers
1997 Feb 27
TDA9816M PHILIPS-TDA9816M Datasheet
286Kb / 44P
   Multistandard multimedia IF-PLL and FM radio demodulator
1997 Nov 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com