Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA8295C2 Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części TDA8295C2
Szczegółowy opis  Digital global standard low IF demodulator for analog TV and FM radio
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8295C2 Arkusz danych(HTML) 3 Page - NXP Semiconductors

  TDA8295C2 Datasheet HTML 1Page - NXP Semiconductors TDA8295C2 Datasheet HTML 2Page - NXP Semiconductors TDA8295C2 Datasheet HTML 3Page - NXP Semiconductors TDA8295C2 Datasheet HTML 4Page - NXP Semiconductors TDA8295C2 Datasheet HTML 5Page - NXP Semiconductors TDA8295C2 Datasheet HTML 6Page - NXP Semiconductors TDA8295C2 Datasheet HTML 7Page - NXP Semiconductors TDA8295C2 Datasheet HTML 8Page - NXP Semiconductors TDA8295C2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 83 page
background image
TDA8295_C2_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 27 November 2009
3 of 83
NXP Semiconductors
TDA8295
Digital global standard low IF demodulator for analog TV and FM radio
4.
Quick reference data
Table 1.
Quick reference data
Power supplies 3.3 V, 1.2 V; Tamb = 25 °C; PC / SC1 for L and M = 10 dB, all others 13 dB; residual picture carrier for L = 3 %,
all others 10 %; FM/AM modulation = 54 %, 1 kHz modulation frequency; measured in application PCB (see Figure 15) with
16 MHz crystal frequency, loaded with 75
Ω (CVBS) and 1 kΩ (SSIF/audio). Values are meant for ‘easy programming’
settings (recommended) except internal mono audio and IF demodulation. The low IF spectrum is delivered by a professional
downconverter.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Power supply
VDD(1V2)
supply voltage (1.2 V)
digital and analog
1.08
1.2
1.32
V
VDD(3V3)
supply voltage (3.3 V)
digital and analog
2.97
3.3
3.63
V
IDD(tot)(1V2)
total supply current (1.2 V)
-
28
33
mA
IDD(tot)(3V3)
total supply current (3.3 V)
[1] -
168
179
mA
Ptot
total power dissipation
default settings; 75
Ω drive;
fs = 54 MHz at ADC; including DAC
loads; RRSET = 1 kΩ
[1] -
575
631
mW
Power-save mode; fs = 54 MHz at
ADC; including DAC loads;
RRSET = 2 kΩ; see Section 13.6
[2] -
465
510
mW
Standby mode
-
7
10
mW
IF input
Vi(p-p)
peak-to-peak input voltage for full-scale ADC input (0 dBFS)
1.8
2.0
2.2
V
Vi
input voltage
operational input related to ADC full
scale; all standards; sum of all signals
−3
−3
−3
dBFS
fi
input frequency
PC / SC1
M/N standard
-
5.75 / 1.25 -
MHz
B standard
-
6.75 / 1.25 -
MHz
G/H standard
-
7.75 / 2.25 -
MHz
I standard
-
7.75 / 1.75 -
MHz
DK and L standard
-
7.75 / 1.25 -
MHz
L-accent standard
-
1.25 / 7.75 -
MHz
FM radio
-
1.25
-
MHz
Carrier recovery FPLL
B−3dB(cl)
closed-loop
−3 dB
bandwidth
wide
60
60
60
kHz
Δf
pullin
pull-in frequency range
see Figure 11
[3] -
±830
-
kHz
mover(PC)
picture carrier
overmodulation index
black for L/L-accent standard; flat field
white else
115
117
-
%
IF demodulation (video equalizer in Flat mode)
α
sup(stpb)
stop-band suppression
video low-pass filter (M/N, B/G/H, I,
D/K, L/L-accent standard)
-
−60
-
dB
tripple(GDE)
group delay equalizer
ripple time
peak value for B/G/H half, D/K half,
I flat, M (FCC) full, L/L-accent full
standard
-
20
40
ns


Podobny numer części - TDA8295C2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8295 NXP-TDA8295 Datasheet
474Kb / 77P
   Digital global standard low IF demodulator for analog TV and FM radio
Rev. 01-4 February 2008
TDA8295HN NXP-TDA8295HN Datasheet
474Kb / 77P
   Digital global standard low IF demodulator for analog TV and FM radio
Rev. 01-4 February 2008
More results

Podobny opis - TDA8295C2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA8295 NXP-TDA8295 Datasheet
474Kb / 77P
   Digital global standard low IF demodulator for analog TV and FM radio
Rev. 01-4 February 2008
TDA8296 NXP-TDA8296 Datasheet
2Mb / 87P
   Digital global standard low IF demodulator for analog TV and FM radio
Rev. 1-3 March 2011
SAA7131E NXP-SAA7131E Datasheet
335Kb / 66P
   Global standard low-IF demodulator and PCI audio and video decoder for analog TV
Rev. 03-19 May 2008
TDA9809M PHILIPS-TDA9809M Datasheet
186Kb / 40P
   Single standard multimedia IF-PLL and FM radio demodulator
1998 Jan 08
TDA1596 PHILIPS-TDA1596 Datasheet
346Kb / 20P
   IF amplifier/demodulator for FM radio receivers
April 1991
logo
TEMIC Semiconductors
U828B TEMIC-U828B Datasheet
84Kb / 5P
   FM IF AMPLIFIER AND DEMODULATOR FOR TV SOUND APPLICATION
logo
NXP Semiconductors
TDA1596T PHILIPS-TDA1596T Datasheet
400Kb / 22P
   IF amplifier/demodulator for FM radio receivers
April 1991
TDA1599 PHILIPS-TDA1599 Datasheet
262Kb / 22P
   IF amplifier/demodulator for FM radio receivers
May 1994
TDA1597 PHILIPS-TDA1597 Datasheet
200Kb / 24P
   IF amplifier/demodulator for FM radio receivers
1997 Feb 27
TDA9816M PHILIPS-TDA9816M Datasheet
286Kb / 44P
   Multistandard multimedia IF-PLL and FM radio demodulator
1997 Nov 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com