Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KA431SAMF2 Arkusz danych(PDF) 8 Page - Fairchild Semiconductor

Numer części KA431SAMF2
Szczegółowy opis  Programmable Shunt Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA431SAMF2 Arkusz danych(HTML) 8 Page - Fairchild Semiconductor

Back Button KA431SAMF2 Datasheet HTML 2Page - Fairchild Semiconductor KA431SAMF2 Datasheet HTML 3Page - Fairchild Semiconductor KA431SAMF2 Datasheet HTML 4Page - Fairchild Semiconductor KA431SAMF2 Datasheet HTML 5Page - Fairchild Semiconductor KA431SAMF2 Datasheet HTML 6Page - Fairchild Semiconductor KA431SAMF2 Datasheet HTML 7Page - Fairchild Semiconductor KA431SAMF2 Datasheet HTML 8Page - Fairchild Semiconductor KA431SAMF2 Datasheet HTML 9Page - Fairchild Semiconductor KA431SAMF2 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
KA431S/KA431SA/KA431SL
8
Mechanical Dimensions
Package
Dimensions in millimeters
Marking
SOT-23F
43A
43B
43C
2% tolerance
1% tolerance
0.5% tolerance
43A
43B
43C
2% tolerance
1% tolerance
0.5% tolerance
43D
43E
43F
MF-
MF2-


Podobny numer części - KA431SAMF2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA431SAMF2 FAIRCHILD-KA431SAMF2 Datasheet
106Kb / 10P
   Programmable Shunt Regulator
logo
Diodes Incorporated
KA431SAMF2TF DIODES-KA431SAMF2TF Datasheet
110Kb / 10P
   Programmable Shunt Regulator
logo
Fairchild Semiconductor
KA431SAMF2TF FAIRCHILD-KA431SAMF2TF Datasheet
237Kb / 10P
   Programmable Shunt Regulator
logo
ON Semiconductor
KA431SAMF2TF ONSEMI-KA431SAMF2TF Datasheet
457Kb / 11P
   Programmable Shunt Regulator
March 2015 Rev. 6.7
More results

Podobny opis - KA431SAMF2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
LM336Z5 FAIRCHILD-LM336Z5 Datasheet
157Kb / 6P
   Programmable Shunt Regulator
LM431BIZX FAIRCHILD-LM431BIZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
LM431ACZX FAIRCHILD-LM431ACZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
KA431 FAIRCHILD-KA431 Datasheet
90Kb / 12P
   Programmable Shunt Regulator
LM431A FAIRCHILD-LM431A Datasheet
122Kb / 12P
   Programmable Shunt Regulator
logo
ON Semiconductor
KA431S ONSEMI-KA431S Datasheet
457Kb / 11P
   Programmable Shunt Regulator
March 2015 Rev. 6.7
logo
Fairchild Semiconductor
LM336Z25 FAIRCHILD-LM336Z25 Datasheet
178Kb / 6P
   Programmable Shunt Regulator
LM336-5.0 FAIRCHILD-LM336-5.0 Datasheet
64Kb / 6P
   Programmable Shunt Regulator
TL431 FAIRCHILD-TL431 Datasheet
87Kb / 10P
   Programmable Shunt Regulator
LM431SA FAIRCHILD-LM431SA Datasheet
88Kb / 10P
   Programmable Shunt Regulator
LM336-2.5 FAIRCHILD-LM336-2.5 Datasheet
60Kb / 6P
   Programmable Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com