Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC62D748AFNAG Arkusz danych(PDF) 8 Page - Toshiba Semiconductor

Numer części TC62D748AFNAG
Szczegółowy opis  16-Output Constant Current LED Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC62D748AFNAG Arkusz danych(HTML) 8 Page - Toshiba Semiconductor

Back Button TC62D748AFNAG Datasheet HTML 4Page - Toshiba Semiconductor TC62D748AFNAG Datasheet HTML 5Page - Toshiba Semiconductor TC62D748AFNAG Datasheet HTML 6Page - Toshiba Semiconductor TC62D748AFNAG Datasheet HTML 7Page - Toshiba Semiconductor TC62D748AFNAG Datasheet HTML 8Page - Toshiba Semiconductor TC62D748AFNAG Datasheet HTML 9Page - Toshiba Semiconductor TC62D748AFNAG Datasheet HTML 10Page - Toshiba Semiconductor TC62D748AFNAG Datasheet HTML 11Page - Toshiba Semiconductor TC62D748AFNAG Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
TC62D748AFG/AFNAG/BFNAG
2010-03-05
8
Switching Characteristics (Unless otherwise specified, VDD = 3.3V, Ta = 25°C)
Characteristics
Symbol
Test
Circuits
Test Conditions
Min
Typ.
Max
Unit
SCK-
OUT0
tpLH1
6
SLAT = “H”, OE = “L”
50
65
ns
SLAT - OUT0
tpLH2
6
OE = “L”
50
65
ns
OE - OUT0
tpLH3
6
SLAT = “H”
50
65
ns
SCK-SOUT
tpLH
6
CL=10.5 pF
10
20
35
ns
SCK- OUT0
tpHL1
6
SLAT = “H”, OE = “L”
30
40
ns
SLAT - OUT0
tpHL2
6
OE = “L”
30
40
ns
OE - OUT0
tpHL3
6
SLAT = “H”
30
40
ns
Propagation delay
time
SCK-SOUT
tpHL
6
CL=10.5 pF
10
20
35
ns
Output
rise
t i me
tor
6
10 to 90% of voltage waveform
30
45
ns
Output
fall
t i m e
tof
6
90 to 10% of voltage waveform
10
20
ns
twOE(L)
6
OE = “L”
25
Enabl e
pulse
w i d th
twOE(H)
6
OE = “H”
50
ns
Cl ock
p u l s e
wi d t h
twSCK
6
SCK = “H” or “L”
20
ns
Latch
pulse
w i d th
twSLAT
6
SLAT = “H”
20
ns
Switching Characteristics (Unless otherwise specified, VDD = 5.0V, Ta = 25°C)
Characteristics
Symbol
Test
Circuits
Test Conditions
Min
Typ.
Max
Unit
SCK- OUT0
tpLH1
6
SLAT = “H”, OE = “L”
50
65
ns
SLAT - OUT0
tpLH2
6
OE = “L”
50
65
ns
OE - OUT0
tpLH3
6
SLAT = “H”
50
65
ns
SCK-SOUT
tpLH
6
CL=10.5 pF
10
20
35
ns
SCK- OUT0
tpHL1
6
SLAT = “H”, OE = “L”
30
40
ns
SLAT - OUT0
tpHL2
6
OE = “L”
30
40
ns
OE - OUT0
tpHL3
6
SLAT = “H”
30
40
ns
Propagation delay
time
SCK-SOUT
tpHL
6
CL=10.5 pF
10
20
35
ns
Output
rise
t i me
tor
6
10 to 90% of voltage waveform
30
45
ns
Output
fall
t i m e
tof
6
90 to 10% of voltage waveform
10
20
ns
twOE(L)
6
OE = “L”
25
Enabl e
pulse
w i d th
twOE(H)
6
OE = “H”
50
ns
Cl ock
p u l s e
wi d t h
twSCK
6
SCK = “H” or “L”
20
ns
Latch
pulse
w i d th
twSLAT
6
SLAT = “H”
20
ns


Podobny numer części - TC62D748AFNAG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Marktech Corporate
TC62D748AFNAG MARKTECH-TC62D748AFNAG Datasheet
334Kb / 19P
   16-Output Constant Current LED Driver
More results

Podobny opis - TC62D748AFNAG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Marktech Corporate
TC62D748CFNAG MARKTECH-TC62D748CFNAG Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
TC62D748CFG MARKTECH-TC62D748CFG_15 Datasheet
347Kb / 23P
   16-Output Constant Current LED Driver
TC62D749CFG MARKTECH-TC62D749CFG_15 Datasheet
385Kb / 23P
   16-Output Constant Current LED Driver
TC62D723FTAG MARKTECH-TC62D723FTAG_15 Datasheet
754Kb / 44P
   16-Output constant current LED driver
TC62D748CFNAG MARKTECH-TC62D748CFNAG_15 Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
TC62D723FNAG MARKTECH-TC62D723FNAG_15 Datasheet
787Kb / 44P
   16-Output constant current LED driver
TC62D723FTBG MARKTECH-TC62D723FTBG Datasheet
760Kb / 44P
   16-Output constant current LED driver
TC62D723FNG MARKTECH-TC62D723FNG Datasheet
734Kb / 44P
   16-Output constant current LED driver
TC62D749CFNAG MARKTECH-TC62D749CFNAG Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
TC62D748AFG MARKTECH-TC62D748AFG Datasheet
334Kb / 19P
   16-Output Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com