Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL21W02-D Arkusz danych(PDF) 2 Page - Toshiba Semiconductor

Numer części TL21W02-D
Szczegółowy opis  LED lamps
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TL21W02-D Arkusz danych(HTML) 2 Page - Toshiba Semiconductor

  TL21W02-D Datasheet HTML 1Page - Toshiba Semiconductor TL21W02-D Datasheet HTML 2Page - Toshiba Semiconductor TL21W02-D Datasheet HTML 3Page - Toshiba Semiconductor TL21W02-D Datasheet HTML 4Page - Toshiba Semiconductor TL21W02-D Datasheet HTML 5Page - Toshiba Semiconductor TL21W02-D Datasheet HTML 6Page - Toshiba Semiconductor TL21W02-D Datasheet HTML 7Page - Toshiba Semiconductor TL21W02-D Datasheet HTML 8Page - Toshiba Semiconductor TL21W02-D Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TL21W02-D(T34
2011-04-07
2
WL-0746
TENTATIVE
TOSHIBA LED lamps
TL21W02-D(T34
Surface-mount devices
• 2.1 (L) mm × 2.5 (W) mm × 0.65 (H ) mm size
• High luminous flux LED: 48 lm(typ.) @IF=150 mA
• Color: white (6500K)
• Reflow-soldering is available
• Applications : general lighting and etc.
Color and Material
Part Number
Color
Material
TL21W02-D
White (6500K)
InGaN
Absolute Maximum Ratings (Ta = 25°C) (Note.1)
Characteristics
Symbol
Rating
Unit
Forward Current (Note.2)
IF
(180)
mA
Pulse current (Note.3)
IFP
(300)
mA
Power Dissipation
PD
0.76
W
Operating Temperature
Topr
−40 to 100
°C
Storage Temperature
Tstg
−40 to 100
°C
Junction Temperature
Tj
120
°C
Note 1: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage
and
the
significant
change
in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within
the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/”Derating Concept and Methods”) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Note 2: The junction-to-ambient thermal resistance, Rth(j-a), should be kept below 70℃/W so that the TL21W02-D(T34 is
not exposed to a condition beyond the absolute maximum ratings. Rth(j-a): Thermal resistance from the LED
junction to ambient temperature
Note 3: Pulse width 10ms, Duty 1/10
Unit: mm
(0.3)
0.45
1.55
2.5
(0.3)
0.45
1.55
2.5
1. CATHODE
2. ANODE
JEDEC
JEITA
TOSHIBA
4-2J1
Weight: ***** g (typ.)
Ambient temperature Ta (°C)
IF – Ta
1
2
0
20
40
60
80
100
120
140
160
180
200
0
20
40
60
80
100
120
Rth(j-a)=70℃/W
Optoelectronics
Marktech For part availability and ordering information please call Toll Free: 800.984.5337
Website: www.marktechopto.com | Email: info@marktechopto.com


Podobny numer części - TL21W02-D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TL21W02-D1 TOSHIBA-TL21W02-D1 Datasheet
260Kb / 9P
   LED lamps
TL21W02-D1T34 TOSHIBA-TL21W02-D1T34 Datasheet
260Kb / 9P
   LED lamps
More results

Podobny opis - TL21W02-D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lucky Light Electronic
AL-50-30IRC-850 LUCKY-LIGHT-AL-50-30IRC-850_15 Datasheet
351Kb / 5P
   LED Lamps
AL-31-40IRC-850 LUCKY-LIGHT-AL-31-40IRC-850_15 Datasheet
324Kb / 5P
   LED Lamps
AL-50-30UW5C LUCKY-LIGHT-AL-50-30UW5C_15 Datasheet
394Kb / 6P
   LED Lamps
logo
A-BRIGHT Inc
AL-513RGBW-C-002 A-BRIGHT-AL-513RGBW-C-002 Datasheet
241Kb / 7P
   LED Lamps
2008/6/10
logo
IDEA.lnc.
JGC0348 IDEA-JGC0348 Datasheet
37Kb / 2P
   LED LAMPS
JYC0118 IDEA-JYC0118 Datasheet
150Kb / 5P
   LED LAMPS
JYC0358 IDEA-JYC0358 Datasheet
388Kb / 5P
   LED LAMPS
logo
Toshiba Semiconductor
TL12W02-L TOSHIBA-TL12W02-L Datasheet
305Kb / 10P
   LED lamps
logo
BRIGHT LED ELECTRONICS ...
BL-R2132N BRIGHT-BL-R2132N Datasheet
277Kb / 5P
   LED LAMPS
BL-R4641T BRIGHT-BL-R4641T Datasheet
277Kb / 5P
   LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com