Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL21W02-L1 Arkusz danych(PDF) 3 Page - Toshiba Semiconductor

Numer części TL21W02-L1
Szczegółowy opis  LED lamps
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TL21W02-L1 Arkusz danych(HTML) 3 Page - Toshiba Semiconductor

  TL21W02-L1 Datasheet HTML 1Page - Toshiba Semiconductor TL21W02-L1 Datasheet HTML 2Page - Toshiba Semiconductor TL21W02-L1 Datasheet HTML 3Page - Toshiba Semiconductor TL21W02-L1 Datasheet HTML 4Page - Toshiba Semiconductor TL21W02-L1 Datasheet HTML 5Page - Toshiba Semiconductor TL21W02-L1 Datasheet HTML 6Page - Toshiba Semiconductor TL21W02-L1 Datasheet HTML 7Page - Toshiba Semiconductor TL21W02-L1 Datasheet HTML 8Page - Toshiba Semiconductor TL21W02-L1 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TL21W02-L1(T34
2011-04-11
3
WL-0755
TENTATIVE
Electrical Characteristics (Ta = 25°C)
Note 4: VF rank classification
The specification on the following table is used for VF classification of LEDs in Toshiba facility.
Each reel includes the same rank LEDs. Let the delivery ratio of each rank be unquestioned.
Note 5: Rth(j-s): Thermal resistance from the LED junction to solder point.
Optical Characteristics (Ta = 25°C)
Note 6: Chromaticity classification
The product is classified at the following chromaticity coordinate groups.
Each reel includes the same rank LEDs. Let the delivery ratio of each rank be unquestioned.
Characteristics
Symbol
Test condition
Min
Typ.
Max
Unit
Forward Voltage (Note 4)
VF
IF =150 mA
(2.9)
(3.25)
(3.8)
V
Reverse Voltage
VR
IR = 1 mA
0.75
V
Thermal Resistance (Note 5)
Rth(j-s)
IF = 150 mA
(20)
°C/W
Forward Voltage VF
Part Number
Min
Typ.
Max
IF
TL21W02-L1(T34
(2.9)
(3.25)
(3.8)
1
2.9
3.2
2
3.2
3.5
3
3.5
3.8
150
Unit
V
mA
Characteristics
Symbol
Test condition
Min
Typ.
Max
Unit
Cx
IF = 150 mA
(Note 6)
Chromaticity
Cy
IF = 150 mA
(Note 6)
Color temperature
CCT
IF = 150 mA
3000
K
Luminous flux (Note 7)
ΦV
IF = 150 mA
(30.3)
(42)
(60.5)
lm
Color rendering index
Ra
IF = 150 mA
80
85
Cx
Cy
0.4147
0.3814
0.4221
0.3984
0.4342
0.4028
7A
0.4259
0.3853
0.4221
0.3984
0.4299
0.4165
0.443
0.4212
7B
0.4342
0.4028
0.4342
0.4028
0.4430
0.4212
0.4562
0.426
7C
0.4465
0.4071
0.4259
0.3853
0.4342
0.4028
0.4465
0.4071
7D
0.4373
0.3893
3220K
3000K 2870K
0.36
0.37
0.38
0.39
0.40
0.41
0.42
0.43
0.44
0.45
0.39 0.40 0.41 0.42 0.43 0.44 0.45 0.46 0.47 0.48
Cx
ANSI C78.377
7A
7B
7C
7D
Test conditions: IF=150 mA, Ta=25°C
Tolerance: +/-0.1V
Tolerance:
±0.01
Ta=25°C


Podobny numer części - TL21W02-L1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TL21W02-L TOSHIBA-TL21W02-L Datasheet
258Kb / 9P
   LED lamps
TL21W02-LL1 TOSHIBA-TL21W02-LL1 Datasheet
256Kb / 9P
   LED lamps
TL21W02-LL1T34 TOSHIBA-TL21W02-LL1T34 Datasheet
256Kb / 9P
   LED lamps
TL21W02-LT34 TOSHIBA-TL21W02-LT34 Datasheet
258Kb / 9P
   LED lamps
More results

Podobny opis - TL21W02-L1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TL21W02-D TOSHIBA-TL21W02-D Datasheet
259Kb / 9P
   LED lamps
logo
Lucky Light Electronic
AL-50-30IRC-850 LUCKY-LIGHT-AL-50-30IRC-850_15 Datasheet
351Kb / 5P
   LED Lamps
AL-31-40IRC-850 LUCKY-LIGHT-AL-31-40IRC-850_15 Datasheet
324Kb / 5P
   LED Lamps
AL-50-30UW5C LUCKY-LIGHT-AL-50-30UW5C_15 Datasheet
394Kb / 6P
   LED Lamps
logo
A-BRIGHT Inc
AL-513RGBW-C-002 A-BRIGHT-AL-513RGBW-C-002 Datasheet
241Kb / 7P
   LED Lamps
2008/6/10
logo
IDEA.lnc.
JGC0348 IDEA-JGC0348 Datasheet
37Kb / 2P
   LED LAMPS
JYC0118 IDEA-JYC0118 Datasheet
150Kb / 5P
   LED LAMPS
JYC0358 IDEA-JYC0358 Datasheet
388Kb / 5P
   LED LAMPS
logo
Toshiba Semiconductor
TL12W02-L TOSHIBA-TL12W02-L Datasheet
305Kb / 10P
   LED lamps
logo
BRIGHT LED ELECTRONICS ...
BL-R2132N BRIGHT-BL-R2132N Datasheet
277Kb / 5P
   LED LAMPS
BL-R4641T BRIGHT-BL-R4641T Datasheet
277Kb / 5P
   LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com