Zakładka z wyszukiwarką danych komponentów |
|
STK4112 Arkusz danych(PDF) 2 Page - Sanyo Semicon Device |
|
STK4112 Arkusz danych(HTML) 2 Page - Sanyo Semicon Device |
2 / 8 page STK4112II No. 2322—2/8 Notes. For power supply at the time of test, use a constant-voltage power supply unless otherwise specified. For measurement of the available time for load short-circuit and out- put noise voltage, use the specified transformer power supply shown right. The output noise voltage is represented by the peak value on rms scale (VTVM) of average value indicating type. For AC power supply, use an AC stabilized power supply (50Hz) to eliminate the effect of flicker noise in AC primary line. Operating Characteristics at Ta = 25 °C, V CC = ±17V, RL = 8Ω, Rg = 600Ω, VG = 40dB, RL : non-inductive load Parameter Symbol Conditions min typ max Unit Quiescent current Icco VCC = ±20.5V 20 40 100 mA Output power Po (1) THD = 0.4%, f = 20Hz to 20kHz 10 W Po (2) VCC = ±14V, THD = 1.0%, RL = 4Ω, f = 1kHz 10 W Total harmonic distortion THD Po = 1.0W, f = 1kHz 0.3 % Frequency response fL, fH Po = 1.0W, dB 20 to 50k Hz Input impedance ri Po = 1.0W, f = 1kHz 55 k Ω Output noise voltage VNO VCC = ±20.5V, Rg = 10kΩ 1.2 mVrms Neutral voltage VN VCC = ±20.5V -70 0 70 mV Muting voltage VM -2 -5 -10 V +0 –3 Specified Transformer Power Supply (Equivalent to RP-22) Equivalent Circuit |
Podobny numer części - STK4112 |
|
Podobny opis - STK4112 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |