Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC818-40 Arkusz danych(PDF) 2 Page - Infineon Technologies AG

Numer części BC818-40
Szczegółowy opis  NPN Silicon AF Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC818-40 Arkusz danych(HTML) 2 Page - Infineon Technologies AG

  BC818-40 Datasheet HTML 1Page - Infineon Technologies AG BC818-40 Datasheet HTML 2Page - Infineon Technologies AG BC818-40 Datasheet HTML 3Page - Infineon Technologies AG BC818-40 Datasheet HTML 4Page - Infineon Technologies AG BC818-40 Datasheet HTML 5Page - Infineon Technologies AG BC818-40 Datasheet HTML 6Page - Infineon Technologies AG BC818-40 Datasheet HTML 7Page - Infineon Technologies AG BC818-40 Datasheet HTML 8Page - Infineon Technologies AG BC818-40 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2008-04-11
2
BC817.../BC818...
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
BC817...
BC818...
VCEO
45
25
V
Collector-base voltage
BC817...
BC818...
VCBO
50
30
Emitter-base voltage
VEBO
5
Collector current
IC
500
mA
Peak collector current
ICM
1000
Base current
IB
100
Peak base current
IBM
200
Total power dissipation-
TS ≤ 79 °C, BC817, BC818
TS ≤ 115 °C, BC817K, BC818K
TS ≤ 130 °C, BC817W/KW, BC818...W/KW
Ptot
330
500
250
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
BC817, BC818
BC817K, BC818K
BC817W/KW, BC818W/KW
RthJS
≤ 215
≤ 70
≤ 80
K/W
1For calculation of RthJA please refer to Application Note Thermal Resistance


Podobny numer części - BC818-40

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
BC818-40 SIEMENS-BC818-40 Datasheet
130Kb / 5P
   NPN Silicon AF Transistors
logo
GUANGDONG HOTTECH INDUS...
BC818-40 HOTTECH-BC818-40 Datasheet
186Kb / 2P
   Plastic-Encapsulate Transistors
logo
Infineon Technologies A...
BC818-40 INFINEON-BC818-40 Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
logo
Galaxy Semi-Conductor H...
BC818-40 BILIN-BC818-40 Datasheet
161Kb / 4P
   NPN General Purpose Amplifier
logo
Diotec Semiconductor
BC818-40 DIOTEC-BC818-40 Datasheet
188Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
More results

Podobny opis - BC818-40

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
BCP68 INFINEON-BCP68 Datasheet
43Kb / 4P
   NPN Silicon AF Transistor
Nov-29-2001
BCP68-25 INFINEON-BCP68-25 Datasheet
518Kb / 6P
   NPN Silicon AF Transistor
2008-10-10
SMBTA06 INFINEON-SMBTA06 Datasheet
125Kb / 4P
   NPN Silicon AF Transistor
Feb-20-2002
logo
Siemens Semiconductor G...
SMBTA20 SIEMENS-SMBTA20 Datasheet
146Kb / 4P
   NPN Silicon AF Transistor
logo
Infineon Technologies A...
BC817K-40E6327 INFINEON-BC817K-40E6327 Datasheet
863Kb / 11P
   NPN Silicon AF Transistor
2011-09-19
BC817-25WE6327 INFINEON-BC817-25WE6327 Datasheet
858Kb / 11P
   NPN Silicon AF Transistor
2011-09-19
BCW65 INFINEON-BCW65 Datasheet
50Kb / 5P
   NPN Silicon AF Transistor
Jul-10-2001
BC817SU INFINEON-BC817SU_10 Datasheet
537Kb / 6P
   NPN Silicon AF Transistor
2011-08-30
logo
Siemens Semiconductor G...
SMBTA06M SIEMENS-SMBTA06M Datasheet
31Kb / 4P
   NPN Silicon AF Transistor
logo
Infineon Technologies A...
BC817SU INFINEON-BC817SU_08 Datasheet
532Kb / 6P
   NPN Silicon AF Transistor
2008-10-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com