Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N4416A_TO-72 Arkusz danych(PDF) 1 Page - Micross Components

Numer części 2N4416A_TO-72
Szczegółowy opis  a N-Channel high frequency JFET amplifier
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSS [Micross Components]
Strona internetowa  http://www.micross.com
Logo MICROSS - Micross Components

2N4416A_TO-72 Arkusz danych(HTML) 1 Page - Micross Components

  2N4416A_TO-72 Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click To Buy
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed
for its use; nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Linear Integrated Systems.
Micross Components Ltd, United Kingdom, Tel: +44 1603 788967, Fax: +44 1603788920, Email: chipcomponents@micross.com Web: www.micross.com/distribution.aspx
FEATURES 
DIRECT REPLACEMENT FOR SILICONIX 2N4416A 
EXCEPTIONAL GAIN (400 MHz) 
10dB (min) 
VERY LOW NOISE FIGURE (400 MHz) 
4dB (max) 
VERY LOW DISTORTION 
HIGH AC/DC SWITCH OFF‐ISOLATION 
ABSOLUTE MAXIMUM RATINGS  
@ 25°C (unless otherwise noted) 
Maximum Temperatures 
Storage Temperature ‐65°C to +200°C 
Operating Junction Temperature ‐55°C to +135°C 
Maximum Power Dissipation 
Continuous Power Dissipation  
300mW 
MAXIMUM CURRENT
Gate Current (Note 1) 
10mA 
MAXIMUM VOLTAGES 
Gate to Drain or Gate to Source ‐35V 
  
  
 
2N4416A ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
SYMBOL 
CHARACTERISTIC 
MIN 
TYP. 
MAX 
UNITS 
CONDITIONS 
BVGSS 
Gate to Source Breakdown Voltage ‐35 
‐‐ 
‐‐ 
IG = ‐1µA,   VDS = 0V 
VGS(off) 
Gate to Source Cutoff Voltage ‐2.5 
‐‐ 
‐6 
                  VDS = 15V,   ID = 1nA 
IDSS 
Gate to Source Saturation Current 
‐‐ 
15 
mA 
VDS = 15V,   VGS = 0V 
IGSS 
Gate Leakage Current 
‐‐ 
‐‐ 
‐0.1 
nA 
VGS = ‐20V,  VDS = 0V 
gfs 
Forward Transconductance 
4500 
‐‐ 
7500 
µS 
VDS = 15V,   VGS = 0V, f = 1kHz 
gos 
Output Conductance 
‐‐ 
‐‐ 
50 
µS 
Ciss 
Input Capacitance
‐‐ 
‐‐ 
0.8 
pF  
VDS = 15V,   VGS = 0V, f = 1MHz 
Crss 
Reverse Transfer Capacitance
2 
‐‐ 
‐‐ 
pF 
Coss 
Output Capacitance
2 
‐‐ 
‐‐ 
pF 
en 
Equivalent Input Noise Voltage 
‐‐ 
‐‐ 
nV/√Hz  
VDS = 10V,   VGS = 0V, f = 1kHz 
2N4416A HIGH FREQUENCY ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted) 
SYMBOL 
CHARACTERISTIC 
100 Mhz 
400 Mhz 
UNITS 
CONDITIONS 
MIN 
MAX 
MIN 
MAX 
gIss 
Input Conductance 
‐‐ 
100 
‐‐ 
1000  
 
µS 
 
 
VDS = 15V,   VGS = 0V 
bIss 
Input Susceptance
2 
‐‐ 
2500 
‐‐ 
10000 
goss 
Output Conductance 
‐‐ 
75 
‐‐ 
100 
boss 
Output  Susceptance
2 
‐‐ 
1000 
‐‐ 
4000 
Gfs 
Forward Transconductance 
‐‐ 
‐‐ 
4000 
‐‐ 
Gps 
Power Gain
2 
18 
‐‐ 
10 
‐‐ 
dB 
VDS = 15V,   I= 5mA 
NF 
Noise Figure
2 
‐‐ 
‐‐ 
VDS = 15V,   I= 5mA,    RG = 1kΩ 
NOTES 
1 . Absolute maximum ratings are limiting values above which 2N4416A serviceability may be impaired.  
2.  Not production tested, guaranteed by design 
The 2N4416A is a N-Channel high frequency JFET amplifier
2N4416A
N-CHANNEL JFET
Linear Systems replaces discontinued Siliconix 2N4416A
The 2N4416A
N-channel JFET is designed to provide
high-performance amplification at high frequencies.
The hermetically sealed TO-72 package is well suited
for military applications.
The TO-92 package provides a
lower cost commercial option
2N4416A Applications:
High-Frequency Amplifier / Mixer
Oscillator
Sample-and-Hold
Very Low Capacitance Switches
2N4416A Benefits:
Wideband High Gain
Very High System Sensitivity
High Quality of Amplification
High-Speed Switching Capability
High Low-Level Signal Amplification
Micross Components Europe
Tel: +44 1603 788967
Email: chipcomponents@micross.com
Web: http://www.micross.com/distribution
TO-72 (Bottom View)
TO-92 (Bottom View)
Available Packages:
2N4416A in TO-72
2N4416A in TO-92
2N4416A in bare die.
Please contact Micross for full
package and die dimensions


Podobny numer części - 2N4416A_TO-72

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micross Components
2N4416A_TO-18 MICROSS-2N4416A_TO-18 Datasheet
291Kb / 1P
   a N-Channel high frequency JFET amplifier
2N4416A_TO-92 MICROSS-2N4416A_TO-92 Datasheet
301Kb / 1P
   a N-Channel high frequency JFET amplifier
More results

Podobny opis - 2N4416A_TO-72

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micross Components
PN4416_TO-92 MICROSS-PN4416_TO-92 Datasheet
301Kb / 1P
   a N-Channel high frequency JFET amplifier
2N4416A_TO-18 MICROSS-2N4416A_TO-18 Datasheet
291Kb / 1P
   a N-Channel high frequency JFET amplifier
2N4416A MICROSS-2N4416A Datasheet
291Kb / 1P
   a N-Channel high frequency JFET amplifier
2N4416_TO-72 MICROSS-2N4416_TO-72 Datasheet
301Kb / 1P
   a N-Channel high frequency JFET amplifier
2N4416_TO-92 MICROSS-2N4416_TO-92 Datasheet
301Kb / 1P
   a N-Channel high frequency JFET amplifier
PN4416A_TO-92 MICROSS-PN4416A_TO-92 Datasheet
301Kb / 1P
   a N-Channel high frequency JFET amplifier
2N4416 MICROSS-2N4416 Datasheet
291Kb / 1P
   a N-Channel high frequency JFET amplifier
2N4416A_TO-92 MICROSS-2N4416A_TO-92 Datasheet
301Kb / 1P
   a N-Channel high frequency JFET amplifier
logo
Calogic, LLC
J308 CALOGIC-J308 Datasheet
26Kb / 2P
   N-Channel JFET High Frequency Amplifier
logo
Intersil Corporation
2N4223 INTERSIL-2N4223 Datasheet
42Kb / 1P
   N-CHANNEL JFET HIGH FREQUENCY AMPLIFIER
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com