Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STK740-450 Arkusz danych(PDF) 8 Page - Sanyo Semicon Device

Numer części STK740-450
Szczegółowy opis  3.3V/5A Single Output Separate Excitation Chopper Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK740-450 Arkusz danych(HTML) 8 Page - Sanyo Semicon Device

Back Button STK740-450 Datasheet HTML 2Page - Sanyo Semicon Device STK740-450 Datasheet HTML 3Page - Sanyo Semicon Device STK740-450 Datasheet HTML 4Page - Sanyo Semicon Device STK740-450 Datasheet HTML 5Page - Sanyo Semicon Device STK740-450 Datasheet HTML 6Page - Sanyo Semicon Device STK740-450 Datasheet HTML 7Page - Sanyo Semicon Device STK740-450 Datasheet HTML 8Page - Sanyo Semicon Device STK740-450 Datasheet HTML 9Page - Sanyo Semicon Device STK740-450 Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
STK740-441
No.6106–8/10
Eveluation Board
The evaluation board is provided to evaluate this hybrid IC
♦ Equivalent Circuit
1
2
3
4
5
6
7
8
9
10
11
12
VIN
GND
Vs
GND
L1
C2
C1
FB1
IC1
Vo
ON/O FF
R2
♦ Parts Table
Part name
Requirements
Number
Manufacturer
Notes
C1
Electrolytic capacitor
220
µF/10V
2200
µF/6.3V
1
Sanyo Electronic component co., ltd.
OS capacitor
C2
Electrolytic capacitor
1
Sanyo Electronic component co., ltd.
Low impedance (CG)
R2
Resistor
100
1
R3
Jumper
1
R6
Jumper
1
Use a fuse resistor (20 to 30
Ω) when needed
FB1
Ferrite-bead core
BL02RN1-R62
1
Murata manufacturing co., ltd.
L1
Choke coil
HK-10S100-4500
1
Toho zinc co., ltd.
45
µH, 5A
♦ Notes on pattern designing
1 Place VCC pin (pin 6) and VIN pins (pin 11 and 12) lines separately and use an input capacitor (+) for connection.
2 Place GND pin (pin 5) and A pin (pins 7 and 8) lines separately.
3 Connect A pin (pins 7 and 8) with the input capacitor (–) through a Ferrite-bead core.
4 Connect GND pin (pin 5) with the input capacitor (–) or the output capacitor (–). However, connect with the
output capacitor (–) unless otherwise specified.
5 Shorten the length of the line between the input capacitor (–) and the output capacitor (–) as well as possible.
6 Connect VS pin (pin 2) with the output capacitor (+).


Podobny numer części - STK740-450

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
STK740-450 SANYO-STK740-450 Datasheet
136Kb / 10P
   5V/5A Single Output Separate Excitation Chopper Regulator
More results

Podobny opis - STK740-450

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
STK740-470 SANYO-STK740-470 Datasheet
136Kb / 10P
   5V/5A Single Output Separate Excitation Chopper Regulator
logo
Sanken electric
STA801M SANKEN-STA801M Datasheet
82Kb / 6P
   2-Output Separate Excitation Switching Type
STA801M SANKEN-STA801M Datasheet
62Kb / 2P
   2-Output Separate Excitation Step-down Switching Mode
STR7000 SANKEN-STR7000 Datasheet
59Kb / 5P
   Separate Excitation Switching Type
STA820M SANKEN-STA820M Datasheet
436Kb / 2P
   Separate Excitation Switching Mode Regulator ICs with Flywheel Diode
SI-8000GL SANKEN-SI-8000GL_10 Datasheet
45Kb / 2P
   Compact, Separate Excitation Step-down Switching Mode Regulator ICs
STA810M SANKEN-STA810M Datasheet
445Kb / 3P
   Separate Excitation Switching Mode Regulator ICs with Flywheel Diode
SI-8010Y SANKEN-SI-8010Y Datasheet
69Kb / 2P
   Full-Mold, Separate Excitation Step-down Switching Mode Regulator
logo
Sanyo Semicon Device
STK731B SANYO-STK731B Datasheet
160Kb / 6P
   12V Single Output MOS Chopper Regulator?
logo
UNISEM
US1050-33 UNISEM-US1050-33 Datasheet
21Kb / 3P
   5A LOW DROPOUT POSITIVE FIXED 3.3V OUTPUT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com