Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N3439CSM4R Arkusz danych(PDF) 2 Page - Seme LAB

Numer części 2N3439CSM4R
Szczegółowy opis  HIGH VOLTAGE, MEDIUM POWER, NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEME-LAB [Seme LAB]
Strona internetowa  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3439CSM4R Arkusz danych(HTML) 2 Page - Seme LAB

  2N3439CSM4R Datasheet HTML 1Page - Seme LAB 2N3439CSM4R Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
350
250
500
500
20
20
20
50
20
0.5
1.3
40
30
2N3439CSM4R
2N3440CSM4R
Prelim. 11/98
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612. e-mail sales@semelab.co.uk
Website http://www.semelab.co.uk
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
2N3439CSM4R
2N3440CSM4R
2N3439CSM4R
2N3440CSM4R
VCB = 360V 2N3439CSM4R
VCB = 250V 2N3440CSM4R
VCE = 300V 2N3439CSM4R
VCE = 200V 2N3440CSM4R
VEB = 6V
IC = 50mA
IB = 4mA
IC = 50mA
IB = 4mA
IC = 20mA
VCE = 10V
2N3439CSM4R only
IC = 20mA
VCE = 10V
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
VCEO(sus)* Collector – Emitter Sustaining Voltage
(IB = 0)
ICEX*
Collector Cut-off Current
(VBE = –1.5V)
ICBO*
Collector – Base Cut-off Current
(IE = 0)
ICEO*
Collector – Cut-off Current
(IB = 0)
IEBO*
Emitter Cut-off Current (IC = 0)
VCE(sat)*
Collector – Emitter Saturation Voltage
VBE(sat)*
Base – Emitter Saturation Voltage
hFE*
DC Current Gain
V
mA
mA
mA
mA
V
fT
Transition Frequency
Cob
Output Capacitance
hfe
Small Signal Current Gain
IC = 10mA
VCE = 10V
f = 5MHz
VCB = 10V
f = 10MHz
IC = 5mA
VCE = 10V
f = 1kHz
15
10
25
MHz
pF
* Pulse test tp = 300ms , d £ 2%
DYNAMIC CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
IC = 50mA


Podobny numer części - 2N3439CSM4R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seme LAB
2N3439CSM4 SEME-LAB-2N3439CSM4 Datasheet
20Kb / 2P
   HIGH VOLTAGE, MEDIUM POWER, NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N3439CSM4 SEME-LAB-2N3439CSM4 Datasheet
40Kb / 2P
   HIGH VOLTAGE, MEDIUM POWER, NPN TRANSISTOR
2N3439CSM4 SEME-LAB-2N3439CSM4_01 Datasheet
40Kb / 2P
   HIGH VOLTAGE, MEDIUM POWER, NPN TRANSISTOR
More results

Podobny opis - 2N3439CSM4R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seme LAB
2N3501CSM4 SEME-LAB-2N3501CSM4 Datasheet
17Kb / 3P
   HIGH VOLTAGE, MEDIUM POWER, NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N3439CSM4 SEME-LAB-2N3439CSM4 Datasheet
20Kb / 2P
   HIGH VOLTAGE, MEDIUM POWER, NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N3700DCSM SEME-LAB-2N3700DCSM Datasheet
22Kb / 2P
   HIGH VOLTAGE, MEDIUM POWER, NPN DUAL TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N2222ACSM4 SEME-LAB-2N2222ACSM4 Datasheet
15Kb / 2P
   HIGH SPEED, MEDIUM POWER, NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N2222ACSM SEME-LAB-2N2222ACSM Datasheet
17Kb / 2P
   HIGH SPEED, MEDIUM POWER, NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N2369ACSM SEME-LAB-2N2369ACSM Datasheet
15Kb / 2P
   HIGH SPEED, MEDIUM POWER, NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N2857CSM SEME-LAB-2N2857CSM Datasheet
19Kb / 2P
   HIGH FREQUENCY NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
ZTX653DCSM SEME-LAB-ZTX653DCSM Datasheet
14Kb / 2P
   NPN DUAL TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N3019CSM SEME-LAB-2N3019CSM Datasheet
19Kb / 2P
   HIGH FREQUENCY, NPN TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
2N2222ADCSM SEME-LAB-2N2222ADCSM Datasheet
18Kb / 2P
   DUAL HIGH SPEED, MEDIUM POWER NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com