Zakładka z wyszukiwarką danych komponentów |
|
74AVC16T245BX Arkusz danych(PDF) 10 Page - NXP Semiconductors |
|
74AVC16T245BX Arkusz danych(HTML) 10 Page - NXP Semiconductors |
10 / 28 page 74AVC16T245 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet Rev. 3 — 9 June 2011 10 of 28 NXP Semiconductors 74AVC16T245 16-bit dual supply translating transceiver; 3-state [1] VCCO is the supply voltage associated with the output port. [2] VCCI is the supply voltage associated with the data input port. [3] For I/O ports, the parameter IOZ includes the input leakage current. IOFF power-off leakage current A port; VI or VO = 0 V to 3.6 V; VCC(A) =0V; VCC(B) = 0.8 V to 3.6 V - 5- 30 A B port; VI or VO = 0 V to 3.6 V; VCC(B) =0V; VCC(A) = 0.8 V to 3.6 V - 5- 30 A ICC supply current A port; VI = 0 V or VCCI; IO = 0 A VCC(A) = 0.8 V to 3.6 V; VCC(B) = 0.8 V to 3.6 V -30 - 125 A VCC(A) = 1.1 V to 3.6 V; VCC(B) = 1.1 V to 3.6 V -25 - 100 A VCC(A) = 3.6 V; VCC(B) = 0 V - 25 - 100 A VCC(A) = 0 V; VCC(B) = 3.6 V 5- 20 - A B port; VI = 0 V or VCCI; IO = 0 A VCC(A) = 0.8 V to 3.6 V; VCC(B) = 0.8 V to 3.6 V -30 - 125 A VCC(A) = 1.1 V to 3.6 V; VCC(B) = 1.1 V to 3.6 V -25 - 100 A VCC(A) = 3.6 V; VCC(B) = 0 V 5- 20 - A VCC(A) = 0 V; VCC(B) = 3.6 V - 25 - 100 A A plus B port (ICC(A) + ICC(B)); IO =0A; VI =0 V or VCCI; VCC(A) = 0.8 V to 3.6 V; VCC(B) = 0.8 V to 3.6 V -55 - 185 A A plus B port (ICC(A) + ICC(B)); IO =0A; VI =0 V or VCCI; VCC(A) = 1.1 V to 3.6 V; VCC(B) = 1.1 V to 3.6 V -45 - 150 A Table 7. Static characteristics …continued[1][2] At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions 40 C to +85 C 40 C to +125 C Unit Min Max Min Max Table 8. Typical total supply current (ICC(A) + ICC(B)) VCC(A) VCC(B) Unit 0 V 0.8 V 1.2 V 1.5 V 1.8 V 2.5 V 3.3 V 0 V 0 0.1 0.1 0.1 0.1 0.1 0.1 A 0.8 V 0.1 0.1 0.1 0.1 0.1 0.3 1.6 A 1.2 V 0.1 0.1 0.1 0.1 0.1 0.1 0.8 A 1.5 V 0.1 0.1 0.1 0.1 0.1 0.1 0.4 A 1.8 V 0.1 0.1 0.1 0.1 0.1 0.1 0.2 A 2.5 V 0.1 0.3 0.1 0.1 0.1 0.1 0.1 A 3.3 V 0.1 1.6 0.8 0.4 0.2 0.1 0.1 A |
Podobny numer części - 74AVC16T245BX |
|
Podobny opis - 74AVC16T245BX |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |