Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N4910X Arkusz danych(PDF) 1 Page - Seme LAB

Numer części 2N4910X
Szczegółowy opis  NPN EPITAXIAL POWER TRANSISTOR IN TO66 HERMETIC PACKAGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEME-LAB [Seme LAB]
Strona internetowa  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N4910X Arkusz danych(HTML) 1 Page - Seme LAB

  2N4910X Datasheet HTML 1Page - Seme LAB 2N4910X Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N4910X
2N4911X
2N4912X
Prelim. 4/98
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
V(BR)CBO
Collector – Base Breakdown Voltage
V(BR)CEO
Collector – Emitter Breakdown Voltage
V(BR)EBO
Emitter – Base Breakdown Voltage
IC
Continuous Collector Current
IB
Base Current
PD
Total Power Dissipation
TC
Operating Case Temperature Range
Tstg
Storage Temperature Range
RqJC
Thermal Resistance , Junction To Case
2N4910X 2N4911X 2N4912X
40V
60V
80V
40V
60V
80V
5V
4A
1A
25W
–65 to +200°C
–65 to +200°C
7.0°C/W
MECHANICAL DATA
Dimensions in mm (inches)
3.68
(0.145) rad.
max.
3.61 (0.142)
3.86 (0.145)
rad.
1.27 (0.050)
1.91 (0.750)
9.14 (0.360)
min.
4.83 (0.190)
5.33 (0.210)
6.35 (0.250)
8.64 (0.340)
1
2
NPN EPITAXIAL
POWER TRANSISTOR
IN TO66
HERMETIC PACKAGE
APPLICATIONS
• SCREENING OPTIONS AVAILABE
• TO66 PACKAGE
TO–66 Metal Package.
ABSOLUTE MAXIMUM RATINGS
(Tcase = 25°C unless otherwise stated)
PIN 1 = BASE
PIN 2 = EMITTER
CASE = COLLECTOR


Podobny numer części - 2N4910X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seme LAB
2N4910X SEME-LAB-2N4910X Datasheet
20Kb / 2P
   NPN EPITAXIAL POWER TRANSISTOR IN TO66 HERMETIC PACKAGE
2N4910XSMD SEME-LAB-2N4910XSMD Datasheet
14Kb / 1P
   Bipolar NPN Device in a Hermetically sealed
2N4910XSMD05 SEME-LAB-2N4910XSMD05 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed
2N4910X SEME-LAB-2N4910X_03 Datasheet
20Kb / 2P
   NPN EPITAXIAL POWER TRANSISTOR IN TO66 HERMETIC PACKAGE
More results

Podobny opis - 2N4910X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seme LAB
2N4910X SEME-LAB-2N4910X_03 Datasheet
20Kb / 2P
   NPN EPITAXIAL POWER TRANSISTOR IN TO66 HERMETIC PACKAGE
2N3054A SEME-LAB-2N3054A Datasheet
15Kb / 2P
   NPN POWER TRANSISTOR IN A HERMETIC PACKAGE
2N2223A SEME-LAB-2N2223A Datasheet
18Kb / 2P
   DUAL NPN TRANSISTOR IN TO77 HERMETIC PACKAGE
BUX61 SEME-LAB-BUX61 Datasheet
11Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66 Metal Package.
MJ3101 SEME-LAB-MJ3101 Datasheet
10Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66 Metal Package.
BUX60 SEME-LAB-BUX60 Datasheet
11Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66 Metal Package
MJ4401 SEME-LAB-MJ4401 Datasheet
11Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66 Metal Package.
2N5610 SEME-LAB-2N5610 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66 Metal Package.
SF_2N4232 SEME-LAB-SF_2N4232 Datasheet
11Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66 Metal Package
2N5050 SEME-LAB-2N5050 Datasheet
14Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66 Metal Package
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com