Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPKTRHBUGUG Arkusz danych(PDF) 3 Page - GREATECS

Numer części TPKTRHBUGUG
Szczegółowy opis  Tactile Switches with LED (two colors available)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GREATECS [GREATECS]
Strona internetowa  http://www.greatecs.com
Logo GREATECS - GREATECS

TPKTRHBUGUG Arkusz danych(HTML) 3 Page - GREATECS

  TPKTRHBUGUG Datasheet HTML 1Page - GREATECS TPKTRHBUGUG Datasheet HTML 2Page - GREATECS TPKTRHBUGUG Datasheet HTML 3Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tactile Switches
Tactile Switches with LED (two colors available)
TPK Series
sales@greatecs.com
www.greatecs.com
3
Code
Housing
Cap
LED 1
LED 2
Std. packing
(PCS)
TPKTSNHRFNN
none
gray
pure green
none
3400
TPKTSNHUGNN
none
gray
blue
none
3400
TPKTSNHUBNN
none
gray
white
none
3400
TPKTSNHUFNN
none
gray
green
none
3400
TPKTSNHUCNN
none
gray
red
none
3400
TPKTSNHUENN
none
gray
yellow
none
3400
TPKTSNHUCUF
none
gray
red
green
3400
TPKTSNHUCUE
none
gray
red
yellow
3400
TPKTSNHUFUE
none
gray
green
yellow
3400
Code
Housing
Cap
LED 1
LED 2
Std. packing
(PCS)
TPKTRNFRFNN
none
green pure green
none
3400
TPKTRNFUGNN
none
green
blue
none
3400
TPKTRNFUBNN
none
green
white
none
3400
TPKTRNFUFNN
none
green
green
none
3400
TPKTRNFUCNN
none
green
red
none
3400
TPKTRNFUENN
none
green
yellow
none
3400
TPKTRNFCRUF
none
green
red
green
3400
TPKTRNFUCUE
none
green
red
yellow
3400
TPKTRNFUFUE
none
green
green
yellow
3400
Code
Housing
Cap
LED 1
LED 2
Std. packing
(PCS)
TPKTRNCRFNN
none
red
pure green
none
3400
TPKTRNCUGNN
none
red
blue
none
3400
TPKTRNCUBNN
none
red
white
none
3400
TPKTRNCUFNN
none
red
green
none
3400
TPKTRNCUCNN
none
red
red
none
3400
TPKTRNCUENN
none
red
yellow
none
3400
TPKTRNCUCUF
none
red
red
green
3400
TPKTRNCUCUE
none
red
red
yellow
3400
TPKTRNCUFUE
none
red
green
yellow
3400
TPKTSNH _ _ _ _
TPKTRNF _ _ _ _
TPKTRNC _ _ _ _


Podobny numer części - TPKTRHBUGUG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toppower Electronic Tec...
TPK TOPPOWER-TPK Datasheet
641Kb / 3P
   2W 3KVDC Isolated Single And Dual Output DC/DC Converters
TPK TOPPOWER-TPK Datasheet
738Kb / 3P
   2W 3KVDC Isolated Single And Dual Output DC/DC Converters
TPK-3W TOPPOWER-TPK-3W Datasheet
640Kb / 3P
   3W 3KVDC Isolated Single And Dual Output DC/DC Converters
TPK-3WS TOPPOWER-TPK-3WS Datasheet
402Kb / 3P
   3W 3KVDC Isolated Single And Dual Output DC/DC Converters
TPK0303SA TOPPOWER-TPK0303SA Datasheet
641Kb / 3P
   2W 3KVDC Isolated Single And Dual Output DC/DC Converters
More results

Podobny opis - TPKTRHBUGUG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GREATECS
TPJ GREATECS-TPJ Datasheet
335Kb / 1P
   SPST SMT Tactile Switches with LED
TPA00 GREATECS-TPA00 Datasheet
2Mb / 7P
   SPST SMT Tactile Switches with LED
TPO GREATECS-TPO Datasheet
365Kb / 1P
   SPST THT Tactile Switches with LED
TPI GREATECS-TPI Datasheet
390Kb / 2P
   SPST THT Tactile Switches with LED
TPN GREATECS-TPN Datasheet
325Kb / 1P
   SPST THT Tactile Switches with LED
logo
Mitsumi Electronics, Co...
SOE-222HST MITSUMI-SOE-222HST Datasheet
70Kb / 2P
   With Button Tactile Switches
SOF MITSUMI-SOF Datasheet
257Kb / 2P
   Tactile Switches With Button
logo
HOKURIKU ELECTRIC INDUS...
KSHS636ATS HOKURIKU-KSHS636ATS Datasheet
73Kb / 1P
   Tactile Switches
KSMC612A HOKURIKU-KSMC612A Datasheet
183Kb / 2P
   Tactile Switches
KSMC632A HOKURIKU-KSMC632A Datasheet
216Kb / 2P
   Tactile Switches
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com