Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM2682EBRIZ-RL7 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części ADM2682EBRIZ-RL7
Szczegółowy opis  5 kV rms Signal & Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM2682EBRIZ-RL7 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button ADM2682EBRIZ-RL7 Datasheet HTML 3Page - Analog Devices ADM2682EBRIZ-RL7 Datasheet HTML 4Page - Analog Devices ADM2682EBRIZ-RL7 Datasheet HTML 5Page - Analog Devices ADM2682EBRIZ-RL7 Datasheet HTML 6Page - Analog Devices ADM2682EBRIZ-RL7 Datasheet HTML 7Page - Analog Devices ADM2682EBRIZ-RL7 Datasheet HTML 8Page - Analog Devices ADM2682EBRIZ-RL7 Datasheet HTML 9Page - Analog Devices ADM2682EBRIZ-RL7 Datasheet HTML 10Page - Analog Devices ADM2682EBRIZ-RL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Preliminary Technical Data
ADM2682E/ADM2687E
Rev. PrE | Page 7 of 20
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted. All voltages are relative to
their respective ground.
Table 8.
Parameter
Rating
VCC
−0.5 V to +7 V
Digital Input Voltage (DE, RE
���,TxD) −0.5VtoVDD+0.5V
Digital Output Voltage (RxD)
−0.5 V to VDD + 0.5 V
Driver Output/Receiver Input Voltage
−9 V to +14 V
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−55°C to +150°C
ESD (Human Body Model) on
A, B, Y, and Z pins
±15 kV
ESD (Human Body Model) on Other Pins
±2 kV
Thermal Resistance θJA
52°C/W
Lead Temperature
Soldering (10 sec)
260°C
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 9. Maximum Continuous Working Voltage1
Parameter
Max
Unit
Reference Standard
AC Voltage
Bipolar Waveform
424
V peak
All certifications,
50-year minimum
lifetime
Unipolar Waveform
Basic Insulation
600
V peak
Reinforced Insulation
537
V peak
Maximum approved
working voltage per
IEC 60950-1
DC Voltage
Basic Insulation
600
V peak
Reinforced Insulation
537
V peak
Maximum approved
working voltage per
IEC 60950-1
1
Refers to continuous voltage magnitude imposed across the isolation
barrier. See the Insulation Lifetime section for more details.
ESD CAUTION


Podobny numer części - ADM2682EBRIZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM2682EBRIZ-RL7 AD-ADM2682EBRIZ-RL7 Datasheet
484Kb / 24P
   5 kV rms Signal and Power Isolated
REV. 0
ADM2682EBRIZ-RL7 AD-ADM2682EBRIZ-RL7 Datasheet
502Kb / 24P
   5 kV rms Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. C
More results

Podobny opis - ADM2682EBRIZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM2682E AD-ADM2682E_V01 Datasheet
502Kb / 24P
   5 kV rms Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. C
ADM2561E AD-ADM2561E Datasheet
562Kb / 28P
   3 kV RMS Signal and Power Isolated RS-485 Transceiver with 짹15 kV IEC ESD
ADM2867E AD-ADM2867E_V01 Datasheet
567Kb / 28P
   5.7 kV RMS Signal and Power Isolated RS-485 Transceiver with 짹15 kV IEC ESD
Rev. B
ADM2582E AD-ADM2582E_V01 Datasheet
518Kb / 22P
   Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. G
ADM2582E AD-ADM2582E Datasheet
580Kb / 20P
   Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
REV. 0
ADM2461E AD-ADM2461E Datasheet
380Kb / 21P
   500 kbps, 5.7 kV RMS, Signal Isolated RS-485 Transceiver with 짹15 kV IEC ESD
Rev. 0
ADM2761E AD-ADM2761E Datasheet
534Kb / 24P
   5.7 kV RMS Isolated, High Working Voltage, RS-485 Transceiver with 짹15 kV IEC ESD
Rev. 0
ADM2867E AD-ADM2867E Datasheet
472Kb / 29P
   5.7 kV RMS Signal and Power Isolated RS-485 Transceiver
ADM483EAR-REEL AD-ADM483EAR-REEL Datasheet
364Kb / 16P
   짹15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
REV. A
ADM483EARZ-REEL AD-ADM483EARZ-REEL Datasheet
364Kb / 16P
   짹15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com