Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADN4605 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części ADN4605
Szczegółowy opis  4.25 Gbps 40 횞 40 Digital Crosspoint Switch 3 dB, 6 dB, or 12 dB boost
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADN4605 Arkusz danych(HTML) 1 Page - Analog Devices

  ADN4605 Datasheet HTML 1Page - Analog Devices ADN4605 Datasheet HTML 2Page - Analog Devices ADN4605 Datasheet HTML 3Page - Analog Devices ADN4605 Datasheet HTML 4Page - Analog Devices ADN4605 Datasheet HTML 5Page - Analog Devices ADN4605 Datasheet HTML 6Page - Analog Devices ADN4605 Datasheet HTML 7Page - Analog Devices ADN4605 Datasheet HTML 8Page - Analog Devices ADN4605 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
4.25 Gbps 40 × 40 Digital
Crosspoint Switch
ADN4605
FEATURES
DC to 4.25 Gbps per port NRZ data rate
Adjustable receive equalization
3 dB, 6 dB, or 12 dB boost
Compensates over 40 inches of FR4 at 4.25 Gbps
Adjustable transmit preemphasis/deemphasis
Programmable boost and output level
Compensates over 40 inches of FR4 at 4.25 Gbps
Low power
105 mW per channel at 2.5 V (400 mV p-p differential
output level swing)
40 × 40, fully differential, nonblocking array
Double rank connection programming with dual maps
Low jitter, typically <25 ps
Flexible 2.5 V to 3.3 V supply range
DC- or ac-coupled differential PECL/CML inputs
Differential CML outputs
Per-lane polarity inversion for routing ease
50 Ω on-chip I/O termination with disable feature
Supports 8b10b, scrambled or uncoded NRZ data
Serial (IC slave or SPI) control interface
Parallel control interface
FUNCTIONAL BLOCK DIAGRAM
EQ
Rx
Tx
PRE-
EMPHASIS
40 × 40
SWITCH
MATRIX
CONNECTION
MAP 1
CONNECTION
MAP 0
PARALLEL/SERIA L CONTROL
LOGIC INTERFACE
PRE-
EMPHASIS
LEVEL
SETTINGS
OUTPUT
LEVEL
SETTINGS
ADN4605
VCC
VEE
DVCC
OP[39:0]
VTTOA,
VTTOB
ON[39:0]
IP[39:0]
VTTIA,
VTTIB
IN[39:0]
I2C/SPI
(UPDATE)
SDI/RE
SCL/SCK/
WE
RESET
SER/PAR
CS
EQUALIZATION
SETTINGS
DATA[1]
(UPDATE)
DATA[0]/
SDA/SDO
DATA[7:2]
ADDR[7:0]
Figure 1.
APPLICATIONS
Digital video (HDMI, DVI, DisplayPort, 3G/HD/SD-SDI)
Fiber optic network switching
High speed serial backplane routing to OC-48 with FEC
XAUI, 4x Fibre Channel, Infiniband®, and GbE over backplane
Data storage networks
GENERAL DESCRIPTION
The ADN4605 is a 40 × 40 asynchronous, protocol agnostic,
digital crosspoint switch, with 40 differential PECL/CML-
compatible inputs and 40 differential programmable CML
outputs.
The ADN4605 is optimized for NRZ signaling with data rates of
up to 4.25 Gbps per port. Each port offers adjustable levels of
input equalization, programmable output swing, and output
preemphasis/deemphasis.
The ADN4605 nonblocking switch core implements a 40 × 40
crossbar and supports independent channel switching through
serial and parallel control interfaces. The ADN4605 has low
latency and very low channel-to-channel skew.
An I2C, SPI, or parallel interface is used to communicate with
the device for control of connectivity and other features.
The ADN4605 is assembled in a 35 mm × 35 mm, 352 BGA
package and operates over a temperature range of −40°C
to +85°C.
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.


Podobny numer części - ADN4605

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADN4605 AD-ADN4605 Datasheet
1Mb / 56P
   4.25 Gbps 40 횞 40 Digital
REV. A
ADN4605-EVALZ AD-ADN4605-EVALZ Datasheet
1Mb / 56P
   4.25 Gbps 40 횞 40 Digital
REV. A
ADN4605ABPZ AD-ADN4605ABPZ Datasheet
1Mb / 56P
   4.25 Gbps 40 횞 40 Digital
REV. A
ADN4605_1111 AD-ADN4605_1111 Datasheet
1Mb / 56P
   4.25 Gbps 40 횞 40 Digital
REV. A
More results

Podobny opis - ADN4605

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADN4605_1111 AD-ADN4605_1111 Datasheet
1Mb / 56P
   4.25 Gbps 40 횞 40 Digital
REV. A
ADN4604 AD-ADN4604 Datasheet
1Mb / 40P
   4.25 Gbps, 16 횞 16, Digital Crosspoint Switch
REV. 0
logo
Pasternack Enterprises,...
PE15A1028 PASTERNACK-PE15A1028 Datasheet
520Kb / 5P
   40 dB Gain, 0.7 dB NF, 12 dBm P1dB, 1.2 GHz
logo
PCTEL, Inc.
GPS-TMG-40N PCTEL-GPS-TMG-40N Datasheet
69Kb / 1P
   40 dB Internal Amplifier
logo
Analog Devices
ADN4600 AD-ADN4600 Datasheet
1Mb / 28P
   4.25 Gbps, 8 횞 8, Asynchronous Crosspoint Switch
REV. 0
logo
Pasternack Enterprises,...
PE15A3595 PASTERNACK-PE15A3595 Datasheet
487Kb / 6P
   Gain of 40 dB typ
logo
Analog Devices
HMC347A AD-HMC347A Datasheet
457Kb / 6P
   High Isolation: >40 dB @ 20 GHz
logo
Pasternack Enterprises,...
PE15A1012 PASTERNACK-PE15A1012 Datasheet
406Kb / 3P
   40 dB Gain, 0.8 dB NF, 18 dBm, 10 MHz to
PE15A3023 PASTERNACK-PE15A3023 Datasheet
459Kb / 6P
   12 dBm P1dB, 30 MHz to 40 GHz, Medium Power Broadband Amplifier, 25 dB Gain, 6 dB NF, 2.92mm
logo
List of Unclassifed Man...
XD3915 ETC-XD3915 Datasheet
14Mb / 27P
   3 dB/step, 30 dB Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com