Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL206 Datasheet(Arkusz danych) 1 Page - Analog Devices

Numer części ADXL206
Szczegółowy opis  Precision, ±5 g, Dual-Axis, High Temperature iMEMS Accelerometer
Pobierz  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 
 1 page
background image
Precision, ±5 g, Dual-Axis,
High Temperature iMEMS Accelerometer
ADXL206
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
High performance, dual-axis accelerometer
on a single IC
−40°C to +175°C ambient temperature range
Long life: guaranteed 1000 hours at TA = 175°C
13 mm × 8 mm × 2 mm side-brazed ceramic dual in-line
package
1 mg resolution at 60 Hz
Low power: 700 μA at VS = 5 V (typical)
High zero g bias repeatability
High sensitivity accuracy
Bandwidth adjustment with a single capacitor
Single-supply operation
RoHS-compliant
Compatible with Sn/Pb and Pb-free solder processes
APPLICATIONS
Geological exploration tilt and vibration measurement
Extreme high temperature industrial products
GENERAL DESCRIPTION
The ADXL206 is a precision, low power, complete dual-axis
i
MEMS® accelerometer for use in high temperature environ-
ments. The accelerometer integrates the sensor with signal
conditioned voltage outputs on a single, monolithic IC.
The ADXL206 measures acceleration with a full-scale range
of ±5 g. The ADXL206 can measure both dynamic acceleration
(for example, vibration) and static acceleration (for example,
gravity).
The typical noise floor is 110 μg/√Hz, allowing signals below
1 mg (0.06° of inclination) to be resolved in tilt sensing appli-
cations using narrow bandwidths (<60 Hz).
The user selects the bandwidth of the accelerometer using
Capacitors CX and CY at the XOUT and YOUT pins, respectively.
Bandwidths of 0.5 Hz to 2.5 kHz can be selected to suit the
application.
The ADXL206 is available in a 13 mm × 8 mm × 2 mm, 8-lead,
side-brazed ceramic dual in-line package (SBDIP).
FUNCTIONAL BLOCK DIAGRAM
ADXL206
SENSOR
+5V
OUTPUT
AMP
OUTPUT
AMP
COM
ST
YOUT
VS
CDC
CY
RFILT
32kΩ
DEMOD
XOUT
CX
RFILT
32kΩ
AC
AMP
Figure 1.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl