Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXL212AEZ Arkusz danych(PDF) 7 Page - Analog Devices

Numer części ADXL212AEZ
Szczegółowy opis  Precision 짹2 g Dual Axis, PWM Output Accelerometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXL212AEZ Arkusz danych(HTML) 7 Page - Analog Devices

Back Button ADXL212AEZ Datasheet HTML 3Page - Analog Devices ADXL212AEZ Datasheet HTML 4Page - Analog Devices ADXL212AEZ Datasheet HTML 5Page - Analog Devices ADXL212AEZ Datasheet HTML 6Page - Analog Devices ADXL212AEZ Datasheet HTML 7Page - Analog Devices ADXL212AEZ Datasheet HTML 8Page - Analog Devices ADXL212AEZ Datasheet HTML 9Page - Analog Devices ADXL212AEZ Datasheet HTML 10Page - Analog Devices ADXL212AEZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADXL212
Rev. 0 | Page 7 of 12
TEMPERATURE (°C)
46.0
53.0
52.5
52.0
51.5
51.0
50.0
50.5
49.0
49.5
48.0
48.5
47.0
46.5
47.5
53.5
54.0
Figure 10. Zero g Bias vs. Temperature, Parts Soldered to PCB
0
40
25
30
35
20
15
10
5
NOISE DENSITY (µg/ Hz)
Figure 11. X-Axis Noise Density at 25°C
10.8
10.6
10.4
10.2
10.0
9.8
9.6
9.4
9.2
9.0
8.8
TEMPERATURE (°C)
Figure 12. Self Test Response vs. Temperature
TEMPERATURE (°C)
11.9
12.9
12.8
12.7
12.5
12.6
12.4
12.2
12.3
12.0
12.1
13.0
13.1
Figure 13. Sensitivity vs. Temperature, Parts Soldered to PCB
0
40
25
30
35
20
15
10
5
NOISE DENSITY (µg/ Hz)
Figure 14. Y-Axis Noise Density at 25°C
TEMPERATURE (°C)
0.3
0.8
0.7
0.6
0.5
0.4
0.9
150
100
50
0
–50
VS = 5V
VS = 3V
Figure 15. Supply Current vs. Temperature


Podobny numer części - ADXL212AEZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL210 AD-ADXL210 Datasheet
124Kb / 11P
   Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
REV. B
ADXL210AE AD-ADXL210AE Datasheet
177Kb / 12P
   Low-Cost 10 g Dual-Axis Accelerometer with Duty Cycle
REV. 0
ADXL210AQC AD-ADXL210AQC Datasheet
124Kb / 11P
   Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
REV. B
ADXL210E AD-ADXL210E Datasheet
177Kb / 12P
   Low-Cost 10 g Dual-Axis Accelerometer with Duty Cycle
REV. 0
ADXL210JE AD-ADXL210JE Datasheet
177Kb / 12P
   Low-Cost 10 g Dual-Axis Accelerometer with Duty Cycle
REV. 0
More results

Podobny opis - ADXL212AEZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXL311 AD-ADXL311 Datasheet
419Kb / 12P
   Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
REV. A
ADXL367 AD-ADXL367 Datasheet
2Mb / 64P
   Micropower, 3-Axis, 짹2 g/짹4 g/짹8 g Digital Output MEMS Accelerometer
Rev. 0
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
   Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
ADXL103 AD-ADXL103 Datasheet
438Kb / 12P
   Precision 짹1.7 g Single/Dual Axis Accelerometer
REV. 0
logo
STMicroelectronics
LIS332AR STMICROELECTRONICS-LIS332AR Datasheet
216Kb / 14P
   MEMS motion sensor: 3-axis 짹2 g analog-output ultracompact accelerometer
logo
Analog Devices
ADXL313 AD-ADXL313 Datasheet
598Kb / 28P
   3-Axis, 짹0.5 g/짹1 g/짹2 g/짹4 g Digital Accelerometer
REV. 0
logo
STMicroelectronics
LIS352AX STMICROELECTRONICS-LIS352AX Datasheet
253Kb / 15P
   MEMS inertial sensor: 3-axis 짹2 g absolute analog-output "piccolo" accelerometer
logo
List of Unclassifed Man...
MXD7202GL ETC1-MXD7202GL Datasheet
549Kb / 10P
   Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Digital Outputs
logo
STMicroelectronics
LIS332AX STMICROELECTRONICS-LIS332AX Datasheet
219Kb / 14P
   MEMS inertial sensor: 3-axis 짹2 g absolute analog-output ultracompact accelerometer
logo
List of Unclassifed Man...
MXR2312G ETC1-MXR2312G Datasheet
821Kb / 6P
   Improved, Ultra Low Noise 짹2 g Dual Axis Accelerometer with Ratiometric Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com