Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS9001-2IJ5 Arkusz danych(PDF) 7 Page - Touchstone Semiconductor Inc

Numer części TS9001-2IJ5
Szczegółowy opis  1.6V Nanopower Comparator with Internal Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOUCHSTONE [Touchstone Semiconductor Inc]
Strona internetowa  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS9001-2IJ5 Arkusz danych(HTML) 7 Page - Touchstone Semiconductor Inc

  TS9001-2IJ5 Datasheet HTML 1Page - Touchstone Semiconductor Inc TS9001-2IJ5 Datasheet HTML 2Page - Touchstone Semiconductor Inc TS9001-2IJ5 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS9001-2IJ5 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS9001-2IJ5 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS9001-2IJ5 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS9001-2IJ5 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS9001-2IJ5 Datasheet HTML 8Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TS9001
TS9001DS r1p0
Page 7
RTFDS
6) The last step is to verify the trip voltages and
hysteresis band using the standard
resistance values:
For VIN rising:
VTHR = VREF x R1 [(1/R1) + (1/R2) + (1/R3)]
= 3V
For VIN falling:
VTHF = VTHR - (R1 x VCC/R2) = 2.9V
and Hysteresis Band = VTHR – VTHF = 100mV
Adding Hysteresis to the TS9001-2 Open-Drain
Option
The TS9001-2 has open-drain output and requires
an external pull-up resistor to VCC as shown in
Figure 4. Additional hysteresis can be generated
using positive feedback; however, the formulae differ
slightly from those of the push-pull option TS9001-1.
The procedure to calculate the resistor values for the
TS9001-2 is as follows:
1) As in the previous section, resistor R2 is
chosen according to the formulae:
R2 = VREF/0.2µA
or
R2 = (VCC - VREF)/0.2μA - R4
where the smaller of the two resulting
resistor values is the best starting value.
2) As before, the desired hysteresis band
(VHYSB) is set to 100mV.
3) Next, resistor R1 is then computed
according to the following equation:
R1 = (R2 + R4) x (VHYSB/VCC)
4) The trip point for VIN rising (VTHR) is chosen
(again, remember that VTHF is the trip point
for VIN falling). This is the threshold voltage
at which the comparator switches its output
from low to high as VIN rises above the trip
point.
5) With the VTHR from Step 4 above, resistor R3
is computed as follows:
R3 = 1/[VTHR/(VREF x R1) - (1/R1) - (1/R2)]
6) As before, the last step is to verify the trip
voltages and hysteresis band with the
standard resistor values used in the circuit:
For VIN rising:
VTHR = VREF x R1 x (1/R1+1/R2+1/R3)
For VIN falling:
VTHF = VREF x R1 x (1/R1+1/R3+1/(R2+R4))
-(R1/(R2+R4)) x VCC
and Hysteresis Band is given by VTHR - VTHF
PC Board Layout and Power-Supply Bypassing
While power-supply bypass capacitors are not
typically required, it is good engineering practice to
use 0.1uF bypass capacitors close to the device’s
power supply pins when the power supply
impedance is high, the power supply leads are long,
or there is excessive noise on the power supply
traces. To reduce stray capacitance, it is also good
engineering practice to make signal trace lengths as
short as possible. Also recommended are a ground
plane and surface mount resistors and capacitors.
Figure 4
: Using Four Resistors Introduces Additional
Hysteresis in the TS9001-2.


Podobny numer części - TS9001-2IJ5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
TS9001-2IJ5 SILABS-TS9001-2IJ5 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
TS9001-2IJ5 SILABS-TS9001-2IJ5 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
TS9001-2IJ5T SILABS-TS9001-2IJ5T Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
More results

Podobny opis - TS9001-2IJ5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
TS9001 SILABS-TS9001 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
TSM917 SILABS-TSM917 Datasheet
1Mb / 15P
   1.8V Nanopower Comparator with Internal 1.245V Reference
logo
Touchstone Semiconducto...
TSM917 TOUCHSTONE-TSM917 Datasheet
686Kb / 14P
   1.8V Nanopower Comparator with Internal 1.245V Reference
logo
Linear Technology
LTC1540 LINER-LTC1540 Datasheet
247Kb / 12P
   Nanopower Comparator with Reference
LTC1540CDD LINER-LTC1540CDD Datasheet
147Kb / 12P
   Nanopower Comparator with Reference
LTC1540 LINER-LTC1540_15 Datasheet
160Kb / 12P
   Nanopower Comparator with Reference
logo
Silicon Laboratories
TSM9117 SILABS-TSM9117 Datasheet
1Mb / 18P
   1.6V Nanopower Comparators with/without Internal References
logo
Touchstone Semiconducto...
TSM9117 TOUCHSTONE-TSM9117 Datasheet
913Kb / 17P
   1.6V Nanopower Comparators with/without Internal References
logo
Burr-Brown (TI)
TLV3011 BURR-BROWN-TLV3011 Datasheet
462Kb / 16P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
logo
Texas Instruments
TLV3012-Q1 TI1-TLV3012-Q1 Datasheet
504Kb / 17P
[Old version datasheet]   NANOPOWER 1.8-V COMPARATOR WITH VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com