Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS9001-2IJ5 Arkusz danych(PDF) 1 Page - Touchstone Semiconductor Inc

Numer części TS9001-2IJ5
Szczegółowy opis  1.6V Nanopower Comparator with Internal Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOUCHSTONE [Touchstone Semiconductor Inc]
Strona internetowa  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS9001-2IJ5 Arkusz danych(HTML) 1 Page - Touchstone Semiconductor Inc

  TS9001-2IJ5 Datasheet HTML 1Page - Touchstone Semiconductor Inc TS9001-2IJ5 Datasheet HTML 2Page - Touchstone Semiconductor Inc TS9001-2IJ5 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS9001-2IJ5 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS9001-2IJ5 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS9001-2IJ5 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS9001-2IJ5 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS9001-2IJ5 Datasheet HTML 8Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TS9001
Page 1
© 2011 Touchstone Semiconductor, Inc. All rights reserved.
PART
INTERNAL
REFERENCE
OUTPUT
STAGE
IN-
Connection
SUPPLY
CURRENT (nA)
TS9001-1
Yes
Push-Pull
REF
600
TS9001-2
Yes
Open-Drain
REF
600
FEATURES
♦ Improved Electrical Performance
over MAX9117-MAX9118
♦ Guaranteed to Operate Down to +1.6V
♦ Ultra-Low Supply Current: 600nA
♦ Internal 1.252V ±1% Reference
♦ Input Voltage Range Extends 200mV Outside-
the-Rails
♦ No Phase Reversal for Overdriven Inputs
♦ Output Stage: Push-pull (TS9001-1)
Open-Drain (TS9001-2)
♦ Crowbar-Current-Free Switching
♦ Internal Hysteresis for Clean Switching
♦ 5-pin SC70 Packaging
APPLICATIONS
2-Cell Battery Monitoring/Management
Medical Instruments
Threshold Detectors/Discriminators
Sensing at Ground or Supply Line
Ultra-Low-Power Systems
Mobile Communications
Telemetry and Remote Systems
DESCRIPTION
The nanopower TS9001-1/2 analog comparators
guarantee +1.6V operation, draw very little supply
current, and have robust input stages that can
tolerate input voltages beyond the power supply. Both
products are Touchstone Semiconductor’s first
analog comparator products in its “NanoWatt Analog”
high-performance analog integrated circuits portfolio.
The TS9001-1/2 draw 600nA of supply current and
include an on-board +1.252V±1% reference. These
comparators are also electrically and form-factor
identical to the MAX9117 and the MAX9118 family of
analog comparators. Both comparators offer a 33%
improvement in voltage reference initial accuracy and
the TS9001-1 offers 73% higher output current drive.
The TS9001-1’s push-push output drivers were
designed to drive 5mA loads from one supply rail to
the other supply rail. The TS9001-2’s open-drain
output stage make it easy to incorporate this analog
comparator into systems that operate on different
supply voltages. Both devices are available in an
ultra-small 5-pin SC70 package.
1.6V Nanopower Comparator with Internal Reference
TYPICAL APPLICATION CIRCUIT
NanoWatt Analog and the Touchstone Semiconductor logo are
registered trademarks of Touchstone Semiconductor, Incorporated.


Podobny numer części - TS9001-2IJ5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
TS9001-2IJ5 SILABS-TS9001-2IJ5 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
TS9001-2IJ5 SILABS-TS9001-2IJ5 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
TS9001-2IJ5T SILABS-TS9001-2IJ5T Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
More results

Podobny opis - TS9001-2IJ5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
TS9001 SILABS-TS9001 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
TSM917 SILABS-TSM917 Datasheet
1Mb / 15P
   1.8V Nanopower Comparator with Internal 1.245V Reference
logo
Touchstone Semiconducto...
TSM917 TOUCHSTONE-TSM917 Datasheet
686Kb / 14P
   1.8V Nanopower Comparator with Internal 1.245V Reference
logo
Linear Technology
LTC1540 LINER-LTC1540 Datasheet
247Kb / 12P
   Nanopower Comparator with Reference
LTC1540CDD LINER-LTC1540CDD Datasheet
147Kb / 12P
   Nanopower Comparator with Reference
LTC1540 LINER-LTC1540_15 Datasheet
160Kb / 12P
   Nanopower Comparator with Reference
logo
Silicon Laboratories
TSM9117 SILABS-TSM9117 Datasheet
1Mb / 18P
   1.6V Nanopower Comparators with/without Internal References
logo
Touchstone Semiconducto...
TSM9117 TOUCHSTONE-TSM9117 Datasheet
913Kb / 17P
   1.6V Nanopower Comparators with/without Internal References
logo
Burr-Brown (TI)
TLV3011 BURR-BROWN-TLV3011 Datasheet
462Kb / 16P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
logo
Texas Instruments
TLV3012-Q1 TI1-TLV3012-Q1 Datasheet
504Kb / 17P
[Old version datasheet]   NANOPOWER 1.8-V COMPARATOR WITH VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com