Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PZTA14 Arkusz danych(PDF) 1 Page - Infineon Technologies AG

Numer części PZTA14
Szczegółowy opis  NPN Silicon Darlington Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PZTA14 Arkusz danych(HTML) 1 Page - Infineon Technologies AG

  PZTA14_08 Datasheet HTML 1Page - Infineon Technologies AG PZTA14_08 Datasheet HTML 2Page - Infineon Technologies AG PZTA14_08 Datasheet HTML 3Page - Infineon Technologies AG PZTA14_08 Datasheet HTML 4Page - Infineon Technologies AG PZTA14_08 Datasheet HTML 5Page - Infineon Technologies AG PZTA14_08 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2008-03-07
1
PZTA14
1
2
3
4
NPN Silicon Darlington Transistor
• For general AF applications
• High collector current
• High current gain
• Pb-free (RoHS compliant) package1)
• Qualified according AEC Q101
Type
Marking
Pin Configuration
Package
PZTA14
PZTA14 1=B
2=C
3=E
4=C
-
-
SOT223
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
VCES
30
V
Collector-base voltage
VCBO
30
Emitter-base voltage
VEBO
10
Collector current
IC
300
mA
Peak collector current
ICM
500
Base current
IB
100
Peak base current
IBM
200
Total power dissipation-
TS ≤ 124 °C
Ptot
1.5
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point2)
RthJS
≤ 17
K/W
1Pb-containing package may be available upon special request
2For calculation of RthJA please refer to Application Note Thermal Resistance


Podobny numer części - PZTA14_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
PZTA14G-AA3-R UTC-PZTA14G-AA3-R Datasheet
102Kb / 2P
   DARLINGTON TRANSISTOR
PZTA14G-AA3-R UTC-PZTA14G-AA3-R Datasheet
102Kb / 2P
   DARLINGTON TRANSISTOR
PZTA14L-AA3-R UTC-PZTA14L-AA3-R Datasheet
102Kb / 2P
   DARLINGTON TRANSISTOR
PZTA14L-AA3-R UTC-PZTA14L-AA3-R Datasheet
102Kb / 2P
   DARLINGTON TRANSISTOR
logo
Motorola, Inc
PZTA14T1 MOTOROLA-PZTA14T1 Datasheet
167Kb / 6P
   SOT-223 PACKAGE MEDIUM POWER NPN SILICON DARLINGTON TRANSISTOR SURFACE MOUNT
More results

Podobny opis - PZTA14_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Commercial Compon...
MPSA13 MCC-MPSA13 Datasheet
433Kb / 4P
   NPN Silicon Darlington Transistor
logo
Central Semiconductor C...
BCV47 CENTRAL-BCV47 Datasheet
100Kb / 2P
   NPN SILICON DARLINGTON TRANSISTOR
logo
ON Semiconductor
MMBT6427LT1 ONSEMI-MMBT6427LT1_06 Datasheet
71Kb / 6P
   Darlington Transistor NPN Silicon
February, 2006 ??Rev. 2
logo
Fairchild Semiconductor
MJD122 FAIRCHILD-MJD122_09 Datasheet
157Kb / 5P
   NPN Silicon Darlington Transistor
logo
Seme LAB
MJ4035 SEME-LAB-MJ4035 Datasheet
187Kb / 2P
   SILICON DARLINGTON NPN TRANSISTOR
logo
Fairchild Semiconductor
KSH122TM FAIRCHILD-KSH122TM Datasheet
178Kb / 7P
   NPN Silicon Darlington Transistor
KSH122TF FAIRCHILD-KSH122TF Datasheet
178Kb / 7P
   NPN Silicon Darlington Transistor
logo
First Silicon Co., Ltd
MJD122 FS-MJD122 Datasheet
457Kb / 2P
   NPN Silicon Darlington Transistor
logo
NEC
2SD1692 NEC-2SD1692 Datasheet
145Kb / 2P
   NPN SILICON DARLINGTON TRANSISTOR
2SD1693 NEC-2SD1693 Datasheet
151Kb / 2P
   NPN SILICON DARLINGTON TRANSISTOR
logo
GTM CORPORATION
GMPSA14 GTM-GMPSA14 Datasheet
153Kb / 2P
   NPN SILICON DARLINGTON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com