Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N3906 Arkusz danych(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Numer części 2N3906
Szczegółowy opis  PNP General Purpose Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SECOS [SeCoS Halbleitertechnologie GmbH]
Strona internetowa  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2N3906 Arkusz danych(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2N3906_10 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2N3906_10 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2N3906_10 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
2N3906
-0.2A, -40V
PNP General Purpose Transistor
31-Dec-2010 Rev.B
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
C
E
K
F
D
B
G
H
J
2
Base
1
Emitter
Collector
3
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead free
FEATURES
Power Dissipation PCM: 625mW (Ta=25°C)
Collector Current ICM: -200mA
Collector – Base Voltage V(BR)CBO: -40V
CLASSIFICATION OF hFE(1)
Product-Rank
2N3906-O
2N3906-Y
2N3906-G
Range
100~200
200~300
300~400
ABSOLUTE MAXIMUM RATINGS (Ta = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector - Base Voltage
VCBO
-40
V
Collector - Emitter Voltage
VCEO
-40
V
Emitter - Base Voltage
VEBO
-5
V
Collector Current -Continuous
IC
-0.2
A
Cpllector Power Dissipation
PC
625
mW
Junction, Storage Temperature
TJ, TSTG
+150, -55 ~ +150
°C
ELECTRICAL CHARACTERISTICS (Ta = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector-Base Breakdown Voltage
V(BR)CBO
-40
-
-
V
IC=-10µA, IE=0
Collector-Emitter Breakdown Voltage
V(BR)CEO
-40
-
-
V
IC=-1mA, IB=0
Emitter - Base Breakdown Voltage
V(BR)EBO
-5
-
-
V
IE=-100µA, IC=0
Collector Cut-Off Current
ICBO
-
-
-0.1
µA
VCB=-40V, IE=0
Collector Cut-Off Current
ICEX
-50
nA
VCE=-30V, VBE(off)=-3V
Emitter Cut-Off Current
IEBO
-
-
-0.1
µA
VEB =-5V, IC=0
hFE(1)
100
-
400
VCE=-1V, IC=-10mA
DC Current Gain
hFE(2)
60
-
-
VCE=-1V, IC=-50mA
Collector-Emitter Saturation Voltage
VCE(sat)
-
-
-0.4
V
IC=-50mA, IB=-5mA
Base-Emitter Saturation Voltage
VBE(sat)
-
-
-0.95
V
IC=-50mA, IB=-5mA
Transition Frequency
fT
250
-
-
MHz
VCE=-20V, IC=-10mA, f=100MHz
TO-92
Millimeter
REF.
Min.
Max.
A
4.40
4.70
B
4.30
4.70
C
12.70
-
D
3.30
3.81
E
0.36
0.56
F
0.36
0.51
G
1.27 TYP.
H
1.10
-
J
2.42
2.66
K
0.36
0.76
1
1
1
1Emitter
2
2
2
2Base
3
3
3
3Collector


Podobny numer części - 2N3906_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
2N3906 ONSEMI-2N3906_10 Datasheet
179Kb / 7P
   General Purpose Transistors
February, 2010 ??Rev. 4
More results

Podobny opis - 2N3906_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
PSS9015B PHILIPS-PSS9015B Datasheet
59Kb / 7P
   PNP general purpose transistor
2004 Aug 10
BC807W PHILIPS-BC807W Datasheet
61Kb / 8P
   PNP general purpose transistor
1999 May 18
2N5087 PHILIPS-2N5087 Datasheet
49Kb / 8P
   PNP general purpose transistor
1997 Jul 02
2PB710A PHILIPS-2PB710A Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 May 31
ED1602 PHILIPS-ED1602 Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 Apr 27
logo
Samsung semiconductor
MMBT4125 SAMSUNG-MMBT4125 Datasheet
30Kb / 1P
   PNP (GENERAL PURPOSE TRANSISTOR)
logo
Bruckewell Technology L...
MMBTA55-A56 BWTECH-MMBTA55-A56 Datasheet
201Kb / 3P
   PNP General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMBT3906T BILIN-MMBT3906T Datasheet
167Kb / 4P
   PNP General Purpose Transistor
MMBTA55 BILIN-MMBTA55_13 Datasheet
117Kb / 3P
   PNP General Purpose Transistor
MMST5401 BILIN-MMST5401_14 Datasheet
173Kb / 4P
   PNP General Purpose Transistor
2SA1774 BILIN-2SA1774 Datasheet
165Kb / 4P
   PNP General Purpose Transistor
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com