Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA5212 Arkusz danych(PDF) 7 Page - Infineon Technologies AG

Numer części TDA5212
Szczegółowy opis  ASK/FSK 915MHz Single Conversion Receiver
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA5212 Arkusz danych(HTML) 7 Page - Infineon Technologies AG

Back Button TDA5212_06 Datasheet HTML 3Page - Infineon Technologies AG TDA5212_06 Datasheet HTML 4Page - Infineon Technologies AG TDA5212_06 Datasheet HTML 5Page - Infineon Technologies AG TDA5212_06 Datasheet HTML 6Page - Infineon Technologies AG TDA5212_06 Datasheet HTML 7Page - Infineon Technologies AG TDA5212_06 Datasheet HTML 8Page - Infineon Technologies AG TDA5212_06 Datasheet HTML 9Page - Infineon Technologies AG TDA5212_06 Datasheet HTML 10Page - Infineon Technologies AG TDA5212_06 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
Product Description
2 - 2
TDA 5212
Wireless Components
Specification, December 2006
2.1 Overview
The IC is a very low power consumption single chip FSK/ASK Superheterodyne
Receiver (SHR) for receive frequencies between 902 and 928 MHz that is pin
compatible to the ASK Receiver TDA5202. The IC offers a high level of integra-
tion and needs only a few external components. The device contains a low
noise amplifier (LNA), a double balanced mixer, a fully integrated VCO, a PLL
synthesiser, a crystal oscillator, a limiter with RSSI generator, a PLL FSK
demodulator, a data filter, a data comparator (slicer) and a peak detector. Addi-
tionally there is a power down feature to save battery life.
2.2 Application
Keyless Entry Systems
Remote Control Systems
Low Bitrate ISM-band Communication Systems
2.3 Features
Low supply current (Is = 5.4 mA typ.FSK mode, 4.8 mA typ. ASK mode)
Supply voltage range 5V ±10%
Power down mode with very low supply current (90nA typ.)
FSK and ASK demodulation capability
Fully integrated VCO and PLL Synthesiser
RF input sensitivity ASK -112dBm typ. at 25°C, better than -109dBm over
complete specified operating temperature range (-40 to +85°C)
RF input sensitivity FSK -105dBm typ. at 25°C, better than -102dBm over
complete specified operating temperature range (-40 to +85°C)
Receive frequency range between 902 and 928 MHz
Selectable reference frequency
Limiter with RSSI generation, operating at 10.7MHz
2nd order low pass data filter with external capacitors
Data slicer with self-adjusting threshold


Podobny numer części - TDA5212_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
TDA5212 INFINEON-TDA5212 Datasheet
1Mb / 51P
   ASK/FSK 915MHz Single Conversion Receiver
Version 1.1 May 2003
More results

Podobny opis - TDA5212_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
TDA5212 INFINEON-TDA5212 Datasheet
1Mb / 51P
   ASK/FSK 915MHz Single Conversion Receiver
Version 1.1 May 2003
TDA5211 INFINEON-TDA5211 Datasheet
1Mb / 52P
   ASK/FSK Single Conversion Receiver
Version 2.0 May 2001
TDA5221 INFINEON-TDA5221 Datasheet
705Kb / 44P
   ASK/FSK Single Conversion Receiver
Version 0.1 October 2001
TDA7200 INFINEON-TDA7200 Datasheet
1Mb / 49P
   ASK/FSK Single Conversion Receiver
V 1.0, May 2007
TDA5220 INFINEON-TDA5220 Datasheet
719Kb / 44P
   ASK/FSK Single Conversion Receiver
Version 0.1 October 2001
TDA5210 INFINEON-TDA5210 Datasheet
1Mb / 53P
   ASK/FSK Single Conversion Receiver
Version 3.0 May 2001
TDA7210V INFINEON-TDA7210V_10 Datasheet
1Mb / 44P
   ASK/FSK Single Conversion Receiver
Revision 1.1, 2010-06-18
logo
Melexis Microelectronic...
TH71111 MELEXIS-TH71111 Datasheet
405Kb / 22P
   868/915MHz FSK/FM/ASK Receiver
TH71112 MELEXIS-TH71112 Datasheet
417Kb / 22P
   868/915MHz FSK/FM/ASK Receiver
logo
Infineon Technologies A...
TDA7210 INFINEON-TDA7210 Datasheet
1Mb / 52P
   Wireless Components ASK/FSK Single Conversion Receiver
Version 1.0 Dec 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com