Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N1128RA Arkusz danych(PDF) 1 Page - Microsemi Corporation

Numer części 1N1128RA
Szczegółowy opis  HIGH RELIABILITY POWER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N1128RA Arkusz danych(HTML) 1 Page - Microsemi Corporation

  1N1128RA Datasheet HTML 1Page - Microsemi Corporation 1N1128RA Datasheet HTML 2Page - Microsemi Corporation 1N1128RA Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http://www.microsemi.com
HIGH RELIABILITY POWER RECTIFIER
Qualified per MIL-PRF-19500/260
• Glass Passivated Die
• Glass to Metal Seal Construction
• 25 Amps Surge Rating • VRRM to 1000 Volts
T4-LDS-0135 Rev. 1 (091678)
Page 1 of 3
DEVICES
LEVELS
1N1124A
1N1124RA
1N3649
1N3649R
JAN
1N1126A
1N1126RA
1N3650
1N3650R
1N1128A
1N1128RA
ABSOLUTE MAXIMUM RATINGS (TC = +25°C unless otherwise noted)
Parameters / Test Conditions
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
1N1124A
1N1126A
1N1128A
1N3649
1N3650
1N1124RA
1N1126RA
1N1128RA
1N3649R
1N3650R
VRWM
200
400
600
800
1000
V
Average Forward Current, TC = 150°
IF
3.3
A
Peak Surge Forward Current @ tp = 8.3ms, half sinewave,
TC = 150°C, T = 1/120s
IFSM
25
A
Thermal Resistance, Junction to Case
Rθjc
2.0
°C/W
Operating Case Temperature Range
TC
-65°C to 150°C
°C
Storage Temperature Range
Tstg
-65°C to 200°C
°C
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Forward Voltage
IF = 10A, Tj = 25°C*
VF
2.2
V
Reverse Current
VR = 200, Tj = 25°C
VR = 400, Tj = 25°C
VR = 600, Tj = 25°C
VR = 800, Tj = 25°C
VR = 1000, Tj = 25°C
1N1124A
1N1126A
1N1128A
1N3649
1N3650
1N1124RA
1N1126RA
1N1128RA
1N3649R
1N3650R
IR
5
μA
Reverse Current
VR = 200, Tj = 150°C
VR = 400, Tj = 150°C
VR = 600, Tj = 150°C
VR = 800, Tj = 150°C
VR = 1000, Tj = 150°C
1N1124A
1N1126A
1N1128A
1N3649
1N3650
1N1124RA
1N1126RA
1N1128RA
1N3649R
1N3650R
IR
200
μA
* Pulse test: Pulse width 300 µsec, Duty cycle 2%
Note:
DO-203AA(DO-4)


Podobny numer części - 1N1128RA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
1N1128RA MICROSEMI-1N1128RA Datasheet
111Kb / 2P
   MILITARY SILICON POWER RECTIFIER
More results

Podobny opis - 1N1128RA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
1N1184 MICROSEMI-1N1184_10 Datasheet
123Kb / 3P
   HIGH RELIABILITY SILICON POWER RECTIFIER
1N3164 MICROSEMI-1N3164_10 Datasheet
90Kb / 3P
   HIGH RELIABILITY SILICON POWER RECTIFIER
1N3289 MICROSEMI-1N3289_10 Datasheet
87Kb / 3P
   HIGH RELIABILITY SILICON POWER RECTIFIER
logo
New Jersey Semi-Conduct...
45CKQ100 NJSEMI-45CKQ100 Datasheet
49Kb / 1P
   bchottky Rectifier High Reliability
logo
Microsemi Corporation
1N6391 MICROSEMI-1N6391_10 Datasheet
122Kb / 3P
   HIGH RELIABILITY SCHOTTKY RECTIFIER
1N6392 MICROSEMI-1N6392_10 Datasheet
122Kb / 3P
   HIGH RELIABILITY SCHOTTKY RECTIFIER
1N3890 MICROSEMI-1N3890_10 Datasheet
88Kb / 3P
   HIGH RELIABILITY FAST RECOVERY RECTIFIER
JANTX1N3911 MICROSEMI-JANTX1N3911 Datasheet
78Kb / 3P
   HIGH RELIABILITY FAST RECOVERY RECTIFIER
1N3909 MICROSEMI-1N3909_10 Datasheet
78Kb / 3P
   HIGH RELIABILITY FAST RECOVERY RECTIFIER
logo
Coilcraft lnc.
MS513PYA COILCRAFT-MS513PYA Datasheet
344Kb / 3P
   High-Reliability Power Inductors
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com