Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N2827B Arkusz danych(PDF) 2 Page - Microsemi Corporation

Numer części 1N2827B
Szczegółowy opis  50 WATT ZENER DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N2827B Arkusz danych(HTML) 2 Page - Microsemi Corporation

  1N2827B Datasheet HTML 1Page - Microsemi Corporation 1N2827B Datasheet HTML 2Page - Microsemi Corporation 1N2827B Datasheet HTML 3Page - Microsemi Corporation 1N2827B Datasheet HTML 4Page - Microsemi Corporation 1N2827B Datasheet HTML 5Page - Microsemi Corporation 1N2827B Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
50 WATT ZENER DIODES
Qualified per MIL-PRF-19500/114
T4-LDS-0076 Rev. 2 (101151)
Page 2 of 6
APPLICATIONS / BENEFITS
Regulates voltage over a broad operating current and temperature range
Standard voltage tolerances are +/- 5% with B suffix
Consult factory for +/-10% with an A suffix, +/-20% with no suffix, +/-2% with a C suffix and +/-1% with a D
suffix respectively
Reverse polarity available
Nonsensitive to ESD per MIL-STD-750 Method 1020
Inherently radiation hard as described in Microsemi MicroNote 050
MAXIMUM RATINGS
Junction Temperatures: -65°C to +175°C
Storage Temperatures: -65°C to +200°C
DC Power Dissipation: 50 watts at TC < 75°C
Power Derating: 0.5W/°C above 75°C
Forward Voltage @ 10A: 1.5 Volts
THERMAL RESISTANCE: 2.0°C/W maximum junction to base (1.5°C/W typical)
Solder temperatures: 260°C for 10 s (max)
MECHANICAL AND PACKAGING
CASE: Industry Standard TO-3 (TO-204AD), hermetically sealed, 0.052 inch diameter pins.
FINISH: All external surfaces are corrosion resistant and terminal solderable.
POLARITY: Standard Polarity units are connected anode to case. Reverse polarity (cathode to case) is
indicated by suffix R. In either example, both pins are common with one another as anode or cathode (see
circuit on last page).
WEIGHT: 15 grams.
MOUNTING HARDWARE: Consult factory for optional insulator and sheet metal screws
See package dimensions on last page


Podobny numer części - 1N2827B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
1N2827B MICROSEMI-1N2827B Datasheet
116Kb / 2P
   SILICON 50 WATT ZENER DIODES
1N2827B MICROSEMI-1N2827B Datasheet
236Kb / 4P
   50 Watt Zener Diodes
logo
New Jersey Semi-Conduct...
1N2827B NJSEMI-1N2827B Datasheet
171Kb / 1P
   SILICON 50 WATT ZENER DIODE
More results

Podobny opis - 1N2827B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NTE Electronics
NTE5270A NTE-NTE5270A Datasheet
31Kb / 3P
   50 Watt Zener Diodes
logo
Microsemi Corporation
1N2846B MICROSEMI-1N2846B Datasheet
236Kb / 4P
   50 Watt Zener Diodes
1N4553A MICROSEMI-1N4553A Datasheet
380Kb / 3P
   50 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
1N4549B NJSEMI-1N4549B Datasheet
80Kb / 1P
   SILICON 50 WATT ZENER DIODES
logo
Microsemi Corporation
1N2804 MICROSEMI-1N2804 Datasheet
116Kb / 2P
   SILICON 50 WATT ZENER DIODES
logo
NTE Electronics
NTE5240A NTE-NTE5240A Datasheet
31Kb / 3P
   50 Watt Zener Diodes 짹5% Tolerance
logo
Compensated Deuices Inc...
1N6485US CDI-DIODE-1N6485US Datasheet
107Kb / 2P
   1.5 WATT ZENER DIODES
CDLL4728 CDI-DIODE-CDLL4728 Datasheet
112Kb / 2P
   1 WATT ZENER DIODES
logo
First Components Intern...
1N5333 FCI-1N5333 Datasheet
100Kb / 3P
   5 Watt ZENER DIODES
logo
Compensated Deuices Inc...
1N6632US CDI-DIODE-1N6632US Datasheet
59Kb / 2P
   5 WATT ZENER DIODES
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com