Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N3890 Arkusz danych(PDF) 1 Page - Microsemi Corporation

Numer części 1N3890
Szczegółowy opis  HIGH RELIABILITY FAST RECOVERY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N3890 Arkusz danych(HTML) 1 Page - Microsemi Corporation

  1N3890_10 Datasheet HTML 1Page - Microsemi Corporation 1N3890_10 Datasheet HTML 2Page - Microsemi Corporation 1N3890_10 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http://www.microsemi.com
HIGH RELIABILITY FAST RECOVERY RECTIFIER
Qualified per MIL-PRF-19500/304
• 175°C Junction Temperature • VRRM 100 to 400 Volts
• 20 Amps Current Rating
T4-LDS-0143 Rev. 1 (091809)
Page 1 of 3
DEVICES
LEVELS
1N3890
1N3890A
1N3890R
1N3890AR
JAN
1N3891
1N3891A
1N3891R
1N3891AR
JANTX
1N3893
1N3893A
1N3893R
1N3893AR
JANTXV
ABSOLUTE MAXIMUM RATINGS (TC = +25°C unless otherwise noted)
Parameters / Test Conditions
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
1N3890 / A / R / AR
1N3891 / A / R / AR
1N3893 / A / R / AR
VRWM
100
200
400
V
Peak Working Reverse Voltage
1N3890 / A / R / AR
1N3891 / A / R / AR
1N3893 / A / R / AR
VRRM
100
200
400
V
Average Forward Current, TC = 100°
IF
20
A
Peak Surge Forward Current @
tp = 8.3ms, half sinewave,
TC = 100°C
1N3890, 1N3891, 1N3893 / R
1N3890A, 1N3891A, 1N3893A / AR
IFSM
175
250
A
Thermal Resistance, Junction to Case
RθJC
1.5
°C/W
Operating Junction Temperature Range
TJ
-65°C to 175°C
°C
Storage Temperature Range
Tstg
-65°C to 175°C
°C
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
Forward Voltage
IFM = 38A, TC = 25°C*
VFM
1.5
V
Forward Voltage
IFM = 250A, TC = 150°C**
VFM
2.75
V
Reverse Current
VRM = 100V, TC = 25°C
VRM = 200V, TC = 25°C
VRM = 400V, TC= 25°C
1N3890 / A / R / AR
1N3891 / A / R / AR
1N3893 / A / R / AR
IRM
10
μA
Reverse Current
VRM = 100V, TC = 150°C
VRM = 200V, TC = 150°C
VRM = 400V, TC = 150°C
1N3890 / A / R / AR
1N3891 / A / R / AR
1N3893 / A / R / AR
IRM
2
mA
Reverse Recovery Time
VRM = 30V, IF = 1A, TC = 55°C*
1N3890, 1N3891, 1N3893
1N3890A, 1N3891A,1N3893A / AR
Trr
200
150
ns
* Pulse test: Pulse width 300 µsec, Duty cycle 2%
** Pulse test: Pulse width 800 µsec
DO-203AA (DO-4)


Podobny numer części - 1N3890_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
1N3890A MICROSEMI-1N3890A Datasheet
288Kb / 3P
   SILICON 1 WATT ZENER DIODES
1N3890A MICROSEMI-1N3890A Datasheet
111Kb / 2P
   Fast Recovery Rectifier
1N3890A MICROSEMI-1N3890A Datasheet
121Kb / 2P
   Fast Recovery Rectifier
logo
New Jersey Semi-Conduct...
1N3890A NJSEMI-1N3890A Datasheet
93Kb / 1P
   Fast Rectifier, 10A < I(O)/I(F) s 20A
1N3890A NJSEMI-1N3890A Datasheet
88Kb / 1P
   SILICON POWER RECTIFIER
More results

Podobny opis - 1N3890_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
JANTX1N3911 MICROSEMI-JANTX1N3911 Datasheet
78Kb / 3P
   HIGH RELIABILITY FAST RECOVERY RECTIFIER
1N3909 MICROSEMI-1N3909_10 Datasheet
78Kb / 3P
   HIGH RELIABILITY FAST RECOVERY RECTIFIER
JAN1N6306 MICROSEMI-JAN1N6306 Datasheet
138Kb / 3P
   HIGH RELIABILITY ULTRA FAST RECOVERY RECTIFIER
1N5812 MICROSEMI-1N5812_10 Datasheet
77Kb / 3P
   HIGH RELIABILITY ULTRA FAST RECOVERY RECTIFIER
JANTX1N6306 MICROSEMI-JANTX1N6306 Datasheet
138Kb / 3P
   HIGH RELIABILITY ULTRA FAST RECOVERY RECTIFIER
JANTX1N6305 MICROSEMI-JANTX1N6305 Datasheet
138Kb / 3P
   HIGH RELIABILITY ULTRA FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
A197D ETC2-A197D Datasheet
1Mb / 4P
   High Fast Recovery Rectifier
logo
DIOTEC Electronics Corp...
RGP100 DEC-RGP100 Datasheet
353Kb / 2P
   1 AMP HIGH RELIABILITY FAST RECOVERY DIODES
FSPD-300-1B DEC-FSPD-300-1B Datasheet
403Kb / 2P
   3 AMP HIGH RELIABILITY FAST RECOVERY DIODES
FSPD-100-1B DEC-FSPD-100-1B Datasheet
355Kb / 2P
   1 AMP HIGH RELIABILITY FAST RECOVERY DIODES
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com