Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4467 Arkusz danych(PDF) 4 Page - Microsemi Corporation

Numer części 1N4467
Szczegółowy opis  VOIDLESS-HERMETICALLY-SEALED 1.5 WATT GLASS ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N4467 Arkusz danych(HTML) 4 Page - Microsemi Corporation

  1N4467 Datasheet HTML 1Page - Microsemi Corporation 1N4467 Datasheet HTML 2Page - Microsemi Corporation 1N4467 Datasheet HTML 3Page - Microsemi Corporation 1N4467 Datasheet HTML 4Page - Microsemi Corporation 1N4467 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http://www.microsemi.com
T4-LDS-0183 Rev. 1 (101686)
Page 4 of 5
SYMBOLS & DEFINITIONS
Symbol
Definition
VZ
Zener Voltage: The zener voltage the device will exhibit at a specified current (IZ) in its breakdown
region.
IZ, IZT,
IZK
Regulator Current: The dc regulator current (IZ), at a specified test point (IZT), near breakdown knee
(IZK).
ZZT or
ZZK
Dynamic Impedance: The small signal impedance of the diode when biased to operate in its
breakdown region at a specified rms current modulation (typically 10% of IZT or IZK) and
superimposed on IZT or IZK respectively.
VF
Maximum Forward Voltage: The maximum forward voltage the device will exhibit at a specified
current.
IR
Maximum Reverse Current: The maximum reverse (leakage) current that will flow at the specified
voltage and temperature.
IZM
Maximum Regulator (Zener) Current: The maximum rated dc current for the specified power rating.
IZSM
Maximum Zener Surge Current: The nonrepetitive peak value of zener surge current at a specified
wave form.
GRAPHS
FIGURE 1
TYPICAL TEMPERATURE
COEFFICIENT CHARACTERISTICS
FIGURE 2
POWER TEMPERATURE DERATING CURVE


Podobny numer części - 1N4467

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
1N4467 MICROSEMI-1N4467 Datasheet
64Kb / 2P
   1.5 WATT GLASS ZENER DIODES
logo
Central Semiconductor C...
1N4467 CENTRAL-1N4467 Datasheet
53Kb / 1P
   ZENER DIODES
1N4467 CENTRAL-1N4467 Datasheet
92Kb / 2P
   1.5 WATT ZENER DIODE
logo
Semtech Corporation
1N4467 SEMTECH-1N4467 Datasheet
42Kb / 3P
   Axial Leaded, Hermetically Sealed, 1.5 WATT Voltage Regulators
logo
EIC discrete Semiconduc...
1N4467 EIC-1N4467 Datasheet
108Kb / 2P
   SILICON ZENER DIODES
More results

Podobny opis - 1N4467

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
1N4465JANTX MICROSEMI-1N4465JANTX Datasheet
446Kb / 6P
   VOIDLESS HERMETICALLY SEALED 1.5 WATT GLASS ZENER DIODES
1N4954US MICROSEMI-1N4954US Datasheet
503Kb / 4P
   VOIDLESS-HERMETICALLY-SEALED Surface Mount 5 WATT GLASS ZENER
JANS1N6320US MICROSEMI-JANS1N6320US Datasheet
276Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mV GLASS ZENER DIODES
JANS1N5618US MICROSEMI-JANS1N5618US Datasheet
155Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED VOIDLESS-HERMETICALLY-SEALED RECOVERY GLASS RECTIFIERS
1N6309 MICROSEMI-1N6309_V01 Datasheet
481Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mW GLASS ZENER DIODES
Rev. 2
JAN1N6461 MICROSEMI-JAN1N6461 Datasheet
508Kb / 6P
   Voidless Hermetically Sealed Unidirectional Voidless Hermetically Sealed Unidirectional
1N6309US MICROSEMI-1N6309US Datasheet
461Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED Surface Mount 500 mW Glass Zener Diodes
1N3611 MICROSEMI-1N3611_11 Datasheet
238Kb / 5P
   VOIDLESS-HERMETICALLY-SEALED
1N6661 MICROSEMI-1N6661 Datasheet
128Kb / 2P
   VOIDLESS-HERMETICALLY-SEALED STANDARD RECOVERY GLASS RECTIFIERS
1N3611JANTX MICROSEMI-1N3611JANTX Datasheet
226Kb / 5P
   VOIDLESS-HERMETICALLY-SEALED STANDARD RECOVERY GLASS RECTIFIERS
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com