Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4481 Arkusz danych(PDF) 3 Page - Microsemi Corporation

Numer części 1N4481
Szczegółowy opis  VOIDLESS-HERMETICALLY-SEALED 1.5 WATT GLASS ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N4481 Arkusz danych(HTML) 3 Page - Microsemi Corporation

  1N4481 Datasheet HTML 1Page - Microsemi Corporation 1N4481 Datasheet HTML 2Page - Microsemi Corporation 1N4481 Datasheet HTML 3Page - Microsemi Corporation 1N4481 Datasheet HTML 4Page - Microsemi Corporation 1N4481 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
Gort Road Business Park, Ennis, Co. Clare, Ireland
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Tel: +353 (0) 65 6840044 Fax: +353 (0) 65 6822298
Website: http://www.microsemi.com
T4-LDS-0183 Rev. 1 (101686)
Page 3 of 5
ELECTRICAL CHARACTERISTICS @ 25°C Case Temperature
TYPE
NOMINAL
ZENER
VOLTAGE
VZ
TEST
CURRENT
IZT
MAXIMUM
DYNAMIC
IMPEDANCE
ZZT @ IZT
MAXIMUM KNEE
IMPEDANCE
ZZK @ IZK
MAXIMUM
REVERSE
CURRENT
IR @ VR
MAXIMUM
CONTINUOUS
CURRENT
IZM
SURGE
CURRENT
@ 8.3 ms
sq. wave
IZSM
VOLTS
mA
OHMS
OHMS
mA
μA
VOLTS
mA
AMPS
1N6485
1N6486
1N6487
1N6488
1N6489
1N6490
1N6491
3.3
3.6
3.9
4.3
4.7
5.1
5.6
76.0
69.0
64.0
58.0
53.0
49.0
45.0
10
10
9
9
8
7
5
400
400
400
400
500
500
600
1.0
1.0
1.0
1.0
1.0
1.0
1.0
50
50
35
5.0
4.0
1.0
0.5
1.0
1.0
1.0
1.0
1.0
1.0
2.0
433
397
366
332
304
280
255
4.2
3.9
3.6
3.3
3.0
2.7
2.5
1N4460
1N4461
1N4462
1N4463
6.2
6.8
7.5
8.2
40.0
37.0
34.0
31.0
4
2.5
2.5
3
200
200
400
400
1.0
1.0
.5
.5
10.0
5.0
1.0
.50
3.72
4.08
4.50
4.92
230
210
191
174
2.3
2.1
1.9
1.7
1N4464
1N4465
1N4466
1N4467
9.1
10.0
11.0
12.0
28.0
25.0
23.0
21.0
4
5
6
7
500
500
550
550
.5
.25
.25
.25
.30
.30
.30
.20
5.46
8.00
8.80
9.60
157
143
130
119
1.6
1.4
1.3
1.2
1N4468
1N4469
1N4470
1N4471
13.0
15.0
16.0
18.0
19.0
17.0
15.5
14.0
8
9
10
11
550
600
600
650
.25
.25
.25
.25
.05
.05
.05
.05
10.40
12.00
12.80
14.40
110
95
90
79
1.1
.95
.90
.79
1N4472
1N4473
1N4474
1N4475
20.0
22.0
24.0
27.0
12.5
11.5
10.5
9.5
12
14
16
18
650
650
700
700
.25
.25
.25
.25
.05
.05
.05
.05
16.00
17.60
19.20
21.60
71
65
60
53
.71
.65
.60
.53
1N4476
1N4477
1N4478
1N4479
30.0
33.0
36.0
39.0
8.5
7.5
7.0
6.5
20
25
27
30
750
800
850
900
.25
.25
.25
.25
.05
.05
.05
.05
24.00
26.40
28.80
31.2
48
43
40
37
.48
.43
.40
.37
1N4480
1N4481
1N4482
1N4483
43.0
47.0
51.0
56.0
6.0
5.5
5.0
4.5
40
50
60
70
950
1000
1100
1300
.25
.25
.25
.25
.05
.05
.05
.25
34.4
37.6
40.8
44.8
33
30
28
26
.33
.30
.28
.26
1N4484
1N4485
1N4486
1N4487
62.0
68.0
75.0
82.0
4.0
3.7
3.3
3.0
80
100
130
160
1500
1700
2000
2500
.25
.25
.25
.25
.25
.25
.25
.25
49.6
54.4
60.4
65.6
23
21
19
17
.23
.21
.19
.17
1N4488
1N4489
1N4490
1N4491
91.0
100.0
110.0
120.0
2.8
2.5
2.0
2.0
200
250
300
400
3000
3100
4000
4500
.25
.25
.25
.25
.25
.25
.25
.25
72.8
80.0
88.0
96.0
16
14
13
12
.16
.14
.13
.12
1N4492
1N4493
1N4494
1N4495
130.0
150.0
160.0
180.0
1.9
1.7
1.6
1.4
500
700
1000
1300
5000
6000
6500
7000
.25
.25
.25
.25
.25
.25
.25
.25
104.0
120.0
128.0
144.0
11
9.5
8.9
7.9
.11
.095
.089
.079
1N4496
200.0
1.2
1500
8000
.25
.25
160.0
7.2
.072


Podobny numer części - 1N4481

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
1N4481 MICROSEMI-1N4481 Datasheet
64Kb / 2P
   1.5 WATT GLASS ZENER DIODES
logo
Sensitron
1N4481 SENSITRON-1N4481 Datasheet
114Kb / 3P
   Zener 1.5W DIODE
logo
Central Semiconductor C...
1N4481 CENTRAL-1N4481 Datasheet
92Kb / 2P
   1.5 WATT ZENER DIODE
logo
Semtech Corporation
1N4481 SEMTECH-1N4481 Datasheet
42Kb / 3P
   Axial Leaded, Hermetically Sealed, 1.5 WATT Voltage Regulators
logo
EIC discrete Semiconduc...
1N4481 EIC-1N4481 Datasheet
108Kb / 2P
   SILICON ZENER DIODES
More results

Podobny opis - 1N4481

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
1N4465JANTX MICROSEMI-1N4465JANTX Datasheet
446Kb / 6P
   VOIDLESS HERMETICALLY SEALED 1.5 WATT GLASS ZENER DIODES
1N4954US MICROSEMI-1N4954US Datasheet
503Kb / 4P
   VOIDLESS-HERMETICALLY-SEALED Surface Mount 5 WATT GLASS ZENER
JANS1N6320US MICROSEMI-JANS1N6320US Datasheet
276Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mV GLASS ZENER DIODES
JANS1N5618US MICROSEMI-JANS1N5618US Datasheet
155Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED VOIDLESS-HERMETICALLY-SEALED RECOVERY GLASS RECTIFIERS
1N6309 MICROSEMI-1N6309_V01 Datasheet
481Kb / 6P
   VOIDLESS HERMETICALLY SEALED 500mW GLASS ZENER DIODES
Rev. 2
JAN1N6461 MICROSEMI-JAN1N6461 Datasheet
508Kb / 6P
   Voidless Hermetically Sealed Unidirectional Voidless Hermetically Sealed Unidirectional
1N6309US MICROSEMI-1N6309US Datasheet
461Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED Surface Mount 500 mW Glass Zener Diodes
1N3611 MICROSEMI-1N3611_11 Datasheet
238Kb / 5P
   VOIDLESS-HERMETICALLY-SEALED
1N6661 MICROSEMI-1N6661 Datasheet
128Kb / 2P
   VOIDLESS-HERMETICALLY-SEALED STANDARD RECOVERY GLASS RECTIFIERS
1N3611JANTX MICROSEMI-1N3611JANTX Datasheet
226Kb / 5P
   VOIDLESS-HERMETICALLY-SEALED STANDARD RECOVERY GLASS RECTIFIERS
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com