Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AMC1200SDUBR Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części AMC1200SDUBR
Szczegółowy opis  Fully-Differential Isolation Amplifier Low Offset Error: 1.5 mV max
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1200SDUBR Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button AMC1200SDUBR Datasheet HTML 7Page - Texas Instruments AMC1200SDUBR Datasheet HTML 8Page - Texas Instruments AMC1200SDUBR Datasheet HTML 9Page - Texas Instruments AMC1200SDUBR Datasheet HTML 10Page - Texas Instruments AMC1200SDUBR Datasheet HTML 11Page - Texas Instruments AMC1200SDUBR Datasheet HTML 12Page - Texas Instruments AMC1200SDUBR Datasheet HTML 13Page - Texas Instruments AMC1200SDUBR Datasheet HTML 14Page - Texas Instruments AMC1200SDUBR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
S1
S1
C
=3pF
INP
C
=3pF
INN
VINN
VINP
VDD1
GND1
GND1
GND1
3pF
R
=28kW
IN
3pF
VINN
VINP
Equivalent
Circuit
R
=
IN
f
C
·
CLK
DIFF
1
(
=10MHz)
f
CLK
C
=3.6pF
IND
GND1
GND1
400W
400W
S2
S2
AGND+0.8V
AGND+0.8V
AMC1200
www.ti.com
SBAS542
– APRIL 2011
THEORY OF OPERATION
INTRODUCTION
The differential analog input of the AMC1200 is a switched-capacitor circuit based on a second-order modulator
stage that digitizes the input signal into a 1-bit output stream. The device compares the differential input signal
(VIN = VINP – VINN) against the internal reference of 2.5 V using internal capacitors that are continuously
charged and discharged with a typical frequency of 10 MHz. With the S1 switches closed, CIND charges to the
voltage difference across VINP and VINN. For the discharge phase, both S1 switches open first and then both
S2 switches close. CIND discharges to approximately AGND + 0.8V during this phase. Figure 31 shows the
simplified equivalent input circuitry.
Figure 31. Equivalent Input Circuit
The analog input range is tailored to directly accommodate a voltage drop across a shunt resistor used for
current sensing. However, there are two restrictions on the analog input signals, VINP and VINN. If the input
voltage exceeds the range AGND
– 0.5 V to AVDD + 0.5 V, the input current must be limited to 10 mA to prevent
the implemented input protection diodes from damage. In addition, the linearity and the noise performance of the
device are ensured only when the differential analog input voltage remains within
±250 mV.
The isolated digital bit stream is processed by a third-order analog filter on the low-side and presented as a
differential output of the device.
The SiO2-based capacitive isolation barrier supports a high level of magnetic field immunity, as described in
application report SLLA181, ISO72x Digital Isolator Magnetic-Field Immunity (available for download at
www.ti.com).
Copyright
© 2011, Texas Instruments Incorporated
11


Podobny numer części - AMC1200SDUBR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
AMC1200SDUBR TI-AMC1200SDUBR Datasheet
511Kb / 23P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200SDUBR TI-AMC1200SDUBR Datasheet
1Mb / 31P
[Old version datasheet]   AMC1200/B Fully-Differential Isolation Amplifier
More results

Podobny opis - AMC1200SDUBR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD208 AD-AD208_1 Datasheet
8Mb / 16P
   High Precision, Low Offset, mV Input Isolation Amplifier
AD208 AD-AD208 Datasheet
872Kb / 15P
   High Precision, Low Offset, mV Input Isolation Amplifier
AD208 AD-AD208_16 Datasheet
7Mb / 17P
   HIGH PRECISION LOW OFFSET MV INPUT ISOLATION AMPLIFIER
AD208 AD-AD208_15 Datasheet
8Mb / 16P
   HIGH PRECISION LOW OFFSET MV INPUT ISOLATION AMPLIFIER
logo
Texas Instruments
AMC1200STDUBRQ1 TI1-AMC1200STDUBRQ1 Datasheet
901Kb / 23P
[Old version datasheet]   Fully Differential Isolation Amplifier
AMC1200BDUBR TI1-AMC1200BDUBR Datasheet
903Kb / 24P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200_1108 TI-AMC1200_1108 Datasheet
511Kb / 23P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1301 TI1-AMC1301 Datasheet
365Kb / 8P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200-Q1 TI-AMC1200-Q1_15 Datasheet
823Kb / 24P
[Old version datasheet]   Fully Differential Isolation Amplifier
AMC1200-Q1 TI1-AMC1200-Q1_16 Datasheet
1Mb / 30P
[Old version datasheet]   Fully-Differential Isolation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com