Zakładka z wyszukiwarką danych komponentów |
|
DAC34H84IZAYR Arkusz danych(PDF) 5 Page - Texas Instruments |
|
|
DAC34H84IZAYR Arkusz danych(HTML) 5 Page - Texas Instruments |
5 / 80 page DAC34H84 www.ti.com SLAS751A – MARCH 2011 – REVISED JUNE 2011 PIN FUNCTIONS (continued) PIN I/O DESCRIPTION NAME NO. A10, A13, A14, B10, B11, B12, B13, C5, C6, C7, C8, C9, C10, C13, D8, D13, D14, E8, E12, E13, F6, F7, F8, F9, F12, F13, G6, G7, G8, GND G9, G13, I These pins are ground for all supplies. G14, H6, H7, H8, H9, H13, H14, J6, J7, J8, J9, J12, J13, K8, K13, L8, L13, L14, M5, M6, M7, M8, M9, M10, M11, M12, M13, N13, P13, P14 IOUTAP B14 O A-Channel DAC current output. Connect directly to ground if unused. IOUTAN C14 O A-Channel DAC complementary current output. Connect directly to ground if unused. IOUTBP F14 O B-Channel DAC current output. Connect directly to ground if unused. IOUTBN E14 O B-Channel DAC complementary current output. Connect directly to ground if unused. IOUTCP J14 O C-Channel DAC current output. Connect directly to ground if unused. IOUTCN K14 O C-Channel DAC complementary current output. Connect directly to ground if unused. IOUTDP N14 O D-Channel DAC current output. Connect directly to ground if unused. IOUTDN M14 O D-Channel DAC complementary current output. Connect directly to ground if unused. D5, D6, G5, IOVDD I Supply voltage for all LVDS I/O. (3.3 V) H5, L5. L6 Supply voltage for all CMOS I/O. (1.8 to 3.3V) This supply can range from 1.8V to 3.3V to change the IOVDD2 L12 I input and output level of the CMOS I/O. LPF D12 I/O PLL loop filter connection. If not using the clock multiplying PLL, the LPF pin can be left unconnected. Optional LVPECL output strobe positive input. This positive/negative pair is captured with the rising OSTRP A9 I edge of DACCLKP/N. It is used to sync the divided-down clocks and FIFO output pointer in Dual Sync Sources Mode. If unused it can be left unconnected. OSTRN B9 I Optional LVPECL output strobe negative input. (See the OSTRP description) Optional LVDS positive input parity bit for the CD-data bus. The PARITYCDP/N LVDS pair has an internal 100 Ω termination resistor. If unused it can be left unconnected. PARITYCDP N8 I The PARITY, SYNC, and ISTR inputs are rotated to allow complete reversal of the data interface when setting the rev_interface bit in register config1. PARITYCDN P8 I Optional LVDS negative input parity bit for the CD-data bus. PLLAVDD C11, D11 I PLL analog supply voltage. (3.3 V) SCLK P9 I Serial interface clock. Internal pull-down. SDENB P10 I Active low serial data enable, always an input to the DAC34H84. Internal pull-up. Serial interface data. Bi-directional in 3-pin mode (default) and uni-directional 4-pin mode. Internal SDIO P11 1/O pull-down. Uni-directional serial interface data in 4-pin mode. The SDO pin is tri-stated in 3-pin interface mode SDO P12 O (default). SLEEP N11 I Active high asynchronous hardware power-down input. Internal pull-down. Copyright © 2011, Texas Instruments Incorporated 5 |
Podobny numer części - DAC34H84IZAYR |
|
Podobny opis - DAC34H84IZAYR |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |