Zakładka z wyszukiwarką danych komponentów |
|
DAC7563SDGST Arkusz danych(PDF) 10 Page - Texas Instruments |
|
|
DAC7563SDGST Arkusz danych(HTML) 10 Page - Texas Instruments |
10 / 56 page DAC8562, DAC8563 DAC8162, DAC8163 DAC7562, DAC7563 SLAS719C – AUGUST 2010 – REVISED JUNE 2011 www.ti.com Table 5. Typical Characteristics: DAC Dynamic Performance POWER-SUPPLY MEASUREMENT FIGURE NUMBER VOLTAGE CHANNEL-TO-CHANNEL CROSSTALK 5-V Rising Edge Figure 43 Channel-to-Channel Crosstalk 5.5 V 5-V Falling Edge Figure 44 CLOCK FEEDTHROUGH 5.5 V Figure 48 Clock Feedthrough 500 kHz, Midscale 2.7 V Figure 87 GLITCH ENERGY Rising Edge, Code 7FFFh to 8000h Figure 37 Glitch Energy, 1-LSB Step Falling Edge, Code 8000h to 7FFFh Figure 38 Rising Edge, Code 7FFCh to 8000h Figure 39 Glitch Energy, 4-LSB Step 5.5 V Falling Edge, Code 8000h to 7FFCh Figure 40 Rising Edge, Code 7FF0h to 8000h Figure 41 Glitch Energy, 16-LSB Step Falling Edge, Code 8000h to 7FF0h Figure 42 Rising Edge, Code 7FFFh to 8000h Figure 79 Glitch Energy, 1-LSB Step Falling Edge, Code 8000h to 7FFFh Figure 80 Rising Edge, Code 7FFCh to 8000h Figure 81 Glitch Energy, 4-LSB Step 2.7 V Falling Edge, Code 8000h to 7FFCh Figure 82 Rising Edge, Code 7FF0h to 8000h Figure 83 Glitch Energy, 16-LSB Step Falling Edge, Code 8000h to 7FF0h Figure 84 NOISE External VREF Figure 45 DAC Output Noise Density vs Frequency Internal VREF 5.5 V Figure 46 DAC Output Noise 0.1 Hz to 10 Hz External VREF Figure 47 POWER-ON GLITCH Reset to Zero Scale Figure 35 5.5 V Reset to Midscale Figure 36 Power-on Glitch Reset to Zero Scale Figure 85 2.7 V Reset to Midscale Figure 86 SETTLING TIME Rising Edge, Code 0h to FFFFh Figure 31 Full-Scale Settling Time Falling Edge, Code FFFFh to 0h Figure 32 5.5 V Rising Edge, Code 4000h to C000h Figure 33 Half-Scale Settling Time Falling Edge, Code C000h to 4000h Figure 34 Rising Edge, Code 0h to FFFFh Figure 75 Full-Scale Settling Time Falling Edge, Code FFFFh to 0h Figure 76 2.7 V Rising Edge, Code 4000h to C000h Figure 77 Half-Scale Settling Time Falling Edge, Code C000h to 4000h Figure 78 10 Submit Documentation Feedback Copyright © 2010–2011, Texas Instruments Incorporated Product Folder Link(s): DAC8562 DAC8563 DAC8162 DAC8163 DAC7562 DAC7563 |
Podobny numer części - DAC7563SDGST |
|
Podobny opis - DAC7563SDGST |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |