Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PD-3506G Arkusz danych(PDF) 7 Page - Microsemi Corporation

Numer części PD-3506G
Szczegółowy opis  PowerDsine 3500G Series
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD-3506G Arkusz danych(HTML) 7 Page - Microsemi Corporation

Back Button PD-3506G Datasheet HTML 3Page - Microsemi Corporation PD-3506G Datasheet HTML 4Page - Microsemi Corporation PD-3506G Datasheet HTML 5Page - Microsemi Corporation PD-3506G Datasheet HTML 6Page - Microsemi Corporation PD-3506G Datasheet HTML 7Page - Microsemi Corporation PD-3506G Datasheet HTML 8Page - Microsemi Corporation PD-3506G Datasheet HTML 9Page - Microsemi Corporation PD-3506G Datasheet HTML 10Page - Microsemi Corporation PD-3506G Datasheet HTML 11Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
P
Poow
weerrD
Dssiinnee 33550000G
G SSeerriieess
Copyright © 2009
Microsemi
7
Rev 1.1 27-Jul-09
Analog Mixed Signal Group
2381 Morse Avenue, Irvine, CA 92614, USA; Phone (USA): (800) 713-4113, (ROW): (949) 221-7100 Fax: (949) 756-0308
2
About the Power over Ethernet
Midspan
PowerDsine’s family of Power over Ethernet Midspans, series 3500G,
injects
power
over
data-carrying
Ethernet
cabling.
The
PD-3506G/3512G/3524G Midspans, support 6, 12 and 24 ports
respectively in a 10/100/1000BaseTx Ethernet network, over TIA/EIA-568
Category 5/5e/6 cabling. DC operating power, for data terminal units, is
fed over unused pairs of the cabling (7/8 and 4/5). The Power over
Ethernet Midspan normally powers devices that are ‘Power over Ethernet
Enabled’or are equipped to receive power over Ethernet. These devices
are called Powered Devices (PDs). Devices that can not receive power
over Ethernet may require an external power adapter to be powered.
Contact PowerDsine for such an adapter.
Power over Ethernet Midspan main features:
Safe and reliable power over existing Ethernet
infrastructure
Eliminates the need for AC outlets, local UPS & AC/DC
adapters near PDs
Remote Management using Web control and/or
SNMPv3
Highest level of Network Security
Safe solution that protects network infrastructure
Standards compliant
2.1
Power Management
The 3524G Midspan manages the power out to all connected PDs.
Management is requred in situations where:
Too many devices are connected to the
network.
There is a sudden, short surge in power
requirements.
When establishing a network, the total power required by the PDs may
exceed the total power available from the Midspan. The built-in Power
Management feature does not allow total power output to exceed
maximum power available (refer to the Technical Specifications). When
total power available is near maximum, attempts to connect an additional
PD to a free port cause the corresponding LED of the port to blink orange,


Podobny numer części - PD-3506G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Optoway Technology Inc
PD-3500-F OPTOWAY-PD-3500-F Datasheet
76Kb / 2P
   InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH RECEPTACLE
PD-3500-F OPTOWAY-PD-3500-F Datasheet
76Kb / 2P
   GaAs PIN PD MODULES GaAs PIN PHOTODIODE WITH RECEPTACLE
PD-3500-FB OPTOWAY-PD-3500-FB Datasheet
76Kb / 2P
   InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH RECEPTACLE
PD-3500-FB OPTOWAY-PD-3500-FB Datasheet
76Kb / 2P
   GaAs PIN PD MODULES GaAs PIN PHOTODIODE WITH RECEPTACLE
PD-3500-S OPTOWAY-PD-3500-S Datasheet
76Kb / 2P
   InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH RECEPTACLE
More results

Podobny opis - PD-3506G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com