Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL21070 Arkusz danych(PDF) 3 Page - Intersil Corporation

Numer części ISL21070
Szczegółowy opis  25關A Micropower Voltage References Low Power Standby Voltages
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21070 Arkusz danych(HTML) 3 Page - Intersil Corporation

  ISL21070_11 Datasheet HTML 1Page - Intersil Corporation ISL21070_11 Datasheet HTML 2Page - Intersil Corporation ISL21070_11 Datasheet HTML 3Page - Intersil Corporation ISL21070_11 Datasheet HTML 4Page - Intersil Corporation ISL21070_11 Datasheet HTML 5Page - Intersil Corporation ISL21070_11 Datasheet HTML 6Page - Intersil Corporation ISL21070_11 Datasheet HTML 7Page - Intersil Corporation ISL21070_11 Datasheet HTML 8Page - Intersil Corporation ISL21070_11 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ISL21070
3
FN7599.2
July 1, 2011
Absolute Voltage Ratings
Thermal Information
Max Voltage
VIN to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +6.5V
VOUT (pin) to GND (10s) . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VOUT + 1V
ESD Ratings
Human Body Model (Tested per JESD22-A114). . . . . . . . . . . . . . . 6000V
Machine Model (Tested per JESD22-A115) . . . . . . . . . . . . . . . . . . . 500V
Charged Device Model (Tested per JESD22-C101) . . . . . . . . . . . . . . 2kV
Latch Up (Tested Per JESD-78) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100mA
Environmental Operating Conditions
X-Ray Exposure (Note 5) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10mRem
Thermal Resistance (Typical)
θJA (°C/W)
θJC (°C/W)
3 Ld SOT-23 (Notes 6, 7) . . . . . . . . . . . . . . .
275
110
Continuous Power Dissipation (TA = +85°C) . . . . . . . . . . . . . . . . . . .99mW
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Pb-Free Reflow Profile (Note 8) . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Temperature Range (Industrial) . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
5. Measured with no filtering, distance of 10” from source, intensity set to 55kV and 70mA current, 30s duration. Other exposure levels should be
analyzed for Output Voltage drift effects. See “Applications Information” on page 7.
6.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
7. For
θJC, the “case temp” location is taken at the package top center.
8. Post-reflow drift for the ISL21070 devices will range from 100μV to 1.0mV based on experimental results with devices on FR4 double sided boards.
The design engineer must take this into account when considering the reference voltage after assembly.
Electrical Specifications (ISL21070-06, V
OUT = 0.600V) VIN = 3.0V, TA = -40°C to +85°C, IOUT = 0, unless otherwise specified.
Boldface limits apply over the operating temperature range, -40°C to +85°C.
SYMBOL
PARAMETER
CONDITIONS
MIN
(Note 12)
TYP
MAX
(Note 12
UNITS
VOUT
Output Voltage
0.600
V
VOA
VOUT Accuracy @ TA = +25°C
ISL21070 D-grade
-1.0
+1.0
%
TC VOUT
Output Voltage Temperature Coefficient
(Note 9)
ISL21070 D-grade
50
ppm/°C
VIN
Input Voltage Range
2.7
5.5
V
IIN
Supply Current
11
25
μA
ΔVOUT/ΔVIN
Line Regulation
2.7V < VIN < 5.5V
20
250
μV/V
ΔVOUT/ΔIOUT Load Regulation
Sourcing: 0mA
≤ IOUT ≤ 10mA
3
100
μV/mA
Sinking: -10mA
≤ IOUT ≤ 0mA
6
100
μV/mA
ISC
Short Circuit Current
TA = +25°C, VOUT tied to GND
50
mA
tR
Turn-on Settling Time
VOUT = ±0.1%
150
μs
Ripple Rejection
f = 10kHz
-20
dB
eN
Output Voltage Noise
0.1Hz
≤ f ≤ 10Hz
30
μVP-P
VN
Broadband Voltage Noise
10Hz
≤ f ≤ 10kHz
10
μVRMS
ΔVOUT/ΔTA
Thermal Hysteresis (Note 10)
ΔTA = +125°C
20
ppm
ΔVOUT/Δt
Long Term Stability (Note 11)
TA = +25°C
70
ppm
Electrical Specifications (ISL21070-20, V
OUT = 2.048V) VIN = 3.0V, TA = -40°C to +85°C, IOUT = 0, unless otherwise specified.
Boldface limits apply over the operating temperature range, -40°C to +85°C.
SYMBOL
PARAMETER
CONDITIONS
MIN
(Note 12)
TYP
MAX
(Note 12
UNIT
VOUT
Output Voltage
2.048
V
VOA
VOUT Accuracy @ TA = +25°C
ISL21070 C-grade: 2.048
-0.25
+0.25
%


Podobny numer części - ISL21070_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL21070CIH310Z-TK INTERSIL-ISL21070CIH310Z-TK Datasheet
485Kb / 12P
   25關A Micropower Voltage References
ISL21070CIH320Z-TK INTERSIL-ISL21070CIH320Z-TK Datasheet
485Kb / 12P
   25關A Micropower Voltage References
ISL21070CIH320Z-TK INTERSIL-ISL21070CIH320Z-TK Datasheet
512Kb / 11P
   25µA Micropower Voltage References
September 3, 2015
logo
Renesas Technology Corp
ISL21070CIH320Z-TK RENESAS-ISL21070CIH320Z-TK Datasheet
777Kb / 12P
   25關A Micropower Voltage References
logo
Intersil Corporation
ISL21070CIH325Z-TK INTERSIL-ISL21070CIH325Z-TK Datasheet
485Kb / 12P
   25關A Micropower Voltage References
More results

Podobny opis - ISL21070_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
ISL21070 RENESAS-ISL21070 Datasheet
777Kb / 12P
   25關A Micropower Voltage References
logo
Intersil Corporation
ISL21070 INTERSIL-ISL21070 Datasheet
485Kb / 12P
   25關A Micropower Voltage References
logo
Texas Instruments
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI1-LM285-2.5_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM285-1.2 TI1-LM285-1.2_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM385-1.2-MIL TI1-LM385-1.2-MIL Datasheet
402Kb / 16P
[Old version datasheet]   Micropower Voltage References
LM385LPE3-2-5 TI1-LM385LPE3-2-5 Datasheet
651Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285 TI-LM285 Datasheet
307Kb / 15P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385B-2.5 TI-LM385B-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI-LM285-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com