Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL55211 Arkusz danych(PDF) 4 Page - Intersil Corporation

Numer części ISL55211
Szczegółowy opis  Wideband, Low Noise, Low Distortion, Fixed Gain, Differential Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55211 Arkusz danych(HTML) 4 Page - Intersil Corporation

  ISL55211 Datasheet HTML 1Page - Intersil Corporation ISL55211 Datasheet HTML 2Page - Intersil Corporation ISL55211 Datasheet HTML 3Page - Intersil Corporation ISL55211 Datasheet HTML 4Page - Intersil Corporation ISL55211 Datasheet HTML 5Page - Intersil Corporation ISL55211 Datasheet HTML 6Page - Intersil Corporation ISL55211 Datasheet HTML 7Page - Intersil Corporation ISL55211 Datasheet HTML 8Page - Intersil Corporation ISL55211 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ISL55211
4
FN7868.0
June 21, 2011
Average Offset Voltage Drift
TA = -40°C to +85°C
±3
µV/
°C
Input Bias Current
TA = +25°C, positive current into the pin
+50
+120
µA
*
TA = -40°C to +85°C
+50
+140
µA
Average Bias Current Drift
TA = -40°C to +85°C
200
nA/
°C
Input Offset Current
TA = +25°C
-5
±1
+5
µA
*
TA = -40°C to +85°C
-6
+6
µA
Average Offset Current Drift
TA = -40°C to +85°C
±8
nA/
°C
INPUT
Common-mode Input Range High
Internal Nodes
1.7
V
*
Common-mode Input Range Low
Internal Nodes
1.1
V
*
Common-mode Rejection Ratio
f < 10MHz, common mode to differential
output
56
75
dB
*
Differential Input Impedance
VIN1- Connected to VIN2-
VIN1+ Connected to VIN2+
200
Ω
OUTPUT (Pins 9 AND 12)
Maximum Output Voltage
Each output (with 200
Ω differential load)
Linear Operation
2.15
2.35
V
*
Minimum Output Voltage
0.45
0.63
V
*
Differential Output Voltage Swing
TA = +25°C
3.04
3.8
VP-P
*
TA = -40°C to +85°C
2.95
V
Differential Output Current Drive
RL = 10Ω [sourcing or sinking]
40
45
mA
*
Closed-loop Output Impedance
f < 10MHz, differential
0.6
Ω
OUTPUT COMMON-MODE VOLTAGE CONTROL (Pin 14)
Small-signal Bandwidth
From VCM pin to Output VCM
30
MHz
Slew Rate
Rising/Falling
150
V/µs
Gain
VCM input pin 1.0V to 1.4V
0.995
0.999
V/V
*
Output Common-Mode Offset from CM Input
-8
±1
+8
mV
*
CM Default Voltage
Output VCM with VCM pin floating
1.18
1.2
1.22
V
*
CM Input Bias Current
At control pin
2
µA
CM Input Voltage Range
At control pin
0.9
1.9
V
*
CM Input Impedance
At control pin
15
|| 50
k
Ω || pF
POWER SUPPLY
Specified Operation Voltage
3
3.3
4.2
V
*
Quiescent Current
TA = +25°, VS+ = 3.3V, VS- = 0V
33
35
37
mA
*
TA = -40°C to +85°C
30.5
35
39.5
mA
Power-supply Rejection (PSRR) VS+
3.0V to 4.5V range
f < 10MHz [PSRR to differential output]
50
67
dB
*
POWER-DOWN (Pin 7)
Referenced to GND
Enable Voltage Threshold
Assured on above 1.55V
1.3
1.55
V
*
Disable Voltage Threshold
Assured off below 0.54V
0.54
0.7
V
*
Electrical Specifications VS+ = +3.3V Test Conditions: G = 12dB, VCM = open, VO = 2VP-P, RL = 200Ω differential, TA = +25°C,
differential input, differential output, input and output referenced to internal default VCM (1.2V nominal) unless otherwise specified. (Continued)
PARAMETER
CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNIT
TESTED


Podobny numer części - ISL55211

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL55211 INTERSIL-ISL55211 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL55211 RENESAS-ISL55211 Datasheet
1Mb / 20P
   Wideband, Low Noise, Low Distortion, Fixed Gain, Differential Amplifier
logo
Intersil Corporation
ISL55211 INTERSIL-ISL55211 Datasheet
1Mb / 20P
   Wideband, Low Noise, Low Distortion, Fixed Gain Differential Amplifier
June 21, 2011
ISL55211IRTZ INTERSIL-ISL55211IRTZ Datasheet
1Mb / 20P
   Wideband, Low Noise, Low Distortion, Fixed Gain Differential Amplifier
June 21, 2011
logo
Renesas Technology Corp
ISL55211IRTZ RENESAS-ISL55211IRTZ Datasheet
1Mb / 20P
   Wideband, Low Noise, Low Distortion, Fixed Gain, Differential Amplifier
More results

Podobny opis - ISL55211

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL55211IRTZ INTERSIL-ISL55211IRTZ Datasheet
1Mb / 20P
   Wideband, Low Noise, Low Distortion, Fixed Gain Differential Amplifier
June 21, 2011
logo
Renesas Technology Corp
ISL55211 RENESAS-ISL55211 Datasheet
1Mb / 20P
   Wideband, Low Noise, Low Distortion, Fixed Gain, Differential Amplifier
logo
Texas Instruments
THS4509 TI-THS4509 Datasheet
2Mb / 30P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 TI1-THS4511_14 Datasheet
1Mb / 36P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509 NSC-THS4509 Datasheet
1Mb / 42P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4509 TI1-THS4509_14 Datasheet
1Mb / 43P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4509-Q1 TI1-THS4509-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI-THS4513 Datasheet
3Mb / 34P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_13 Datasheet
1Mb / 41P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION,FULLY-DIFFERENTIAL AMPLIFIER
THS4508 TI-THS4508 Datasheet
3Mb / 29P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com