Zakładka z wyszukiwarką danych komponentów |
|
ISL23345WFVZ Arkusz danych(PDF) 1 Page - Intersil Corporation |
|
ISL23345WFVZ Arkusz danych(HTML) 1 Page - Intersil Corporation |
1 / 19 page 1 CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 |Copyright Intersil Americas Inc. 2011. All Rights Reserved Intersil (and design) and XDCP are trademarks owned by Intersil Corporation or one of its subsidiaries. All other trademarks mentioned are the property of their respective owners Quad, 256 Tap, Low Voltage Digitally Controlled Potentiometer (XDCP™) ISL23345 The ISL23345 is a volatile, low voltage, low noise, low power, 256 tap, quad digitally controlled potentiometer (DCP) with an I2C Bus™ interface. It integrates four DCP cores, wiper switches and control logic on a monolithic CMOS integrated circuit. Each digitally controlled potentiometer is implemented with a combination of resistor elements and CMOS switches. The position of the wipers are controlled by the user through the I2C bus interface. Each potentiometer has an associated volatile Wiper Register (WRi, i = 0, 1, 2, 3) that can be directly written to and read by the user. The contents of the WRi controls the position of the wiper. When powered on, the wiper of each DCP will always commence at mid-scale (128 tap position). The low voltage, low power consumption, and small package of the ISL23345 make it an ideal choice for use in battery operated equipment. In addition, the ISL23345 has a VLOGIC pin allowing down to 1.2V bus operation, independent from the VCC value. This allows for low logic levels to be connected directly to the ISL23345 without passing through a voltage level shifter. The DCP can be used as a three-terminal potentiometer or as a two-terminal variable resistor in a wide variety of applications including control, parameter adjustments, and signal processing. Applications • Power supply margining • Trimming sensor circuits • Gain adjustment in battery powered instruments • RF power amplifier bias compensation Features • Four potentiometers per package • 256 resistor taps •10k Ω, 50kΩ or 100kΩ total resistance •I2C serial interface - No additional level translator for low bus supply - Three address pins allow up to eight devices per bus • Maximum supply current without serial bus activity (standby) - 5µA @ VCC and VLOGIC = 5V - 2µA @ VCC and VLOGIC = 1.7V •Shutdown Mode - Forces the DCP into an end-to-end open circuit and RWi is connected to RLi internally - Reduces power consumption by disconnecting the DCP resistor from the circuit •Power supply -VCC = 1.7V to 5.5V analog power supply -VLOGIC = 1.2V to 5.5V I2C bus/logic power supply • Wiper resistance: 70 Ω typical @ VCC = 3.3V • Power-on preset to mid-scale (128 tap position) • Extended industrial temperature range: -40°C to +125°C • 20 Ld TSSOP or 20 QFN packages • Pb-free (RoHS compliant) FIGURE 1. FORWARD AND BACKWARD RESISTANCE vs TAP POSITION, 10kΩ DCP FIGURE 2. VREF ADJUSTMENT 0 2000 4000 6000 8000 10000 0 64 128 192 256 TAP POSITION (DECIMAL) VREF_M ISL28114 1 DCP of ISL23345 + - VREF RL1 RW1 RH1 June 21, 2011 FN7872.0 |
Podobny numer części - ISL23345WFVZ |
|
Podobny opis - ISL23345WFVZ |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |