Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SML100B11 Arkusz danych(PDF) 2 Page - Seme LAB

Numer części SML100B11
Szczegółowy opis  N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEME-LAB [Seme LAB]
Strona internetowa  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

SML100B11 Arkusz danych(HTML) 2 Page - Seme LAB

  SML100B11 Datasheet HTML 1Page - Seme LAB SML100B11 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SML100B11
6/99
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Characteristic
Test Conditions
Min.
Typ.
Max. Unit
Ciss
Coss
Crss
Qg
Qgs
Qgd
td(on)
tr
td(off)
tf
Characteristic
Test Conditions
Min.
Typ.
Max. Unit
11
44
1.3
700
9
IS
ISM
VSD
trr
Qrr
(Body Diode)
(Body Diode)
VGS = 0V , IS = – ID [Cont.]
IS = – ID [Cont.] , dls / dt = 100A/ms
IS = – ID [Cont.] , dls / dt = 100A/ms
Continuous Source Current
Pulsed Source Current1
Diode Forward Voltage2
Reverse Recovery Time
Reverse Recovery Charge
A
V
ns
mC
Characteristic
Min.
Typ.
Max. Unit
0.45
40
RqJC
RqJA
Junction to Case
Junction to Ambient
°C/W
SOURCE – DRAIN DIODE RATINGS AND CHARACTERISTICS
THERMAL CHARACTERISTICS
1) Repetitive Rating: Pulse Width limited by maximum junction temperature.
2) Pulse Test: Pulse Width < 380
mS , Duty Cycle < 2%
3) See MIL–STD–750 Method 3471
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Total Gate Charge3
Gate – Source Charge
Gate – Drain (“Miller”) Charge
Turn–on Delay Time
Rise Time
Turn-off Delay Time
Fall Time
VGS = 0V
VDS = 25V
f = 1MHz
VGS = 10V
VDD = 0.5 VDSS
ID = ID [Cont.] @ 25°C
VGS = 15V
VDD = 0.5 VDSS
ID = ID [Cont.] @ 25°C
RG = 1.6W
pF
nC
ns
3050
270
125
150
16
78
12
11
60
15
CAUTION — Electrostatic Sensitive Devices. Anti-Static Procedures Must Be Followed.
Characteristic
Test Conditions
Min.
Typ.
Max. Unit
BVDSS
IDSS
IGSS
VGS(TH)
ID(ON)
RDS(ON)
VGS = 0V , ID = 250mA
VDS = VDSS
VDS = 0.8VDSS , TC = 125°C
VGS = ±30V , VDS = 0V
VDS = VGS , ID = 1.0mA
VDS > ID(ON) x RDS(ON) Max
VGS = 10V
VGS = 10V , ID = 0.5 ID [Cont.]
Drain – Source Breakdown Voltage
Zero Gate Voltage Drain Current
(VGS = 0V)
Gate – Source Leakage Current
Gate Threshold Voltage
On State Drain Current 2
Drain – Source On State Resistance 2
1000
25
250
±100
2
4
11
1.00
V
mA
nA
V
A
W
STATIC ELECTRICAL RATINGS (Tcase = 25°C unless otherwise stated)
DYNAMIC CHARACTERISTICS


Podobny numer części - SML100B11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seme LAB
SML100B13 SEME-LAB-SML100B13 Datasheet
21Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
More results

Podobny opis - SML100B11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seme LAB
SML100B13 SEME-LAB-SML100B13 Datasheet
21Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML100H9 SEME-LAB-SML100H9 Datasheet
26Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML100S13 SEME-LAB-SML100S13 Datasheet
20Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML10T75XX SEME-LAB-SML10T75XX Datasheet
19Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML120L16 SEME-LAB-SML120L16 Datasheet
20Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML20B67 SEME-LAB-SML20B67 Datasheet
21Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML20H45 SEME-LAB-SML20H45 Datasheet
26Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML30A33 SEME-LAB-SML30A33 Datasheet
20Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML40A26 SEME-LAB-SML40A26 Datasheet
20Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
logo
Advanced Power Technolo...
APT4016BN ADPOW-APT4016BN Datasheet
51Kb / 4P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
APT1001R6BN ADPOW-APT1001R6BN Datasheet
50Kb / 4P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com