Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

N010-0554-T902 Arkusz danych(PDF) 6 Page - Fujitsu Component Limited.

Numer części N010-0554-T902
Szczegółowy opis  STANDARD Resistive Touch Panel Specification
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FUJITSU [Fujitsu Component Limited.]
Strona internetowa  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

N010-0554-T902 Arkusz danych(HTML) 6 Page - Fujitsu Component Limited.

  N010-0554-T902 Datasheet HTML 1Page - Fujitsu Component Limited. N010-0554-T902 Datasheet HTML 2Page - Fujitsu Component Limited. N010-0554-T902 Datasheet HTML 3Page - Fujitsu Component Limited. N010-0554-T902 Datasheet HTML 4Page - Fujitsu Component Limited. N010-0554-T902 Datasheet HTML 5Page - Fujitsu Component Limited. N010-0554-T902 Datasheet HTML 6Page - Fujitsu Component Limited. N010-0554-T902 Datasheet HTML 7Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
554 SERIES
n
9.0 CONNECTION AND MOUNTING
The details below indicate the recommended mounting structure for panel and enclosure. The enclosure sup-
port to fix the touch panel must be over 1.0mm I width and must be outside the view (Transparent area). Also
ensure that the enclosure does not cause miss input by touching the view area.
The following diagram shows that the enclosure edge must be between the View area and the guaranteed ac-
tive area. Ensure space is allocated for the diodes, and we recommend that the material to fix the panel and
enclosure is elastic. Special design would be required to stop water ingress. The corners of the touch panel
are conductive so do not touch any metal parts after mounting.
Location
Detect
1.
Bottom
2.
Left
3.
Top
4.
Right
Top View (Picture, with conductive
side down)
(Drawing) with conductive connector and glass
side down. See page 1 for detail of connector exit
side which is left.
(Mating connector type FCI or equivalent
SFW4R-1STAE1-LF: for FPC)
0.8 mm min.
Connector
LCD
1.0 to 3.0 mm
Circuit Board
Transparent Area
Anti-input Area
Shock absorber to protect
the panel (eg rubber)
Upper Case
Input Area
Shock absorber
for protection
View Area
Input Panel
Wiring Area
5.1
Stiffener board 10.2


Podobny numer części - N010-0554-T902

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fujitsu Component Limit...
N010-0550-T341 FUJITSU-N010-0550-T341 Datasheet
320Kb / 7P
   Resistive Touch Panel Specification
N010-0550-T341 FUJITSU-N010-0550-T341 Datasheet
320Kb / 7P
   Resistive Touch Panel Specification
N010-0550-T341 FUJITSU-N010-0550-T341 Datasheet
570Kb / 7P
   STANDARD Resistive Touch Panel Specification 7-Wire Series
N010-0550-T345 FUJITSU-N010-0550-T345 Datasheet
570Kb / 7P
   Resistive Touch Panel Specification FID-550 7-Wire Series
N010-0550-T511 FUJITSU-N010-0550-T511 Datasheet
320Kb / 7P
   Resistive Touch Panel Specification
More results

Podobny opis - N010-0554-T902

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fujitsu Component Limit...
N16B-0558-B240 FUJITSU-N16B-0558-B240 Datasheet
320Kb / 7P
   Resistive Touch Panel Specification
FID-550 FUJITSU-FID-550 Datasheet
320Kb / 7P
   Resistive Touch Panel Specification
FID-550 FUJITSU-FID-550_06 Datasheet
570Kb / 7P
   STANDARD Resistive Touch Panel Specification 7-Wire Series
logo
AZ Displays
ATP0644-3 AZDISPLAYS-ATP0644-3 Datasheet
918Kb / 7P
   SPECIFICATIONS FOR STANDARD RESISTIVE TOUCH PANEL
logo
Fujitsu Component Limit...
N010-0550-T717 FUJITSU-N010-0550-T717 Datasheet
570Kb / 7P
   Resistive Touch Panel Specification FID-550 7-Wire Series
logo
Crystalfontz America, I...
CFAF480128A0-039TR CRYSTAIFONTZ-CFAF480128A0-039TR Datasheet
1Mb / 13P
   TFT DISPLAY MODULE WITH RESISTIVE TOUCH PANEL
CFAM1024600A0-070R CRYSTAIFONTZ-CFAM1024600A0-070R Datasheet
1Mb / 13P
   7??TFT HDMI DISPLAY MODULE WITH RESISTIVE TOUCH PANEL
CFAM800480A0-070R CRYSTAIFONTZ-CFAM800480A0-070R Datasheet
1Mb / 13P
   7??TFT HDMI DISPLAY MODULE WITH RESISTIVE TOUCH PANEL
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_12 Datasheet
3Mb / 70P
   Resistive Touch Screen Controller
11/29/11
logo
3M Electronics
SC802S 3M-SC802S Datasheet
131Kb / 3P
   Resistive Touch Screen Electronics
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com