Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

N010-0554-T902 Arkusz danych(PDF) 7 Page - Fujitsu Component Limited.

Numer części N010-0554-T902
Szczegółowy opis  STANDARD Resistive Touch Panel Specification
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FUJITSU [Fujitsu Component Limited.]
Strona internetowa  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

N010-0554-T902 Arkusz danych(HTML) 7 Page - Fujitsu Component Limited.

  N010-0554-T902 Datasheet HTML 1Page - Fujitsu Component Limited. N010-0554-T902 Datasheet HTML 2Page - Fujitsu Component Limited. N010-0554-T902 Datasheet HTML 3Page - Fujitsu Component Limited. N010-0554-T902 Datasheet HTML 4Page - Fujitsu Component Limited. N010-0554-T902 Datasheet HTML 5Page - Fujitsu Component Limited. N010-0554-T902 Datasheet HTML 6Page - Fujitsu Component Limited. N010-0554-T902 Datasheet HTML 7Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
554 SERIES
n
10.0 PANEL THICKNESS (typical)
Thickness of Glass 1.1mm
Stiffener Board
Conductive Face
Japan
Fujitsu Component Limited
Gotanda-Chuo Building
3-5, Higashigotanda 2-chome, Shinagawa-ku
Tokyo 141 8630, Japan
Tel: (81-3) 5449-7010
Fax: (81-3) 5449-2626
Email: promothq@fcl.fujitsu.com
Web: www.fcl.fujitsu.com
North and South America
Fujitsu Components America, Inc.
250 E. Caribbean Drive
Sunnyvale, CA 94089 U.S.A.
Tel: (1-408) 745-4900
Fax: (1-408) 745-4970
Email: components@us.fujitsu.com
Web: http://us.fujitsu.com/components/
Europe
Fujitsu Components Europe B.V.
Diamantlaan 25
2132 WV Hoofddorp
Netherlands
Tel: (31-23) 5560910
Fax: (31-23) 5560950
Email: info@fceu.fujitsu.com
Web: emea.fujitsu.com/components/
Asia Pacific
Fujitsu Components Asia Ltd.
102E Pasir Panjang Road
#01-01 Citilink Warehouse Complex
Singapore 118529
Tel: (65) 6375-8560
Fax: (65) 6273-3021
Email: fcal@fcal.fujitsu.com
Web: http://www.fujitsu.com/sg/services/micro/components/
Fujitsu Components International Headquarter Offices
©2007 Fujitsu Components America, Inc. All rights reserved. All trademarks or registered trademarks are the property of their respective
owners.
Fujitsu Components America or its affiliates do not warrant that the content of datasheet is error free. In a continuing effort to improve our
products Fujitsu Components America, Inc. or its affiliates reserve the right to change specifications/datasheets without prior notice.
Rev. March 16, 2007.


Podobny numer części - N010-0554-T902

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fujitsu Component Limit...
N010-0550-T341 FUJITSU-N010-0550-T341 Datasheet
320Kb / 7P
   Resistive Touch Panel Specification
N010-0550-T341 FUJITSU-N010-0550-T341 Datasheet
320Kb / 7P
   Resistive Touch Panel Specification
N010-0550-T341 FUJITSU-N010-0550-T341 Datasheet
570Kb / 7P
   STANDARD Resistive Touch Panel Specification 7-Wire Series
N010-0550-T345 FUJITSU-N010-0550-T345 Datasheet
570Kb / 7P
   Resistive Touch Panel Specification FID-550 7-Wire Series
N010-0550-T511 FUJITSU-N010-0550-T511 Datasheet
320Kb / 7P
   Resistive Touch Panel Specification
More results

Podobny opis - N010-0554-T902

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fujitsu Component Limit...
N16B-0558-B240 FUJITSU-N16B-0558-B240 Datasheet
320Kb / 7P
   Resistive Touch Panel Specification
FID-550 FUJITSU-FID-550 Datasheet
320Kb / 7P
   Resistive Touch Panel Specification
FID-550 FUJITSU-FID-550_06 Datasheet
570Kb / 7P
   STANDARD Resistive Touch Panel Specification 7-Wire Series
logo
AZ Displays
ATP0644-3 AZDISPLAYS-ATP0644-3 Datasheet
918Kb / 7P
   SPECIFICATIONS FOR STANDARD RESISTIVE TOUCH PANEL
logo
Fujitsu Component Limit...
N010-0550-T717 FUJITSU-N010-0550-T717 Datasheet
570Kb / 7P
   Resistive Touch Panel Specification FID-550 7-Wire Series
logo
Crystalfontz America, I...
CFAF480128A0-039TR CRYSTAIFONTZ-CFAF480128A0-039TR Datasheet
1Mb / 13P
   TFT DISPLAY MODULE WITH RESISTIVE TOUCH PANEL
CFAM1024600A0-070R CRYSTAIFONTZ-CFAM1024600A0-070R Datasheet
1Mb / 13P
   7??TFT HDMI DISPLAY MODULE WITH RESISTIVE TOUCH PANEL
CFAM800480A0-070R CRYSTAIFONTZ-CFAM800480A0-070R Datasheet
1Mb / 13P
   7??TFT HDMI DISPLAY MODULE WITH RESISTIVE TOUCH PANEL
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_12 Datasheet
3Mb / 70P
   Resistive Touch Screen Controller
11/29/11
logo
3M Electronics
SC802S 3M-SC802S Datasheet
131Kb / 3P
   Resistive Touch Screen Electronics
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com