Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPM1P471M100R Arkusz danych(PDF) 6 Page - Thinking Electronic Industrial Co.,Ltd

Numer części TPM1P471M100R
Szczegółowy opis  SMD CPTC Thermistor for Over-Current Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  THINKING [Thinking Electronic Industrial Co.,Ltd]
Strona internetowa  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

TPM1P471M100R Arkusz danych(HTML) 6 Page - Thinking Electronic Industrial Co.,Ltd

  TPM1P471M100R Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd TPM1P471M100R Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd TPM1P471M100R Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd TPM1P471M100R Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd TPM1P471M100R Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd TPM1P471M100R Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd TPM1P471M100R Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
CPTC Thermistor:
:TPM Type
SMD CPTC Thermistor for Over-Current Protection
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
6
www.thinking.com.tw
2011.06
All specifications are subject to change without notice
Reliability
Item
Standard
Test Conditions / Methods
Specifications
Bending Strength
IEC-60068-2-21
Warp 3mm
Speed < 0.5mm/sec.
Duration: 10 sec on PCB.
No visible damage
∣△R25/R25∣≦ 10 %
Damp Heat,
Steady State
IEC 60068-2-3
60 ± 2 ℃ , 90 ~ 95% RH , 1000± 24 HRS
No visible damage
∣△R25/R25∣≦ 20 %
High Temp. Storage
IEC 60738-1
IEC 60068-2-2
125 ± 3 ℃ , 1000 ± 24 HRS
No visible damage
∣△R25/R25∣≦ 20 %
Low Temp. Storage
Specification
Standard
-40 ± 3 ℃ , 1000 ± 24 hrs
No visible damage
∣△R25/R25∣≦ 20 %
Rapid Change of
Temperature
IEC 60068-2-14
The conditions shown below shall be repeated 5
cycles on PCB
Step
Temperature (℃)
Period
(minutes)
1
-40 ± 5
30 ± 3
2
Room temperature
5 ± 3
3
125 ± 5
30 ± 3
4
Room temperature
5 ± 3
No visible damage
∣△R25/R25∣≦ 20 %
High Temp.
Endurance Load
IEC 60738-1
60 ± 3 ℃ Vmax. , for 1.5hrs on / 0.5hrs
off ,1000 ± 24 HRS
No visible damage
∣△R25/R25∣≦ 20 %
Climatic Sequence
IEC 60738-1
a. 125℃ x 16 HRS
b. 1st cycle : 40 ℃ 95 %RH x 24 HRS
c. -40 ℃ x 2 HRS
d. 5 cycles : 40℃
95% RH x 24 HRS / Cycle
No visible damage
∣△R25/R25∣≦ 20 %
Solderability
IEC 60068-2-58
245 ± 5 ℃ , 3 ± 0.3 sec
At least 95% of terminal
electrode is covered by new
solder
Resistance to
Soldering Heat
IEC 60068-2-58
260 ± 5 ℃ , 10 ± 1 sec
No visible damage
∣△R25/R25∣≦ 20 %


Podobny numer części - TPM1P471M100R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TECH PUBLIC Electronics...
TPM1002PY3 TECHPUBLIC-TPM1002PY3 Datasheet
1Mb / 4P
   P-Channel Enhancement Mode Power MOSFET
TPM1004NS6 TECHPUBLIC-TPM1004NS6 Datasheet
1Mb / 3P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
TPM1019ND6 TECHPUBLIC-TPM1019ND6 Datasheet
1Mb / 3P
   20V N-Channel Enhancement Mode Power MOSFET
TPM1019ND6-1 TECHPUBLIC-TPM1019ND6-1 Datasheet
1Mb / 3P
   20V N-Channel Enhancement Mode Power MOSFET
TPM1019ND6-2 TECHPUBLIC-TPM1019ND6-2 Datasheet
1Mb / 3P
   20V N-Channel Enhancement Mode Power MOSFET
More results

Podobny opis - TPM1P471M100R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Thinking Electronic Ind...
TPM1S471P065RA THINKING-TPM1S471P065RA Datasheet
198Kb / 9P
   SMD CPTC Thermistor for Automotive Application
PHC08102P3B7 THINKING-PHC08102P3B7 Datasheet
46Kb / 2P
   CPTC Thermistor
PHRA1301P7A4 THINKING-PHRA1301P7A4 Datasheet
69Kb / 2P
   CPTC Thermistor
logo
KOA Speer Electronics, ...
PT722AT70CTE471 KOA-PT722AT70CTE471 Datasheet
513Kb / 2P
   ptc chip thermistor (for over-temperature protection)
logo
Rohm
BD9B301MUV-LB ROHM-BD9B301MUV-LB Datasheet
1Mb / 33P
   Over Current Protection
BD9E303EFJ-LB ROHM-BD9E303EFJ-LB Datasheet
1Mb / 31P
   Over-Current Protection
logo
Delta Electronics, Inc.
Q48SC12008 DELTA-Q48SC12008 Datasheet
387Kb / 13P
   Over-Current Protection
Q48SD12034 DELTA-Q48SD12034 Datasheet
572Kb / 25P
   Over-Current Protection
Q48SD12042 DELTA-Q48SD12042 Datasheet
583Kb / 26P
   Over-Current Protection
Q48SG12042 DELTA-Q48SG12042 Datasheet
933Kb / 26P
   Over-Current Protection
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com