Zakładka z wyszukiwarką danych komponentów |
|
TPM1S471P095R Arkusz danych(PDF) 10 Page - Thinking Electronic Industrial Co.,Ltd |
|
TPM1S471P095R Arkusz danych(HTML) 10 Page - Thinking Electronic Industrial Co.,Ltd |
10 / 11 page PTC Thermistor: : : :TPM-S Series SMD PTC Thermistor for Temperature Sensing THINKING ELECTRONIC INDUSTRIAL CO., LTD. 10 www.thinking.com.tw 2011.05 All specifications are subject to change without notice Item Standard Test Conditions / Methods Specifications Climatic Sequence IEC 60738-1 a. Tu. x 16 HRS b. 1st cycle : 40 ℃ 95 %RH x 24 HRS c. -25 ℃ x 2 HRS d. 5 cycles : 40℃ 95% RH x 24 HRS / Cycle No visible damage ∣△R25/R25∣≦ 20 % (∣△R25/R25∣≦ 30 % *1) Solderability IEC 60068-2-58 245 ± 5 ℃ , 3 ± 0.3 sec At least 95% of terminal electrode is covered by new solder Resistance to Soldering Heat IEC 60068-2-58 260 ± 5 ℃ , 10 ± 1 sec No visible damage ∣△R25/R25∣≦ 20 % (∣△R25/R25∣≦ 30 % *1) Low Temp. Storage Specification Standard TL ± 3 ℃,1000 ± 24 HRS No visible damage ∣△R25/R25∣≦ 30 % *1:Apply for TPM1S472P105R ,TPM1S103P110R , TPM1S103P120R , TPM1S103P130R , TPM1S473P130R, TPM2S103P130R only. Package Taping Specification (Unit: mm) A0 B0 W E F P1 P2 P0 D0 K0 Index Type ±0.05 ±0.12 ±0.2 ±0.1 ±0.05 ±0.1 ±0.05 ±0.1 ±0.1 ±0.1 0402 0.62 1.12 8 1.75 3.5 4 2 4 1.55 0.60 |
Podobny numer części - TPM1S471P095R |
|
Podobny opis - TPM1S471P095R |