Zakładka z wyszukiwarką danych komponentów |
|
TPM2S471P065R Arkusz danych(PDF) 9 Page - Thinking Electronic Industrial Co.,Ltd |
|
TPM2S471P065R Arkusz danych(HTML) 9 Page - Thinking Electronic Industrial Co.,Ltd |
9 / 11 page PTC Thermistor: : : :TPM-S Series SMD PTC Thermistor for Temperature Sensing THINKING ELECTRONIC INDUSTRIAL CO., LTD. 9 www.thinking.com.tw 2011.05 All specifications are subject to change without notice Recommended Pad Dimensions Size Z (mm) G (mm) X (mm) Y (mm) 0402 1.7 0.5 0.6 0.6 0603 3.0 1.0 1.0 1.0 0805 3.4 1.0 1.4 1.2 Reliability Item Standard Test Conditions / Methods Specifications Bending Strength IEC-60068-2-21 Warp 2mm Speed < 0.5mm/sec. Duration: 10 sec on PCB. No visible damage ∣△R25/R25∣≦ 10 % Damp Heat, Steady State IEC 60068-2-3 40 ± 2 ℃ , 90 ~ 95% RH , 1000± 24 HRS No visible damage ∣△R25/R25∣≦ 20 % (∣△R25/R25∣≦ 30 % *1) High Temp. Storage IEC 60738-1 IEC 60068-2-2 Tu. ± 5 ℃ , 1000 ± 24 HRS No visible damage ∣△R25/R25∣≦ 20 % (∣△R25/R25∣≦ 30 % *1) Rapid Change of Temperature IEC 60068-2-14 The conditions shown below shall be repeated 5 cycles on PCB Step Temperature (℃) Period (minutes) 1 -25 ± 5 30 ± 3 2 Room temperature 5 ± 3 3 150 ± 5 30 ± 3 4 Room temperature 5 ± 3 No visible damage ∣△R25/R25∣≦ 20 % (∣△R25/R25∣≦ 30 % *1) High Temp. Load IEC 60738-1 85 ± 5 ℃ Vmax. , 1000 ± 24 HRS No visible damage ∣△R25/R25∣≦ 20 % (∣△R25/R25∣≦ 30 % *1) Y G Z |
Podobny numer części - TPM2S471P065R |
|
Podobny opis - TPM2S471P065R |