Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LCA15C Arkusz danych(PDF) 6 Page - Protek Devices

Numer części LCA15C
Szczegółowy opis  High powered multi-line tvs array
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PROTEC [Protek Devices]
Strona internetowa  http://www.protekdevices.com
Logo PROTEC - Protek Devices

LCA15C Arkusz danych(HTML) 6 Page - Protek Devices

  LCA15C Datasheet HTML 1Page - Protek Devices LCA15C Datasheet HTML 2Page - Protek Devices LCA15C Datasheet HTML 3Page - Protek Devices LCA15C Datasheet HTML 4Page - Protek Devices LCA15C Datasheet HTML 5Page - Protek Devices LCA15C Datasheet HTML 6Page - Protek Devices LCA15C Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05003.R8 11/10
Page 6
LCA05C - LCA24C
16 Pin diP PACkAge inFoRmAtion
oRdeRing inFoRmAtion
BAse PARt numBeR
(xx = voltage)
LeAdFRee suFFiX
tAPe suFFiX
Qty/ReeL
ReeL siZe
tuBe Qty
LCAxxC
-LF
n/a
n/a
n/a
25
notes
1. Marking on Part - logo, part number, date code and pin one defined by dot on top of package.
Package outline per document number 06003.R2 9/09.
outLine dimensions
dim
miLLimeteRs
inCHes
min
mAX
min
mAX
A
18.80
19.55
0.740
0.770
B
6.35
6.85
0.250
0.270
C
7.50
7.74
0.295
0.305
D
0.21
0.38
0.008
0.015
E
10°
10°
F
0.51
1.01
0.020
0.040
G
3.69
4.44
0.145
0.175
H
2.80
3.30
0.110
0.130
I
1.02
1.77
0.040
0.070
J
1.27
1.27
0.050
0.050
K
0.39
0.53
0.015
0.021
L
2.54
2.54
0.100
0.100
notes
1. Dimensions are exclusive of mold flash and metal burrs.
2. Dimensions “J” and “L” are between centers.
A
Orientation Dot
(Pin #1)
B
C
D
16 Places
E
H
L
J
12 Places
K
16 Places
I
12 Places
F
G


Podobny numer części - LCA15C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Protek Devices
LCA15C PROTEC-LCA15C Datasheet
196Kb / 5P
   LOW CAPACITANCE TVS ARRAY
LCA15C PROTEC-LCA15C Datasheet
84Kb / 5P
   LOW CAPACITANCE TVS ARRAY
LCA15C PROTEC-LCA15C Datasheet
697Kb / 7P
   HIGH POWERED MULTI-LINE TVS ARRAY
More results

Podobny opis - LCA15C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Protek Devices
DA8 PROTEC-DA8 Datasheet
471Kb / 5P
   High powered multi-line tvs array
LCD05C PROTEC-LCD05C_11 Datasheet
770Kb / 8P
   HIGH POWERED MULTI-LINE TVS ARRAY
DA05L PROTEC-DA05L_10 Datasheet
467Kb / 5P
   High powered multi-line tvs array
DA05N PROTEC-DA05N_10 Datasheet
568Kb / 5P
   High powered multi-line tvs array
DA16 PROTEC-DA16 Datasheet
394Kb / 5P
   HIGH POWERED MULTI-LINE TVS ARRAY
DLZ-5-DLZ-30CA PROTEC-DLZ-5-DLZ-30CA Datasheet
451Kb / 5P
   High powered multi-line tvs array
DA05L PROTEC-DA05L_12 Datasheet
471Kb / 5P
   HIGH POWERED MULTI-LINE TVS ARRAY
LCA05C PROTEC-LCA05C_12 Datasheet
697Kb / 7P
   HIGH POWERED MULTI-LINE TVS ARRAY
LCD05C PROTEC-LCD05C_12 Datasheet
788Kb / 8P
   HIGH POWERED MULTI-LINE TVS ARRAY
VSIP PROTEC-VSIP Datasheet
750Kb / 7P
   High powered multi-line VSIP짰 tvs array
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com