Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

U0402FC08C Arkusz danych(PDF) 7 Page - Protek Devices

Numer części U0402FC08C
Szczegółowy opis  250w unbumped flip chip tvs array
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PROTEC [Protek Devices]
Strona internetowa  http://www.protekdevices.com
Logo PROTEC - Protek Devices

U0402FC08C Arkusz danych(HTML) 7 Page - Protek Devices

  U0402FC08C Datasheet HTML 1Page - Protek Devices U0402FC08C Datasheet HTML 2Page - Protek Devices U0402FC08C Datasheet HTML 3Page - Protek Devices U0402FC08C Datasheet HTML 4Page - Protek Devices U0402FC08C Datasheet HTML 5Page - Protek Devices U0402FC08C Datasheet HTML 6Page - Protek Devices U0402FC08C Datasheet HTML 7Page - Protek Devices U0402FC08C Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05149.R6 2/11
Page 7
U0402FC3.3C - U0402FC36C
taPe and Reel inFoRmation
10 Pitches Cumulative
Tolerance on tape ± 0.2
W
F
B0
E
P2
P0
D
P
A0
K0
T
User Direction of Feed
Top Cover
Tape
sPeCiFiCations
Reel dia.
taPe
width
a0
b0
k0
d
e
F
w
P0
P2
P
tmax
178(7”)
8
0.70 ± 0.05 1.15 ± 0.10 0.56 ± 0.05 1.55 ± 0.05 1.75 ± 0.10 3.50 ± 0.05 8.00 ± 0.20 4.00 ± 0.05 2.00 ± 0.05 2.00 ± 0.05
0.25
notes
1. Dimensions in millimeters.
2. Top view of tape. Metal contacts are face down in tape package.
3. Orientation: preferred stencil - 0.1mm (0.004”).
4. Surface mount product is taped and reeled in accordance with EIA 481.
5. 8mm plastic tape: 7” Reels - 5,000 (pocket under hole skipped) or 10,000 pieces per reel.
6. Marking on Reel - part number, date code and lot number.
taPe & Reel oRientation
Single Die - 0402
Package outline, pad layout and tape specifications per document number 06020.R5 9/09.
oRdeRing inFoRmation
base PaRt nUmbeR
(xx = voltage)
leadFRee sUFFiX
taPe sUFFiX
qty/Reel
Reel siZe
tUbe qty
U0402FCxxC
-LF
-T75-1
5,000
7”
n/a
U0402FCxxC
-LF
-T710-1
10,000
7”
n/a


Podobny numer części - U0402FC08C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Protek Devices
U0402FC08C PROTEC-U0402FC08C Datasheet
82Kb / 5P
   UNBUMPED FLIP CHIP ARRAY
U0402FC08C PROTEC-U0402FC08C Datasheet
569Kb / 8P
   250W UMBUMPED FLIP CHIP TVS ARRAY
More results

Podobny opis - U0402FC08C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Protek Devices
SFC05-5 PROTEC-SFC05-5_12 Datasheet
934Kb / 10P
   250W FLIP CHIP TVS ARRAY
P0402FC3.3C PROTEC-P0402FC3.3C_12 Datasheet
802Kb / 9P
   250W FLIP CHIP TVS ARRAY
P0404FC3.3C PROTEC-P0404FC3.3C_12 Datasheet
537Kb / 8P
   250W FLIP CHIP TVS ARRAY
P0406FC3.3C PROTEC-P0406FC3.3C_12 Datasheet
620Kb / 9P
   250W FLIP CHIP TVS ARRAY
P0402FC3.3C PROTEC-P0402FC3.3C_10 Datasheet
799Kb / 9P
   250w flip chip tvs array
P0404FC3.3C PROTEC-P0404FC3.3C_11 Datasheet
534Kb / 8P
   250w flip chip tvs array
P0408FC3.3C PROTEC-P0408FC3.3C_11 Datasheet
619Kb / 9P
   250w flip chip tvs array
P0408FC3.3C PROTEC-P0408FC3.3C_12 Datasheet
621Kb / 9P
   250W FLIP CHIP TVS ARRAY
P0406FC3.3C PROTEC-P0406FC3.3C_11 Datasheet
619Kb / 9P
   250w flip chip tvs array
SFC05-5 PROTEC-SFC05-5_10 Datasheet
932Kb / 10P
   250w flip chip tvs array
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com