Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CY7C68023 Arkusz danych(PDF) 10 Page - Cypress Semiconductor

Numer części CY7C68023
Szczegółowy opis  EZ-USB NX2LP USB 2.0 NAND Flash Controller 3.3 V NAND Flash Operation
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYPRESS [Cypress Semiconductor]
Strona internetowa  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68023 Arkusz danych(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C68023_11 Datasheet HTML 2Page - Cypress Semiconductor CY7C68023_11 Datasheet HTML 3Page - Cypress Semiconductor CY7C68023_11 Datasheet HTML 4Page - Cypress Semiconductor CY7C68023_11 Datasheet HTML 5Page - Cypress Semiconductor CY7C68023_11 Datasheet HTML 6Page - Cypress Semiconductor CY7C68023_11 Datasheet HTML 7Page - Cypress Semiconductor CY7C68023_11 Datasheet HTML 8Page - Cypress Semiconductor CY7C68023_11 Datasheet HTML 9Page - Cypress Semiconductor CY7C68023_11 Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Document #: 38-08055 Rev. *E
Revised March 29, 2011
Page 10 of 10
EZ-USB NX2LP is a trademark and EZ-USB is a registered trademark of Cypress Semiconductor Corp. All products and company names mentioned in this document may be the trademarks of their
respective holders.
CY7C68023/CY7C68024
© Cypress Semiconductor Corporation, 2004-2011. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of
any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be used for
medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its products for use as
critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress products in life-support systems
application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
Any Source Code (software and/or firmware) is owned by Cypress Semiconductor Corporation (Cypress) and is protected by and subject to worldwide patent protection (United States and foreign),
United States copyright laws and international treaty provisions. Cypress hereby grants to licensee a personal, non-exclusive, non-transferable license to copy, use, modify, create derivative works of,
and compile the Cypress Source Code and derivative works for the sole purpose of creating custom software and or firmware in support of licensee product to be used only in conjunction with a Cypress
integrated circuit as specified in the applicable agreement. Any reproduction, modification, translation, compilation, or representation of this Source Code except as specified above is prohibited without
the express written permission of Cypress.
Disclaimer: CYPRESS MAKES NO WARRANTY OF ANY KIND, EXPRESS OR IMPLIED, WITH REGARD TO THIS MATERIAL, INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTIES
OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE. Cypress reserves the right to make changes without further notice to the materials described herein. Cypress does not
assume any liability arising out of the application or use of any product or circuit described herein. Cypress does not authorize its products for use as critical components in life-support systems where
a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress’ product in a life-support systems application implies that the manufacturer
assumes all risk of such use and in doing so indemnifies Cypress against all charges.
Use may be limited by and subject to the applicable Cypress software license agreement.
Sales, Solutions, and Legal Information
Worldwide Sales and Design Support
Cypress maintains a worldwide network of offices, solution centers, manufacturer’s representatives, and distributors. To find the office
closest to you, visit us at cypress.com/sales.
Products
Automotive
cypress.com/go/automotive
Clocks & Buffers
cypress.com/go/clocks
Interface
cypress.com/go/interface
Lighting & Power Control
cypress.com/go/powerpsoc
cypress.com/go/plc
Memory
cypress.com/go/memory
Optical & Image Sensing
cypress.com/go/image
PSoC
cypress.com/go/psoc
Touch Sensing
cypress.com/go/touch
USB Controllers
cypress.com/go/USB
Wireless/RF
cypress.com/go/wireless
PSoC Solutions
psoc.cypress.com/solutions
PSoC 1 | PSoC 3 | PSoC 5
Document History Page
Description Title: CY7C68023/CY7C68024 EZ-USB NX2LP™ USB 2.0 NAND Flash Controller
Document Number: 38-08055
REV.
ECN NO. Submission
Date
Orig. of
Change
Description of Change
**
286009
SEE ECN
GIR
New Data Sheet (Preliminary Information).
*A
334796
SEE ECN
GIR
Adjusted default VID/PID; released as final.
*B
397024
SEE ECN
GIR
Changed Vcc to ±10% in DC Characteristics table.
Changed the supply voltage tolerance to ±10% in the Operating Conditions section.
Added new logo.
*C
2717536
06/11/2009
DPT
Added 56 QFN (8 X 8 mm) package diagram and added CY7C68023-56LTXC part
information in the Ordering Information table
*D
2896245
03/19/2010
CPPK
Updated ordering information and package diagrams.
*E
3208866
03/29/2011
CPPK
Updated Ordering Information.
Updated Package Diagrams.
Updated in new template.
[+] Feedback


Podobny numer części - CY7C68023_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cypress Semiconductor
CY7C68023 CYPRESS-CY7C68023_12 Datasheet
220Kb / 9P
   EZ-USB NX2LP??USB 2.0 NAND Flash Controller
More results

Podobny opis - CY7C68023_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cypress Semiconductor
CY7C68023 CYPRESS-CY7C68023_12 Datasheet
220Kb / 9P
   EZ-USB NX2LP??USB 2.0 NAND Flash Controller
CY7C68023 CYPRESS-CY7C68023_09 Datasheet
429Kb / 10P
   EZ-USB NX2LP USB 2.0 NAND Flash Controller
CY7C68023 CYPRESS-CY7C68023 Datasheet
192Kb / 9P
   EZ-USB NX2LP USB 2.0 NAND Flash Controller
CY7C68033 CYPRESS-CY7C68033 Datasheet
1Mb / 33P
   EZ-USB NX2LP-Flex??Flexible USB NAND Flash Controller
CY7C68033 CYPRESS-CY7C68033_12 Datasheet
557Kb / 40P
   EZ-USB NX2LP-Flex Flexible USB NAND Flash Controller
CY7C68033 CYPRESS-CY7C68033_09 Datasheet
1Mb / 34P
   EZ-USB NX2LP-Flex Flexible USB NAND Flash Controller
CS5954AM CYPRESS-CS5954AM Datasheet
411Kb / 44P
   USB Controller for NAND Flash
logo
ELAN Microelectronics C...
EKF5250 EMC-EKF5250 Datasheet
299Kb / 11P
   USB full speed NAND flash controller
logo
List of Unclassifed Man...
MW6208 ETC-MW6208 Datasheet
401Kb / 18P
   USB 2.0 FLASH DISK CONTROLLER
Revision 1.0 May 2007
logo
SMSC Corporation
USB97C210 SMSC-USB97C210 Datasheet
380Kb / 24P
   USB 2.0 FLASH MEDIA CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com