Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK3469-01MR Arkusz danych(PDF) 1 Page - Fuji Electric

Numer części 2SK3469-01MR
Szczegółowy opis  N-CHANNEL SILICON POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FUJI [Fuji Electric]
Strona internetowa  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2SK3469-01MR Arkusz danych(HTML) 1 Page - Fuji Electric

  2SK3469-01MR_03 Datasheet HTML 1Page - Fuji Electric 2SK3469-01MR_03 Datasheet HTML 2Page - Fuji Electric 2SK3469-01MR_03 Datasheet HTML 3Page - Fuji Electric 2SK3469-01MR_03 Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
TO-220F
Item
Symbol
Ratings
Unit
Drain-source voltage
VDS
500
Continuous drain current
ID
±14
Pulsed drain current
ID(puls]
±56
Gate-source voltage
VGS
±30
Repetitive or non-repetitive
IAR *2
14
Maximum Avalanche Energy
EAS*1
188.2
Maximum Drain-Source dV/dt
dVDS/dt *4
20
Peak Diode Recovery dV/dt
dV/dt *3
5
Max. power dissipation
PD
Ta=25°C
2.16
Tc=25°C
70
Operating and storage
Tch
+150
temperature range
Tstg
Isolation Voltage
VISO *5
2
Electrical characteristics (Tc =25°C unless otherwise specified)
Thermalcharacteristics
2SK3469-01MR
FUJI POWER MOSFET200303
N-CHANNEL SILICON POWER MOSFET
Features
High speed switching
Low on-resistance
No secondary breadown
Low driving power
Avalanche-proof
Applications
Switching regulators
UPS (Uninterruptible Power Supply)
DC-DC converters
Maximum ratings and characteristicAbsolute maximum ratings
(Tc=25°C unless otherwise specified)
Item
Symbol
Test Conditions
Zero gate voltage drain current
IDSS
VDS=500V VGS=0V
VDS=400V VGS=0V
VGS=±30V
ID=6A
VGS=10V
ID=6A
VDS=25V
VCC=300V ID=6A
VGS=10V
RGS=10
Min.
Typ.
Max.
Units
V
V
µA
nA
S
pF
nC
A
V
µs
µC
ns
Min.
Typ.
Max.
Units
Thermal resistance
Rth(ch-c)
channel to case
Rth(ch-a)
channel to ambient
1.79
58.0
°C/W
°C/W
Symbol
V(BR)DSS
VGS(th)
IGSS
RDS(on)
gfs
Ciss
Coss
Crss
td(on)
tr
td(off)
tf
QG
QGS
QGD
IAV
VSD
trr
Qrr
Item
Drain-source breakdown voltaget
Gate threshold voltage
Gate-source leakage current
Drain-source on-state resistance
Forward transcondutance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on time ton
Turn-off time toff
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
Avalanche capability
Diode forward on-voltage
Reverse recovery time
Reverse recovery charge
Test Conditions
ID=250µA
VGS=0V
ID= 250µA
VDS=VGS
Tch=25°C
Tch=125°C
VDS=0V
VDS=25V
VGS=0V
f=1MHz
VCC=250V
ID=12A
VGS=10V
L=1.76mH Tch=25°C
IF=12A VGS=0V Tch=25°C
IF=12A VGS=0V
-di/dt=100A/µs
Tch=25°C
V
A
A
V
A
mJ
kV/µs
kV/µs
W
°C
°C
kVrms
500
3.0
5.0
25
250
10
100
0.40
0.52
5.5
11
1200
1800
140
210
6.0
9.0
17
26
15
23
34
51
711
30
45
10
15
11
16.5
14
1.00
1.50
0.7
4.5
-55 to +150
Outline Drawings [mm]
*3 IF=-ID, -di/dt=50A/µs, Vcc=BVDSS, Tch=150°C *4 VDS= 500V *5 t=60sec, f=60Hz
<
<<
Equivalent circuit schematic
Gate(G)
Source(S)
Drain(D)
Super FAP-G Series
*1 L=1.76mH, Vcc=50V, See to Avalanche Energy Graph
*2 Tch=150°C
<
<


Podobny numer części - 2SK3469-01MR_03

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fuji Electric
2SK3469-01MR FUJI-2SK3469-01MR Datasheet
114Kb / 4P
   N CHANNEL SILICON POWER MOSFET
logo
Inchange Semiconductor ...
2SK3469-01MR ISC-2SK3469-01MR Datasheet
325Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - 2SK3469-01MR_03

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
2SK3597-01 SANYO-2SK3597-01 Datasheet
110Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
2SK3685-01 SANYO-2SK3685-01 Datasheet
109Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
logo
Fuji Electric
2SK1553-01MR FUJI-2SK1553-01MR Datasheet
70Kb / 2P
   N-CHANNEL SILICON POWER MOSFET
2SK1008-01 FUJI-2SK1008-01 Datasheet
130Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1014-01 FUJI-2SK1014-01 Datasheet
134Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK1019 FUJI-2SK1019 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK1020 FUJI-2SK1020 Datasheet
137Kb / 4P
   N-CHANNEL SILICON POWER MOSFET?
2SK949-MR FUJI-2SK949-MR Datasheet
132Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
logo
Panasonic Semiconductor
2SK3268 PANASONIC-2SK3268 Datasheet
71Kb / 2P
   Silicon N-channel power MOSFET
logo
Fuji Electric
2SK3526-01L FUJI-2SK3526-01L Datasheet
255Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
2SK3581-01L FUJI-2SK3581-01L Datasheet
254Kb / 4P
   N-CHANNEL SILICON POWER MOSFET
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com